Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6320CW50ARJRL7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM6320CW50ARJRL7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6320CW50ARJRL7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM6320CW50ARJRL7 Datasheet HTML 7Page - Analog Devices ADM6320CW50ARJRL7 Datasheet HTML 8Page - Analog Devices ADM6320CW50ARJRL7 Datasheet HTML 9Page - Analog Devices ADM6320CW50ARJRL7 Datasheet HTML 10Page - Analog Devices ADM6320CW50ARJRL7 Datasheet HTML 11Page - Analog Devices ADM6320CW50ARJRL7 Datasheet HTML 12Page - Analog Devices ADM6320CW50ARJRL7 Datasheet HTML 13Page - Analog Devices ADM6320CW50ARJRL7 Datasheet HTML 14Page - Analog Devices ADM6320CW50ARJRL7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Rev. F | Page 11 of 16
OPTIONS
Table 5. Reset Voltage Threshold Options
Part No.
TA = +25°C
TA = −40°C to +85°C
Unit
Min
Typ
Max
Min
Max
ADM63xxx50
4.925
5.000
5.075
4.875
5.125
V
ADM63xxx49
4.827
4.900
4.974
4.778
5.023
V
ADM63xxx48
4.728
4.800
4.872
4.680
4.920
V
ADM63xxx47
4.630
4.700
4.771
4.583
4.818
V
ADM63xxx46
4.561
4.630
4.699
4.514
4.746
V
ADM63xxx45
4.433
4.500
4.568
4.388
4.613
V
ADM63xxx44
4.314
4.390
4.446
4.270
4.490
V
ADM63xxx43
4.236
4.300
4.365
4.193
4.408
V
ADM63xxx42
4.137
4.200
4.263
4.095
4.305
V
ADM63xxx41
4.039
4.100
4.162
3.998
4.203
V
ADM63xxx40
3.940
4.00
4.060
3.900
4.100
V
ADM63xxx39
3.842
3.900
3.959
3.803
3.998
V
ADM63xxx38
3.743
3.800
3.857
3.705
3.895
V
ADM63xxx37
3.645
3.700
3.756
3.608
3.793
V
ADM63xxx36
3.546
3.600
3.654
3.510
3.690
V
ADM63xxx35
3.448
3.500
3.553
3.413
3.588
V
ADM63xxx34
3.349
3.400
3.451
3.315
3.485
V
ADM63xxx33
3.251
3.300
3.350
3.218
3.383
V
ADM63xxx32
3.152
3.200
3.248
3.120
3.280
V
ADM63xxx31
3.034
3.080
3.126
3.003
3.157
V
ADM63xxx30
2.955
3.000
3.045
2.925
3.075
V
ADM63xxx29
2.886
2.930
2.974
2.857
3.000
V
ADM63xxx28
2.758
2.800
2.842
2.730
2.870
V
ADM63xxx27
2.660
2.700
2.741
2.633
2.768
V
ADM63xxx26
2.591
2.630
2.669
2.564
2.696
V
ADM63xxx25
2.463
2.500
2.538
2.438
2.563
V
Table 6. Reset Timeout Options
Suffix
Min
Typ
Max
Unit
A
1
1.6
2
ms
B
20
30
40
ms
C
140
200
280
ms
D
1.12
1.60
2.24
sec
Table 7. Watchdog Timer Options
Suffix
Min
Typ
Max
Unit
W
4.3
6.3
9.3
ms
X
71
102
153
ms
Y
1.12
1.6
2.24
sec
Z
17.9
25.6
38.4
sec


Similar Part No. - ADM6320CW50ARJRL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6320CW33-ARJZ-R7 AD-ADM6320CW33-ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results

Similar Description - ADM6320CW50ARJRL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319 AD-ADM6319_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6321 AD-ADM6321_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com