Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2303BDS-3 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2303BDS-3
Description  P-Channel Enhancement MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2303BDS-3 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2303BDS-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2303BDS-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2303BDS-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2303BDS-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2303BDS-3 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
P-Channel Enhancement MOSFET
SI2303BDS (KI2303BDS)
Typical Characterisitics
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
0
2
4
6
8
10
0
1
2
3
4
5
0
50
100
150
200
250
300
0
5
10
15
20
25
30
0.0
0.2
0.4
0.6
0.8
0
2
4
6
8
10
0
2
4
6
8
10
0
2
4
6
8
10
0
2
4
6
8
10
0
1
2
3
4
5
6
7
On-Resistance vs. Drain Current
s
c
it
s
ir
e
t
c
a
r
a
h
C
r
e
f
s
n
a
r
T
s
c
it
s
ir
e
t
c
a
r
a
h
C
t
u
p
t
u
O
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
TC = -55 C
125 C
5 V
VGS = 10 thru 6 V
2, 3 V
4 V
Gate Charge
Qg - Total Gate Charge (nC)
VDS - Drain-to-Source Voltage (V)
Crss
Coss
Ciss
VDS = 15 V
ID = 1.7 A
ID - Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
VGS = 10 V
ID = 1.7 A
TJ - Junction Temperature ( C)
VGS = 10 V
VGS = 4.5 V
25 C


Similar Part No. - SI2303BDS-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2303BDS-HF KEXIN-SI2303BDS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI2303BDS-HF-3 KEXIN-SI2303BDS-HF-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Vishay Siliconix
SI2303BDS-T1 VISHAY-SI2303BDS-T1 Datasheet
215Kb / 9P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 24-Mar-08
SI2303BDS-T1-E3 VISHAY-SI2303BDS-T1-E3 Datasheet
215Kb / 9P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 24-Mar-08
logo
VBsemi Electronics Co.,...
SI2303BDS-T1-GE3 VBSEMI-SI2303BDS-T1-GE3 Datasheet
496Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - SI2303BDS-3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
   P-Channel Enhancement MOSFET
SMS2305R SECOS-SMS2305R Datasheet
846Kb / 4P
   P-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
   P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
   P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com