Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP244 Datasheet(PDF) 2 Page - Intersil Corporation

Part # IRFP244
Description  15A and 14A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP244 Datasheet(HTML) 2 Page - Intersil Corporation

  IRFP244 Datasheet HTML 1Page - Intersil Corporation IRFP244 Datasheet HTML 2Page - Intersil Corporation IRFP244 Datasheet HTML 3Page - Intersil Corporation IRFP244 Datasheet HTML 4Page - Intersil Corporation IRFP244 Datasheet HTML 5Page - Intersil Corporation IRFP244 Datasheet HTML 6Page - Intersil Corporation IRFP244 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
5-2
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
IRFP244
IRFP245
IRFP246
IRFP247
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . VDS
250
250
275
275
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . .VDGR
250
250
275
275
V
Continuous Drain Current. . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
15
14
15
14
A
TC = 100
oC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
D
9.7
8.8
9.7
8.8
A
Pulsed Drain Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . IDM
60
56
60
56
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
±20
±20
±20
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . PD
150
150
150
150
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.2
1.2
1.2
1.2
W/oC
Single Pulse Avalanche Energy Rating (Note 4) . . . . . . . . . EAS
550
550
550
550
mJ
Operating and Storage Temperature . . . . . . . . . . . . . TJ, TSTG
-55 to 150
-55 to 150
-55 to 150
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . Tpkg
300
260
300
260
300
260
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250µA (Figure 10)
IRFP244, IRFP245
250
-
-
V
IRFP246, IRFP247
275
-
-
V
Gate to Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250µA
2.0
-
4.0
V
Zero-Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
25
µA
VDS = 0.8 x Rated BVDSS, VGS = 0V
TJ = 125
oC
-
-
250
µA
On-State Drain Current (Note 2)
ID(ON)
VDS > ID(ON) x rDS(ON)MAX, VGS = 10V
(Figure 7)
IRFP244, IRFP246
15
-
-
A
IRFP245, IRFP247
14
-
-
A
Gate to Source Leakage
IGSS
VGS = ±20V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
VGS = 10V, ID = 10A (Figures 8, 9)
IRFP244, IRFP246
-
0.20
0.28
IRFP245, IRFP247
-
0.24
0.34
Forward Transconductance (Note 2)
gfs
VDS ≥ 50V, ID = 10A (Figure 12)
6.7
11
-
S
Turn-On Delay Time
td(ON)
VDD = 125V, ID ≈ 15A, RG = 9.1Ω, VGS = 10V,
RL = 8Ω (Figures 17, 18) MOSFET Switching
Times are Essentially Independent of
Operating Temperature
-16
24
ns
Rise Time
tr
-
67
100
ns
Turn-Off Delay Time
td(OFF)
-53
80
ns
Fall Time
tf
-49
74
ns
Total Gate Charge
(Gate to Source + Gate to Drain)
Qg(TOT)
VGS = 10V, ID = 15A, VDS = 0.8 x Rated
BVDSS, IG(REF) = 1.5mA (Figures 14, 19, 20)
Gate charge is Essentially Independent of
Operating Temperature
-39
59
nC
Gate to Source Charge
Qgs
-
6.6
-
nC
Gate to Drain “Miller” Charge
Qgd
-20
-
nC
IRFP244, IRFP245, IRFP246, IRFP247


Similar Part No. - IRFP244

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP244 IRF-IRFP244 Datasheet
167Kb / 6P
   Power MOSFET(Vdss=250V, Rds(on)=0.28ohm, Id=15A)
logo
Vishay Siliconix
IRFP244 VISHAY-IRFP244 Datasheet
856Kb / 8P
   Power MOSFET
S-Pending-Rev. A, 24-Jun-08
logo
Inchange Semiconductor ...
IRFP244 ISC-IRFP244 Datasheet
67Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP244 VISHAY-IRFP244 Datasheet
940Kb / 11P
   Power MOSFET
09-Jul-2021
IRFP244 VISHAY-IRFP244 Datasheet
267Kb / 10P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFP244

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF244 INTERSIL-IRF244 Datasheet
70Kb / 7P
   14A and 13A, 275V and 250V, 0.28 and 0.34 Ohm, N-Channel Power MOSFETs
IRF234 INTERSIL-IRF234 Datasheet
69Kb / 7P
   8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
January 1998
logo
MagnaChip Semiconductor...
MDP14N25C MGCHIP-MDP14N25C Datasheet
846Kb / 6P
   N-Channel MOSFET 250V, 14A, 0.28(ohm)
logo
Intersil Corporation
IRF646 INTERSIL-IRF646 Datasheet
60Kb / 7P
   14A, 275V, 0.280 Ohm, N-Channel Power MOSFET
RFP15N05L INTERSIL-RFP15N05L Datasheet
40Kb / 5P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
Fairchild Semiconductor
RFP15N05L FAIRCHILD-RFP15N05L Datasheet
354Kb / 6P
   15A, 50V and 60V, 0.140 Ohm, Logic Level N-Channel Power MOSFETs
logo
MagnaChip Semiconductor...
MDD14N25C MGCHIP-MDD14N25C Datasheet
844Kb / 6P
   N-Channel MOSFET 250V, 10.2A, 0.28(ohm)
logo
Fairchild Semiconductor
RFD14N05 FAIRCHILD-RFD14N05 Datasheet
157Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
RFD14N05SM FAIRCHILD-RFD14N05SM Datasheet
220Kb / 8P
   14A, 50V, 0.100 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF530 NJSEMI-IRF530 Datasheet
153Kb / 3P
   14A, 100V, 0.160 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com