Electronic Components Datasheet Search |
|
ADM6317BZ25ARJZRL7 Datasheet(PDF) 5 Page - Analog Devices |
|
ADM6317BZ25ARJZRL7 Datasheet(HTML) 5 Page - Analog Devices |
5 / 16 page Data Sheet ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322 Rev. F | Page 5 of 16 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameter Rating VCC −0.3 V to +6 V RESET (ADM6320, ADM6321, ADM6322) −0.3 V to +6 V All Other Pins −0.3 V to (VCC + 0.3 V) Output Current (RESET, RESET) 20 mA Operating Temperature Range −40°C to +85°C Storage Temperature Range −65°C to +125°C θJA Thermal Impedance, SOT-23 270°C/W Lead Temperature Soldering (10 sec) 300°C Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Similar Part No. - ADM6317BZ25ARJZRL7 |
|
Similar Description - ADM6317BZ25ARJZRL7 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |