Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP9140 Datasheet(PDF) 2 Page - Intersil Corporation

Part # IRFP9140
Description  19A, 100V, 0.200 Ohm, P-Channel Power MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFP9140 Datasheet(HTML) 2 Page - Intersil Corporation

  IRFP9140 Datasheet HTML 1Page - Intersil Corporation IRFP9140 Datasheet HTML 2Page - Intersil Corporation IRFP9140 Datasheet HTML 3Page - Intersil Corporation IRFP9140 Datasheet HTML 4Page - Intersil Corporation IRFP9140 Datasheet HTML 5Page - Intersil Corporation IRFP9140 Datasheet HTML 6Page - Intersil Corporation IRFP9140 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
4-58
Absolute Maximum Ratings
TC = 25
oC, Unless Otherwise Specified
IRFP9140
UNITS
Drain to Source Voltage (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
-100
V
Drain to Gate Voltage (RGS = 20kΩ) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
-100
V
Continuous Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ID
TC =100
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . I
DM
-19
-12
A
A
Pulsed Drain (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
-76
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VGS
±20
V
Maximum Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PD
150
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
1.2
W/oC
Single Pulse Avalanche Energy Rating . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Eas
960
mJ
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ,TSTG
-55 to 150
oC
Maximum Temperature for Soldering
Leads at 0.063in (1.6mm) from Case for 10s . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
Package Body for 10s, See Techbrief 334 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Tpkg
300
260
oC
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1. TJ = 25
oC to 125oC.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
VGS = 0V, ID = -250µA, (Figure 10)
-100
-
-
V
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = -250µA
-2.0
-
-4.0
V
Zero Gate Voltage Drain Current
IDSS
VDS = Rated BVDSS, VGS = 0V
-
-
25
µA
VDS = 0.8 x Rated BVDSS, VGS = 0V, TJ = 125
oC
-
-
250
µA
On-State Drain Current (Note 2)
ID(ON)
VDS > ID(ON) x rDS(ON) MAX,VGS = -10V
-19
-
-
A
Gate to Source Leakage Current
IGSS
VGS = ±20V
-
-
±100
nA
Drain to Source On Resistance (Note 2)
rDS(ON)
VGS = -10V, ID = -10A, (Figures 8, 9)
-
0.14
0.20
Forward Transconductance (Note 2)
gfs
VDS ≤ -50V, ID = -10A, (Figure 12)
5.3
7.9
-
S
Turn-On Delay Time
td(ON)
VDD = -50V, ID ≈ -19A, RG = 9.1Ω, RL = 2.5Ω,
VGS = -10V, (Figures 17, 18)
MOSFET Switching Times Are Essentially Indepen-
dent of Operating Temperature
-
16
20
ns
Rise Time
tr
-
65
100
ns
Turn-Off Delay Time
td(OFF)
-47
70
ns
Fall Time
tf
-28
70
ns
Total Gate Charge
(Gate to Source + Gate to Drain)
Qg(TOT)
VGS = -10V, ID = -19A, VDS = 0.8 x Rated BVDSS,
IG(REF) = -1.5mA (Figures 14, 19, 20)
Gate Charge is Essentially Independent of Operating
Temperature
-37
55
nC
Gate to Source Charge
Qgs
-
8.7
-
nC
Gate to Drain “Miller” Charge
Qgd
-22-
nC
Input Capacitance
CISS
VGS = 0V, VDS = -25V, f = 1.0MHz, (Figure 11)
-
1200
-
pF
Output Capacitance
COSS
-
570
-
pF
Reverse Transfer Capacitance
CRSS
-
160
-
pF
Internal Drain Inductance
LD
Measured Between Contact
Screw on Header That Is
Closer to Source and Gate
Pins and Center of Die
Modified MOSFET
Symbol Showing the In-
ternal Device Induc-
tances
-
5.0
-
nH
Internal Source Inductance
LS
Measured From the Source
Pin, 6mm (0.25in) From
Header and Source Bond-
ing Pad
-13-
nH
Junction to Case
RθJC
-
-
0.83
oC/W
Junction to Ambient
RθJA
Free Air Operation
-
-
30
0C/W
LS
LD
G
D
S
IRFP9140


Similar Part No. - IRFP9140

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRFP9140 SAMSUNG-IRFP9140 Datasheet
508Kb / 12P
   P-CHANNEL POWER MOSFETS
IRFP9140 SAMSUNG-IRFP9140 Datasheet
381Kb / 6P
   P-CHANNEL POWER MOSFETS
logo
Vishay Siliconix
IRFP9140 VISHAY-IRFP9140 Datasheet
1Mb / 8P
   Power MOSFET
S-Pending-Rev. A, 26-Jun-08
logo
Inchange Semiconductor ...
IRFP9140 ISC-IRFP9140 Datasheet
273Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Vishay Siliconix
IRFP9140 VISHAY-IRFP9140 Datasheet
757Kb / 11P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRFP9140

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9140 INTERSIL-IRF9140 Datasheet
59Kb / 7P
   -19A, -100V, 0.200 Ohm, P-Channel Power MOSFET
IRF9540 INTERSIL-IRF9540 Datasheet
59Kb / 7P
   19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs
logo
Unisonic Technologies
UTT18P10 UTC-UTT18P10 Datasheet
243Kb / 6P
   100V, 19A P-CHANNEL POWER MOSFET
logo
Intersil Corporation
BUZ21 INTERSIL-BUZ21 Datasheet
46Kb / 6P
   19A, 100V, 0.100 Ohm, N-Channel Power MOSFET
October 1998
IRF9150 INTERSIL-IRF9150 Datasheet
57Kb / 7P
   -25A, -100V, 0.150 Ohm, P-Channel Power MOSFET
IRF9520 INTERSIL-IRF9520 Datasheet
57Kb / 7P
   6A, 100V, 0.600 Ohm, P-Channel Power MOSFET
IRF9130 INTERSIL-IRF9130 Datasheet
58Kb / 7P
   -12A, -100V, 0.30 Ohm, P-Channel Power MOSFET
IRFD9110 INTERSIL-IRFD9110 Datasheet
54Kb / 6P
   0.7A, 100V, 1.200 Ohm, P-Channel Power MOSFET
IRFD9120 INTERSIL-IRFD9120 Datasheet
52Kb / 6P
   1.0A, 100V, 0.6 Ohm, P-Channel Power MOSFET
July 1999
IRF9510 INTERSIL-IRF9510 Datasheet
59Kb / 7P
   3.0A, 100V, 1.200 Ohm, P-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com