Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1610 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP1610
Description  1.2 MHz DC-to-DC Step-Up Switching Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1610 Datasheet(HTML) 5 Page - Analog Devices

  ADP1610_15 Datasheet HTML 1Page - Analog Devices ADP1610_15 Datasheet HTML 2Page - Analog Devices ADP1610_15 Datasheet HTML 3Page - Analog Devices ADP1610_15 Datasheet HTML 4Page - Analog Devices ADP1610_15 Datasheet HTML 5Page - Analog Devices ADP1610_15 Datasheet HTML 6Page - Analog Devices ADP1610_15 Datasheet HTML 7Page - Analog Devices ADP1610_15 Datasheet HTML 8Page - Analog Devices ADP1610_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADP1610
Rev. A | Page 5 of 20
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
COMP 1
FB 2
SD 3
GND 4
SS
8
RT
7
IN
6
SW
5
ADP1610
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
COMP
Compensation Input. Connect a series resistor-capacitor network from COMP to GND to compensate the
regulator.
2
FB
Output Voltage Feedback Input. Connect a resistive voltage divider from the output voltage to FB to set the
regulator output voltage.
3
SD
Shutdown Input. Drive SD low to shut down the regulator; drive SD high to turn it on.
4
GND
Ground.
5
SW
Switching Output. Connect the power inductor from the input voltage to SW and connect the external rectifier
from SW to the output voltage to complete the step-up converter.
6
IN
Main Power Supply Input. IN powers the ADP1610 internal circuitry. Connect IN to the input source voltage.
Bypass IN to GND with a 10 μF or greater capacitor as close to the ADP1610 as possible.
7
RT
Frequency Setting Input. RT controls the switching frequency. Connect RT to GND to program the oscillator to 700 kHz,
or connect RT to IN to program the oscillator to 1.2 MHz.
8
SS
Soft Start Timing Capacitor Input. A capacitor from SS to GND brings up the output slowly at power-up.


Similar Part No. - ADP1610_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1610ARMZ-R7 AD-ADP1610ARMZ-R7 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
More results

Similar Description - ADP1610_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1610 AD-ADP1610 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
ADP1611 AD-ADP1611 Datasheet
743Kb / 20P
   20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
ADP1611 AD-ADP1611_15 Datasheet
751Kb / 20P
   20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
logo
Texas Instruments
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com