Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1610 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP1610
Description  1.2 MHz DC-to-DC Step-Up Switching Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1610 Datasheet(HTML) 2 Page - Analog Devices

  ADP1610_15 Datasheet HTML 1Page - Analog Devices ADP1610_15 Datasheet HTML 2Page - Analog Devices ADP1610_15 Datasheet HTML 3Page - Analog Devices ADP1610_15 Datasheet HTML 4Page - Analog Devices ADP1610_15 Datasheet HTML 5Page - Analog Devices ADP1610_15 Datasheet HTML 6Page - Analog Devices ADP1610_15 Datasheet HTML 7Page - Analog Devices ADP1610_15 Datasheet HTML 8Page - Analog Devices ADP1610_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADP1610
Rev. A | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
General Description ......................................................................... 1
Functional Block Diagram .............................................................. 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Absolute Maximum Ratings............................................................ 4
ESD Caution.................................................................................. 4
Pin Configuration and Function Descriptions............................. 5
Typical Performance Characteristics ............................................. 6
Theory of Operation ...................................................................... 10
Current Mode PWM Operation............................................... 10
Frequency Selection ................................................................... 10
Soft Start ...................................................................................... 10
On/Off Control........................................................................... 10
Setting the Output Voltage........................................................ 10
Inductor Selection ...................................................................... 10
Choosing the Input and Output Capacitors ........................... 11
Diode Selection........................................................................... 13
Loop Compensation .................................................................. 13
Soft Start Capacitor .................................................................... 14
Application Circuits ................................................................... 15
DC-to-DC Step-Up Switching Converter with True
Shutdown..................................................................................... 15
TFT LCD Bias Supply ................................................................ 15
Sepic Power Supply .................................................................... 16
Layout Procedure ........................................................................... 17
Outline Dimensions ....................................................................... 18
Ordering Guide .......................................................................... 18
REVISION HISTORY
9/08—Rev. 0 to Rev. A
Changes to Table 4.......................................................................... 11
Changes to Table 5.......................................................................... 14
10/04—Revision 0: Initial Version


Similar Part No. - ADP1610_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1610ARMZ-R7 AD-ADP1610ARMZ-R7 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
More results

Similar Description - ADP1610_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1610 AD-ADP1610 Datasheet
948Kb / 16P
   1.2 MHz DC-DC Step-Up Switching Converter
REV. 0
ADP1611 AD-ADP1611 Datasheet
743Kb / 20P
   20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
ADP1611 AD-ADP1611_15 Datasheet
751Kb / 20P
   20 V,1.2 MHz Step-Up DC-to-DC Switching Converter
REV. 0
logo
Texas Instruments
TPS61085 TI1-TPS61085_17 Datasheet
1Mb / 30P
[Old version datasheet]   650-kHz,1.2-MHz, 18.5-V Step-Up DC-DC Converter
TPS61085-Q1 TI1-TPS61085-Q1 Datasheet
794Kb / 22P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085T TI1-TPS61085T Datasheet
874Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61087 TI-TPS61087 Datasheet
928Kb / 25P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085 TI-TPS61085 Datasheet
731Kb / 23P
[Old version datasheet]   650 kHz/1.2 MHz, 18.5 V STEP-UP DC-DC CONVERTER
TPS61085T TI-TPS61085T_15 Datasheet
1Mb / 26P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
TPS61085-Q1 TI-TPS61085-Q1_15 Datasheet
779Kb / 24P
[Old version datasheet]   650-kHz/1.2-MHz 18.5-V STEP-UP DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com