Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3020 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3020
Description  High-Efficiency Notebook Computer Power Supply Controller
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3020 Datasheet(HTML) 4 Page - Analog Devices

  ADP3020_15 Datasheet HTML 1Page - Analog Devices ADP3020_15 Datasheet HTML 2Page - Analog Devices ADP3020_15 Datasheet HTML 3Page - Analog Devices ADP3020_15 Datasheet HTML 4Page - Analog Devices ADP3020_15 Datasheet HTML 5Page - Analog Devices ADP3020_15 Datasheet HTML 6Page - Analog Devices ADP3020_15 Datasheet HTML 7Page - Analog Devices ADP3020_15 Datasheet HTML 8Page - Analog Devices ADP3020_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
ADP3020
–4–
REV. 0
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1
CS5
Current Sense Input for top N-Channel MOSFET of the 5 V Buck Converter. Connect to the drain of
the top N-channel MOSFET.
2
FB5
Feedback Input for the 5 V Buck Converter. Connect to the output sense point in fixed output mode.
Connect to an external resistor divider in adjustable output mode.
3
EAN5
Inverting Input of the Error Amplifier of the 5 V Buck Converter. Use for external loop compensation
only in fixed output mode. In adjustable output mode, connect to an external resistor divider.
4
EAO5
Error Amplifier Output for the 5 V Buck Converter.
5
ADJ/FX5
TTL Logic Input. When ADJ/FX5 = 0 V, fixed output mode, connect FB5 to the output sense point.
When ADJ/FX5 = 5 V, adjustable output mode, connect FB5 to the external resistor divider.
6
SS5
Soft Start for the 5 V Buck Converter. Also used as an ON/OFF Pin.
7
CLSET5
Current Limit Setting. A resistor can be connected from AGND to CLSET5. A minimum current
limit is obtained by leaving it unconnected. A max current limit is obtained by connecting it to AGND.
8
REF
1.2 V Bandgap Reference. Bypass it with a capacitor (1 nF typical) to AGND. REF cannot be used
directly with an external load.
9
AGND
Analog Signal Ground.
10
CLSET3
Current Limit Setting. A resistor can be connected from AGND to CLSET3. A minimum current
limit is obtained by leaving it unconnected. A max current limit is obtained by connecting it to AGND.
11
MODE
TTL Logic Input. MODE = 5 V, always in constant frequency PWM mode; MODE = 0 V, PWM
mode at moderate and heavy loads, and Power Saving (PSV) Mode at light load.
12
SYNC
Oscillator Synchronization and Frequency Select. fOSC = 200 kHz, when SYNC = 0 V; fOSC = 300 kHz, if
SYNC is tied to the REF Pin; fOSC = 400 kHz, when SYNC = 5 V. Oscillator can be synchronized with an
external source through the SYNC Pin.
13
SS3
Soft Start for the 3.3 V Buck Converter. Also used as an ON/OFF Pin
14
ADJ/FX3
TTL Logic Input. When ADJ/FX3 = 0 V, fixed output mode, connect FB3 to the output sense point.
When ADJ/FX3 = 5 V, adjustable output mode, connect FB3 to external resistor divider.
15
EAO3
Error Amplifier Output for the 3.3 V Buck Converter.
16
EAN3
Error Amplifier Inverting Input of the 3.3 V Buck Converter. Use for external loop compensation only in
fixed output mode. In adjustable output mode, connect to an external resistor divider.
17
FB3
Feedback Input for the 3.3 V Buck Converter. Connect to output sense point in fixed output mode.
Connect to an external resistor divider in adjustable output mode.
18
CS3
Current Sense Input for Top N-Channel MOSFET of the 3.3 V Buck Converter. It should be con-
nected to the drain of the N-channel MOSFET.
19
PFI
The (–) Input of a comparator that can be used as a power fail detector. The positive input is connected
to the 1.20 V reference. There is a 24 mV hysteresis for this comparator.
20
PFO
Open Drain Output. This pin will sink current when the PFI pin is lower than 1.20 V. Otherwise, PFO
is floating.
21
PWRGD
Power Good Output. PWRGD goes low with no delay, whenever the 5 V output drops 8% below its
nominal value. When the 5 V output is within –4% of its nominal value, PWRGD will be released after a
time delay determined by the timing capacitor on the CPOR pin.
22
CPOR
Connect a capacitor between CPOR and AGND to set the delay time for the PWRGD pin. A 2.5
µA
pull-up current is used to charge the capacitor. A manual reset (MR) function can also be implemented
by grounding this pin.
23
SD2
Shutdown input for the Linear Regulator Controller.
24
FB2
Feedback for the Linear Regulator Controller.
25
DRV2
Open Collector Output for the Linear Regulator Controller.
26
BST3
Boost Capacitor Connection for High Side Gate Driver of the 3.3 V Buck Converter.
27
DRVH3
High Side Gate Driver for 3.3 V Buck Converter.
28
SW3
Switching Node (Inductor) Connection of the 3.3 V Buck Converter.
29
DRVL3
Low Side Gate Driver of 3.3 V Buck Converter.
30
VIN
Main Supply Input (4.5 V to 25 V).


Similar Part No. - ADP3020_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3020ARU AD-ADP3020ARU Datasheet
304Kb / 22P
   High-Efficiency Notebook Computer Power Supply Controller
REV. 0
More results

Similar Description - ADP3020_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3020 AD-ADP3020 Datasheet
304Kb / 22P
   High-Efficiency Notebook Computer Power Supply Controller
REV. 0
ADP3026 AD-ADP3026 Datasheet
737Kb / 19P
   High-Efficiency Notebook Computer Power Supply Controller
REV. PrB 3/12/02
logo
Richtek Technology Corp...
RT8205L RICHTEK-RT8205L Datasheet
405Kb / 26P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223P RICHTEK-RT8223P Datasheet
311Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223N RICHTEK-RT8223N Datasheet
370Kb / 23P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8223L RICHTEK-RT8223L Datasheet
397Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computer
RT8206L RICHTEK-RT8206L Datasheet
469Kb / 27P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8239A RICHTEK-RT8239A Datasheet
385Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
RT8243A RICHTEK-RT8243A Datasheet
319Kb / 24P
   High Efficiency, Main Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL6232 RENESAS-ISL6232 Datasheet
1Mb / 25P
   High Efficiency System Power Supply Controller for Notebook Computers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com