Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR9110 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IRFR9110
Description  3.1A, 100V, 1.200 Ohm, P-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFR9110 Datasheet(HTML) 4 Page - Intersil Corporation

  IRFR9110 Datasheet HTML 1Page - Intersil Corporation IRFR9110 Datasheet HTML 2Page - Intersil Corporation IRFR9110 Datasheet HTML 3Page - Intersil Corporation IRFR9110 Datasheet HTML 4Page - Intersil Corporation IRFR9110 Datasheet HTML 5Page - Intersil Corporation IRFR9110 Datasheet HTML 6Page - Intersil Corporation IRFR9110 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4-80
FIGURE 6. UNCLAMPED INDUCTIVE SWITCHING
FIGURE 7. SATURATION CHARACTERISTICS
FIGURE 8. TRANSFER CHARACTERISTICS
FIGURE 9. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 10. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 11. NORMALIZED GATE THRESHOLD VOLTAGE vs
JUNCTION TEMPERATURE
Typical Performance Curves Unless Otherwise Specified (Continued)
-10
-7.75
-1
0.01
0.1
1
10
EAS = 140mJ
CONDITIONS:
VDD = -25V, IAS = -3.1A,
L = 21mH, STARTING TJ = 25
oC
STARTING TJ = 150
oC
STARTING TJ = 25
oC
If R = 0
tAV = (L) (IAS) / (1.3 RATED BVDSS - VDD)
tAV = (L/R) In [(IAS * R) / (1.3 RATED BVDSS - VDD +1]
TAV, TIME IN AVALANCHE (ms)
If R
≠ 0
0
0
-2
-4
-6
-8
-10
VDS, DRAIN TO SOURCE VOLTAGE (V)
-1
-2
-3
-4
-5
-6
VGS = -5V
VGS = -6V
VGS = -8V
VGS = -7V
VGS = -10V
VGS = -4.5V
VGS = -20V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
TC = 25
oC
0
-2-4-6
VGS, GATE TO SOURCE VOLTAGE (V)
0
-55oC
150oC
25oC
-4
-6
-10
-8
-8
-10
-2
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VDD = -15V
TJ, JUNCTION TEMPERATURE (
oC)
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
160
VGS = VDS, ID = -250µA
2.5
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
180
TJ, JUNCTION TEMPERATURE (
oC)
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = -10V, ID = -3.1A
TJ, JUNCTION TEMPERATURE (
oC)
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
160
VGS = VDS, ID = -250µA
IRFR9110, IRFU9110


Similar Part No. - IRFR9110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR9110 IRF-IRFR9110 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A)
logo
Vishay Siliconix
IRFR9110 VISHAY-IRFR9110 Datasheet
1Mb / 8P
   Power MOSFET
S-81392-Rev. A, 07-Jul-08
logo
Kersemi Electronic Co.,...
IRFR9110 KERSEMI-IRFR9110 Datasheet
3Mb / 7P
   Power MOSFET
IRFR9110 KERSEMI-IRFR9110 Datasheet
3Mb / 7P
   Power MOSFET
IRFR9110 KERSEMI-IRFR9110 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating
More results

Similar Description - IRFR9110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFD9110 INTERSIL-IRFD9110 Datasheet
54Kb / 6P
   0.7A, 100V, 1.200 Ohm, P-Channel Power MOSFET
IRF9510 INTERSIL-IRF9510 Datasheet
59Kb / 7P
   3.0A, 100V, 1.200 Ohm, P-Channel Power MOSFET
logo
Fairchild Semiconductor
IRFD9110 FAIRCHILD-IRFD9110 Datasheet
93Kb / 7P
   0.7A, 100V, 1.200 Ohm, P-Channel Power MOSFET
logo
Intersil Corporation
RFL1N08 INTERSIL-RFL1N08 Datasheet
30Kb / 4P
   1A, 80V and 100V, 1.200 Ohm, N-Channel, Power MOSFETs
IRFR9120 INTERSIL-IRFR9120 Datasheet
73Kb / 7P
   5.6A, 100V, 0.600 Ohm, P-Channel Power MOSFETs
IRF9540 INTERSIL-IRF9540 Datasheet
59Kb / 7P
   19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
   12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
IRFR320 INTERSIL-IRFR320 Datasheet
55Kb / 7P
   3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs
RFL1N10L INTERSIL-RFL1N10L Datasheet
29Kb / 5P
   1A, 100V, 1.200 Ohm, Logic Level, N-Channel Power MOSFET
FRE9160D INTERSIL-FRE9160D Datasheet
49Kb / 6P
   30A, -100V, 0.095 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com