Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR9110 Datasheet(PDF) 6 Page - Intersil Corporation

Part # IRFR9110
Description  3.1A, 100V, 1.200 Ohm, P-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFR9110 Datasheet(HTML) 6 Page - Intersil Corporation

  IRFR9110 Datasheet HTML 1Page - Intersil Corporation IRFR9110 Datasheet HTML 2Page - Intersil Corporation IRFR9110 Datasheet HTML 3Page - Intersil Corporation IRFR9110 Datasheet HTML 4Page - Intersil Corporation IRFR9110 Datasheet HTML 5Page - Intersil Corporation IRFR9110 Datasheet HTML 6Page - Intersil Corporation IRFR9110 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
4-82
PSPICE Electrical Model
.SUBCKT IRFU9220 2 1 3
REV 9/6/94
CA 12 8 723e-12
CB 15 14 733e-12
CIN 6 8 517e-12
DBODY 5 7 DBDMOD
DBREAK 5 11 DBKMOD
DPLCAP 10 6 DPLCAPMOD
EBREAK 7 11 17 18 -244.4
EDS 14 8 5 8 1
EGS 13 8 6 8 1
ESG 5 10 8 6 1
EVTO 20 6 8 18 1
IT 8 17 1
LDRAIN 2 5 1e-9
LGATE 1 9 2.609e-9
LSOURCE 3 7 2.609e-9
MOS1 16 6 8 8 MOSMOD M=0.99
MOS2 16 21 8 8 MOSMOD M=0.01
RBREAK 17 18 RBKMOD 1
RDRAIN 50 16 RDSMOD 1.194
RGATE 9 20 2.17
RIN 6 8 1e9
RLDRAIN 2 5 10
RLGATE 1 9 26.09
RLSOURCE 3 7 26.09
RSCL1 5 51 RSCLMOD 1e-6
RSCL2 5 50 1e3
RSOURCE 8 7 RDSMOD 90.1e-3
RVTO 18 19 RVTOMOD 1
S1A 6 12 13 8 S1AMOD
S1B 13 12 13 8 S1BMOD
S2A 6 15 14 13 S2AMOD
S2B 13 15 14 13 S2BMOD
VBAT 8 19 DC 1
VTO 21 6 -0.77
ESCL 51 50 VALUE={(V(5,51)/ABS(V(5,51)))*(PWR(V(5,51)*1e6/4.6,6))}
.MODEL DBDMOD D (IS=2.56e-14 RS=8.09e-2 TRS1=-2.45e-3 TRS2=-1.33e-5 CJO=4.21e-10 TT=1.17e-7)
.MODEL DBKMOD D (RS=5.07 TRS1=-1.05e-3 TRS2=1.28e-5)
.MODEL DPLCAPMOD D (CJO=170e-12 IS=1e-30 N=10)
.MODEL MOSMOD PMOS (VTO=-3.58 KP=1.38 IS=1e-30 N=10 TOX=1 L=1u W=1u)
.MODEL RBKMOD RES (TC1=1.1e-3 TC2=-2.73e-6)
.MODEL RDSMOD RES (TC1=6.95e-3 TC2=2.23e-5)
.MODEL RSCLMOD RES (TC1=2.40e-3 TC2=-1.5e-5)
.MODEL RVTOMOD RES (TC1=-3.27e-3 TC2=-1.33e-6)
.MODEL S1AMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=5.29 VOFF=3.29)
.MODEL S1BMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=3.29 VOFF=5.29)
.MODEL S2AMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=0.1 VOFF=-4.9)
.MODEL S2BMOD VSWITCH (RON=1e-5 ROFF=0.1 VON=-4.9 VOFF=0.1)
.ENDS
NOTE: For further discussion of the PSPICE model, consult A New PSPICE Sub-Circuit for the Power MOSFET Featuring Global Temperature
Options; written by William J. Hepp and C. Frank Wheatley.
1
GATE
LGATE
DBREAK
DBODY
LDRAIN
DRAIN
RSOURCE
LSOURCE
SOURCE
DPLCAP
10
11
7
3
2
RLGATE
RLDRAIN
RLSOURCE
CA
RBREAK
RVTO
VBAT
+
-
19
IT
EDS
EGS
S1A
S2A
S2B
S1B
CB
18
17
12
15
14
13
13
8
14
13
5
8
+
-
+
-
6
8
EVTO
RGATE
20
9
18
8
-
ESG
6
8
+
-
RIN
CIN
MOS1
MOS2
VTO
6
5
16
21
8
+
RDRAIN
ESCL
RSCL1
RSCL2
51
50
+
-
5
51
EBREAK
+
17
18
-
IRFR9110, IRFU9110


Similar Part No. - IRFR9110

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR9110 IRF-IRFR9110 Datasheet
172Kb / 6P
   Power MOSFET(Vdss=-100V, Rds(on)=1.2ohm, Id=-3.1A)
logo
Vishay Siliconix
IRFR9110 VISHAY-IRFR9110 Datasheet
1Mb / 8P
   Power MOSFET
S-81392-Rev. A, 07-Jul-08
logo
Kersemi Electronic Co.,...
IRFR9110 KERSEMI-IRFR9110 Datasheet
3Mb / 7P
   Power MOSFET
IRFR9110 KERSEMI-IRFR9110 Datasheet
3Mb / 7P
   Power MOSFET
IRFR9110 KERSEMI-IRFR9110 Datasheet
3Mb / 7P
   Dynamic dV/dt Rating
More results

Similar Description - IRFR9110

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRFD9110 INTERSIL-IRFD9110 Datasheet
54Kb / 6P
   0.7A, 100V, 1.200 Ohm, P-Channel Power MOSFET
IRF9510 INTERSIL-IRF9510 Datasheet
59Kb / 7P
   3.0A, 100V, 1.200 Ohm, P-Channel Power MOSFET
logo
Fairchild Semiconductor
IRFD9110 FAIRCHILD-IRFD9110 Datasheet
93Kb / 7P
   0.7A, 100V, 1.200 Ohm, P-Channel Power MOSFET
logo
Intersil Corporation
RFL1N08 INTERSIL-RFL1N08 Datasheet
30Kb / 4P
   1A, 80V and 100V, 1.200 Ohm, N-Channel, Power MOSFETs
IRFR9120 INTERSIL-IRFR9120 Datasheet
73Kb / 7P
   5.6A, 100V, 0.600 Ohm, P-Channel Power MOSFETs
IRF9540 INTERSIL-IRF9540 Datasheet
59Kb / 7P
   19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
   12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
IRFR320 INTERSIL-IRFR320 Datasheet
55Kb / 7P
   3.1A, 400V, 1.800 Ohm, N-Channel Power MOSFETs
RFL1N10L INTERSIL-RFL1N10L Datasheet
29Kb / 5P
   1A, 100V, 1.200 Ohm, Logic Level, N-Channel Power MOSFET
FRE9160D INTERSIL-FRE9160D Datasheet
49Kb / 6P
   30A, -100V, 0.095 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com