Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3025 Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3025
Description  High Efficiency Dual Output Power Supply Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3025 Datasheet(HTML) 4 Page - Analog Devices

  ADP3025_15 Datasheet HTML 1Page - Analog Devices ADP3025_15 Datasheet HTML 2Page - Analog Devices ADP3025_15 Datasheet HTML 3Page - Analog Devices ADP3025_15 Datasheet HTML 4Page - Analog Devices ADP3025_15 Datasheet HTML 5Page - Analog Devices ADP3025_15 Datasheet HTML 6Page - Analog Devices ADP3025_15 Datasheet HTML 7Page - Analog Devices ADP3025_15 Datasheet HTML 8Page - Analog Devices ADP3025_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ADP3025
Rev. A | Page 4 of 24
SPECIFICATIONS (continued)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
MAIN SMPS CONTROLLERS
Fixed 5 V Output Voltage
FB5
5.5 V ≤ VIN ≤ 25 V, ADJ/FX5 = 0 V
4.90
5.0
5.10
V
Fixed 3.3 V Output Voltage
FB3
5.5 V ≤ VIN ≤ 25 V, ADJ/FX3 = 0 V
3.234
3.3
3.366
V
Adjustable Output Voltage
FB5, FB3
5.5 V ≤ VIN ≤ 25 V,
ADJ/FX5 = ADJ/FX3 = 5 V
776
800
824
mV
Output Voltage Adjustment Range3
ADJ/FX5 = ADJ/FX3 = 5 V
0.800
6.0
V
Current Limit Threshold
CLSET5 = CLSET3 = Floating
5.5 V = VIN = 25 V, TA = 25°C
54
72
90
mV
CLSET5 = CLSET3 = 0 V
5.5 V ≤ VIN ≤ 25 V, TA = 25°C
240
300
360
mV
Soft Start Current
SS3 = SS5 = 3 V
0.7
2.1
3.8
µA
Soft Start Turn-On Threshold
SS5, SS3
0.4
0.6
0.8
V
Feedback Input Leakage Current
IFB
ADJ/FX5 = ADJ/FX3 = 5 V, FB = 800 mV
600
nA
Maximum Duty Cycle3
DMAX
VIN = 5.5 V, SYNC = AGND
94
99
%
Transition Time (DRVL)
Rise
tR(DRVL)
CLOAD = 3000 pF, 10% to 90%
40
70
ns
Fall
tF(DRVL)
CLOAD = 3000 pF, 90% to 10%
45
70
ns
Transition Time (DRVH)
Rise
tR(DRVH)
CLOAD = 3000 pF, 10% to 90%
50
100
ns
Fall
tF(DRVH)
CLOAD = 3000 pF, 90% to 10%
50
100
ns
Logic Input Voltage
ADJ/FX3, ADJ/FX5, SD
Logic Low
VIL
0.6
V
Logic High
VIH
2.9
V
LINEAR REGULATOR CONTROLLER
Feedback Threshold
FB2
776
800
824
mV
COMP2/SD2 Pull-Up Current
COMP2/SD2
COMP2/SD2 = 0 V
2.8
µA
COMP2/SD2 Threshold
0.5
0.85
1.1
V
DC Gain3
62
dB
Transconductance gm 3
COMP2/SD2 = 3 V
0.3
ms
Gain-Bandwidth Product3
GBW
20
MHz
FB2 Input Leakage Current
IFB2
FB2 = 800 mV
20
nA
POWER-FAIL COMPARATOR
PFI Input Threshold
PFI
PFO from high to low
776
800
824
mV
PFI Input Hysteresis
14
mV
PFI Input Current
IPFI
500
nA
PFO High Voltage
PFOH
10 kΩ pull-up to 5 V
4.8
V
PFO Low Voltage
PFOL
10 kΩ pull-up to 5 V
0.4
V
FAULT PROTECTION
Output Overvoltage Trip Threshold
With respect to nominal output
115
120
125
%
Output Undervoltage Lockout Threshold
With respect to nominal output
70
80
90
%
1 All limits at temperature extremes are guaranteed via correlation using standard statistical quality control (SQC) methods.
2 The reference’s line regulation error is insignificant. The reference is not supposed to be loaded externally.
3 Guaranteed by design, not tested in production.


Similar Part No. - ADP3025_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3025JRU-REEL AD-ADP3025JRU-REEL Datasheet
609Kb / 24P
   High Efficiency Dual Output Power Supply Controller
REV. A
More results

Similar Description - ADP3025_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3025 AD-ADP3025 Datasheet
609Kb / 24P
   High Efficiency Dual Output Power Supply Controller
REV. A
ADP3026 AD-ADP3026_15 Datasheet
542Kb / 20P
   High Efficiency Dual Power Supply Controller
REV. 0
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391_11 Datasheet
654Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller
logo
Vishay Siliconix
SI786 VISHAY-SI786 Datasheet
130Kb / 14P
   Dual-Output Power-Supply Controller
Rev. J, 26-Apr-04
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391 Datasheet
513Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
logo
Renesas Technology Corp
ISL62391 RENESAS-ISL62391 Datasheet
1Mb / 22P
   High-Efficiency, Triple-Output System Power Supply Controller for Notebook Computers
ISL62386 RENESAS-ISL62386 Datasheet
929Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Analog Devices
ADP3026 AD-ADP3026 Datasheet
737Kb / 19P
   High-Efficiency Notebook Computer Power Supply Controller
REV. PrB 3/12/02
logo
Intersil Corporation
ISL62386 INTERSIL-ISL62386 Datasheet
445Kb / 20P
   High-Efficiency, Quad Output System Power Supply Controller for Notebook Computers
logo
Analog Devices
ADP3020 AD-ADP3020 Datasheet
304Kb / 22P
   High-Efficiency Notebook Computer Power Supply Controller
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com