Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3026 Datasheet(PDF) 5 Page - Analog Devices

Part # ADP3026
Description  High Efficiency Dual Power Supply Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3026 Datasheet(HTML) 5 Page - Analog Devices

  ADP3026_15 Datasheet HTML 1Page - Analog Devices ADP3026_15 Datasheet HTML 2Page - Analog Devices ADP3026_15 Datasheet HTML 3Page - Analog Devices ADP3026_15 Datasheet HTML 4Page - Analog Devices ADP3026_15 Datasheet HTML 5Page - Analog Devices ADP3026_15 Datasheet HTML 6Page - Analog Devices ADP3026_15 Datasheet HTML 7Page - Analog Devices ADP3026_15 Datasheet HTML 8Page - Analog Devices ADP3026_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADP3026
Rev. 0 | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VIN to AGND
−0.3 V to +27 V
AGND to PGND
±0.3 V
INTVCC
AGND − 0.3 V to +6 V
BST5, BST3 to PGND
−0.3 V to +32 V
BST5 to SW5
−0.3 V to +6 V
BST3 to SW3
−0.3 V to +6 V
CS5, CS3
AGND − 0.3 V to VIN
SW3, SW5 to PGND
−2 V to VIN + 0.3 V
SD
AGND − 0.3 V to +27 V
DRVL5/3 to PGND
−0.3 V to INTVCC + 0.3 V
DRVH5/3 to SW5/3
−0.3 V to INTVCC + 0.3 V
All Other Inputs and Outputs
AGND − 0.3 V to INTVCC + 0.3 V
θJA
98°C/W
Operating Ambient
Temperature Range
0°C to 70°C
Junction Temperature Range
0°C to 150°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature Range
(Soldering 10 s)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability. Absolute maximum ratings apply individually
only, not in combination. Unless otherwise specified, all other
voltages are referenced to GND.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Similar Part No. - ADP3026_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3026ARU AD-ADP3026ARU Datasheet
737Kb / 19P
   High-Efficiency Notebook Computer Power Supply Controller
REV. PrB 3/12/02
More results

Similar Description - ADP3026_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3025 AD-ADP3025 Datasheet
609Kb / 24P
   High Efficiency Dual Output Power Supply Controller
REV. A
ADP3025 AD-ADP3025_15 Datasheet
1Mb / 24P
   High Efficiency Dual Output Power Supply Controller
REV. A
ADP3026 AD-ADP3026 Datasheet
737Kb / 19P
   High-Efficiency Notebook Computer Power Supply Controller
REV. PrB 3/12/02
ADP3020 AD-ADP3020 Datasheet
304Kb / 22P
   High-Efficiency Notebook Computer Power Supply Controller
REV. 0
ADP3020 AD-ADP3020_15 Datasheet
309Kb / 22P
   High-Efficiency Notebook Computer Power Supply Controller
REV. 0
logo
NXP Semiconductors
TEA19161T NXP-TEA19161T Datasheet
428Kb / 46P
   Digital controller for high-efficiency resonant power supply
Rev. 1-10 March 2016
logo
Intersil Corporation
ISL62391 INTERSIL-ISL62391_11 Datasheet
654Kb / 20P
   High-Efficiency, Triple-Output System Power Supply Controller
logo
NXP Semiconductors
TEA2016AAT NXP-TEA2016AAT Datasheet
808Kb / 58P
   Digital controller for high-efficiency resonant power supply
Rev. 1.2-6 April 2020
TEA2016AAT NXP-TEA2016AAT_V01 Datasheet
572Kb / 59P
   Digital controller for high-efficiency resonant power supply
Rev. 1 - 15 February 2023
TEA19161T NXP-TEA19161T_V01 Datasheet
512Kb / 44P
   Digital controller for high-efficiency resonant power supply
Rev. 2.2 - 23 January 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com