Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3310 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP3310
Description  Precision Voltage Regulator Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3310 Datasheet(HTML) 7 Page - Analog Devices

  ADP3310_15 Datasheet HTML 1Page - Analog Devices ADP3310_15 Datasheet HTML 2Page - Analog Devices ADP3310_15 Datasheet HTML 3Page - Analog Devices ADP3310_15 Datasheet HTML 4Page - Analog Devices ADP3310_15 Datasheet HTML 5Page - Analog Devices ADP3310_15 Datasheet HTML 6Page - Analog Devices ADP3310_15 Datasheet HTML 7Page - Analog Devices ADP3310_15 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ADP3310
–7–
REV. B
ADP3310-3.3
VIN
VOUT
GATE
MI
IRF7404
+
OSCON
220 F
C1
1 F
VIN = 5V TO 15V
C2
10nF
IRF7204
L*
68 H
N-CH
IRF7403
C3
1nF
D1
10BQ040
C4
RSENSE**
0.1
R1
30.1k
1%
2N3906
Q1
R2
124k
1%
RC
1k
CC
22nF
CT
470pF
R3
274k
2N3906
Q2
C5
10 F
3.3V/1A
VIN
INT VCC
P-DRIVE
ITH
CT
SENSE+
SENSE
N-DRIVE
VFB
S-GND P-GND
ADP1148
SD
CIN
OSCON
220 F
GND
*COILTRONICS CTX-68-4
**KRL SL-1-C1-ORO5OL
BAT54
IS
EN
Figure 3. High Current Post Regulator with SOIC PMOS
Current Limit Threshold Voltage = 0.05 V
Safety Factor = 1.5
IO = Output Current
RS is not needed in circuits that do not require current limiting.
In that case, the IS pin must be tied to the input pin.
The simplest and cheapest sense resistor for high current applica-
tions, (i.e., Figure 1) is a PCB trace. The temperature depen-
dence of the copper trace and the thickness tolerances of the
trace must be taken into account in the design. The resistivity of
copper has a positive temperature coefficient of +0.39%/
°C.
Copper’s Tempco in conjunction with the proportional-to-
absolute temperature (PTAT) current limit voltage can provide
an accurate current limit. Table II provides the resistance value
for PCB copper traces. Alternately, an appropriate sense resistor,
such as surface-mount sense resistors available from KRL, can
be used.
PCB Layout Issues
For optimum voltage regulation, place the load as close as pos-
sible to the device’s VOUT and GND pins. It is recommended to
use dedicated PCB traces to connect the MOSFET’s drain to
the positive terminal and GND to the negative terminal of the
load to avoid voltage drops along the high current carrying PCB
traces.
Application Circuits
Typical 3 A LDO Circuit
The ADP3310 and a power MOSFET can be used to power the
new generation of CPUs and microprocessors from the standard
5 V supply at a very low cost (Figure 2). This circuit provides
low dropout, fast switching, and high switching load current
from 0 A to 3 A. Due to the high switching load current, capaci-
tors with high ripple current carrying capability, such as OSCON
or special tantalum capacitors from Sprague (593D), are recom-
mended for the output.
Table II. Printed Circuit Copper Resistance
Conductor
Conductor Width
Resistance
Thickness
In
m
Ω/In
1/2 oz/ft
2
0.025
39.3
(18
µm)
0.050
19.7
0.100
9.83
0.200
4.91
0.500
1.97
1 oz/ft
2
0.025
19.7
(35
µm)
0.050
9.83
0.100
4.91
0.200
2.46
0.500
0.98
2 oz/ft2
0.025
9.83
(70
µm)
0.050
4.91
0.100
2.46
0.200
1.23
0.500
0.49
3 oz/ft2
0.025
6.5
(106
µm)
0.050
3.25
0.100
1.63
0.200
0.81
0.500
0.325
M1
NDP6020P
10 F
4.5V TO 5.5V
10 F
IS
GND
EN
VIN
VOUT
ADP3310-3.3
+
R2
0.011
GATE
1k
220 F
OSCON
+
3
220 F
OSCON
3.3V
Figure 2. Typical 3 A Low Dropout Regulator Circuit
50mV/div
2V/div
5
µs/div


Similar Part No. - ADP3310_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3310AR-28 AD-ADP3310AR-28 Datasheet
120Kb / 8P
   Precision Voltage Regulator Controller
REV. A
ADP3310AR-3 AD-ADP3310AR-3 Datasheet
120Kb / 8P
   Precision Voltage Regulator Controller
REV. A
ADP3310AR-33 AD-ADP3310AR-33 Datasheet
120Kb / 8P
   Precision Voltage Regulator Controller
REV. A
ADP3310AR-5 AD-ADP3310AR-5 Datasheet
120Kb / 8P
   Precision Voltage Regulator Controller
REV. A
More results

Similar Description - ADP3310_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3310 AD-ADP3310 Datasheet
120Kb / 8P
   Precision Voltage Regulator Controller
REV. A
ADM1052 AD-ADM1052 Datasheet
164Kb / 8P
   Precision Dual Voltage Regulator Controller
REV. A
ADM1052 AD-ADM1052_15 Datasheet
163Kb / 8P
   Precision Dual Voltage Regulator Controller
REV. A
logo
New Japan Radio
NJM723 NJRC-NJM723 Datasheet
163Kb / 4P
   PRECISION VOLTAGE REGULATOR
logo
Hitachi Semiconductor
HA17723 HITACHI-HA17723 Datasheet
91Kb / 17P
   Precision Voltage Regulator
logo
NXP Semiconductors
MA723 PHILIPS-MA723 Datasheet
67Kb / 6P
   Precision voltage regulator
1994 Aug 31
logo
Fairchild Semiconductor
KA723 FAIRCHILD-KA723 Datasheet
46Kb / 8P
   Precision Voltage Regulator
logo
Microsemi Corporation
SG723 MICROSEMI-SG723 Datasheet
88Kb / 4P
   PRECISION VOLTAGE REGULATOR
SG723 MICROSEMI-SG723_1 Datasheet
306Kb / 4P
   PRECISION VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-812XXSG SII-S-812XXSG Datasheet
1Mb / 31P
   HIGH-PRECISION VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com