Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2321DS-HF-3 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2321DS-HF-3
Description  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2321DS-HF-3 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2321DS-HF-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2321DS-HF-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2321DS-HF-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2321DS-HF-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2321DS-HF-3 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD Type
www.kexin.com.cn
2
MOSFET
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Drain-Source Breakdown Voltage
VDSS
ID=-250μA, VGS=0V
-20
V
VDS=-16V, VGS=0V
-1
VDS=-16V, VGS=0V, TJ=55℃
-10
Gate-Body leakage current
IGSS
VDS=0V, VGS=±8V
±
100
nA
Gate Threshold Voltage
VGS(th)
VDS=VGS ID=-250μA
-0.4
-0.9
V
VGS=-4.5V, ID=-3.3A
57
VGS=-2.5V, ID=-2.8A
76
VGS=-1.8V, ID=-4A
110
On state drain current
ID(ON)
VGS=-4.5V, VDS=-5V
-6
A
Forward Transconductance
gFS
VDS=-5V, ID=-3.3A
3
S
Input Capacitance
Ciss
715
Output Capacitance
Coss
170
Reverse Transfer Capacitance
Crss
120
Total Gate Charge
Qg
8
13
Gate Source Charge
Qgs
1.2
Gate Drain Charge
Qgd
2.2
Turn-On DelayTime
td(on)
15
25
Turn-On Rise Time
tr
35
55
Turn-Off DelayTime
td(off)
60
90
Turn-Off Fall Time
tf
60
40
Maximum Body-Diode Continuous Current
IS
-1.6
A
Diode Forward Voltage
VSD
IS=-1.6A,VGS=0V
-1.2
V
pF
nC
VGS=-4.5V, VDS=-6V, RL=6Ω,RGEN=6Ω
ID=-1.0A *1
ns
Zero Gate Voltage Drain Current
IDSS
μ
A
RDS(On)
Static Drain-Source On-Resistance
VGS=0V, VDS=-6V, f=1MHz *1
VGS=-4.5V, VDS=-6V, ID=-3.3A *1
*1Pulse test: PW ≤ 300us duty cycle ≤ 2%.
Marking
Marking
D1* F
P-Channel MOSFET
SI2321DS-HF (KI2321DS-HF)


Similar Part No. - SI2321DS-HF-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2321DS-HF KEXIN-SI2321DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
More results

Similar Description - SI2321DS-HF-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com