Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2323DS-HF Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2323DS-HF
Description  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2323DS-HF Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2323DS-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2323DS-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2323DS-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2323DS-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2323DS-HF Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
Typical Characterisitics
0
300
600
900
1200
1500
1800
0
4
8
12
16
20
0
4
8
12
16
20
0.0
0.5
1.0
1.5
2.0
2.5
0.00
0.03
0.06
0.09
0.12
0.15
0
4
8
12
16
20
0
4
8
12
16
20
0
1
2
3
4
5
0
1
2
3
4
5
0
3
6
9
12
15
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
125
150
VGS = 5 thru 2.5 V
25 C
Crss
Coss
Ciss
VDS = 6 V
ID = 4.7 A
VGS = 4.5 V
ID = 4.7 A
VGS = 4.5 V
VGS = 2.5 V
1 V
125 C
1.5 V
s
c
it
s
ir
e
t
c
a
r
a
h
C
r
e
f
s
n
a
r
T
s
c
it
s
ir
e
t
c
a
r
a
h
C
t
u
p
t
u
O
Gate Charge
On-Resistance vs. Drain Current
VDS - Drain-to-Source Voltage (V)
VGS - Gate-to-Source Voltage (V)
Qg - Total Gate Charge (nC)
VDS - Drain-to-Source Voltage (V)
ID - Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ - Junction Temperature ( C)
VGS = 1.8 V
2 V
TC = -55 C
P-Channel MOSFET
SI2323DS-HF (KI2323DS-HF)


Similar Part No. - SI2323DS-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2323DS-HF-3 KEXIN-SI2323DS-HF-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
More results

Similar Description - SI2323DS-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com