Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2325DS-3 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2325DS-3
Description  P-Channel Enhancement MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2325DS-3 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2325DS-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2325DS-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2325DS-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2325DS-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2325DS-3 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
P-Channel Enhancement MOSFET
Features
VDS (V) =-150V
ID =-0.69A (VGS =-10V)
RDS(ON) < 1.2Ω (VGS =-10V)
RDS(ON) < 1.3Ω (VGS =-6V)
G
S
D
2
3
1
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
5 sec
Steady State
Unit
Drain-Source Voltage
VDS
Gate-Source Voltage
VGS
Continuous Drain Current
Ta = 25℃
-0.69
-0.53
Ta = 70℃
-0.55
-0.43
Pulsed Drain Current
IDM
Single-Pluse Avalanche Current
L=1.0mH
IAS
Single-Pulse Avalanche Energy
L=1.0mH
EAS
mJ
Power Dissipation
Ta = 25℃
1.25
0.75
Ta = 70℃
0.8
0.48
Thermal Resistance.Junction- to-Ambient t≤5 sec
Steady State
Thermal Resistance.Junction- to-Foot
RthJF
Junction Temperature
TJ
Storage Temperature Range
Tstg
4.5
A
1.01
100
166
50
150
-55 to 150
W
RthJA
-150
±
20
ID
V
/W
-1.6
PD
SI2325DS (KI2325DS)
1. Gate
2. Source
3. Drain
0.4 +0.1
-0.1
2.9 +0.2
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.2
1
2
3
Unit: mm
SOT-23-3
0.15 +0.02
-0.02
(TJ = 150℃) *1
*1 Surface Mounted on 1” x 1” FR4 Board.


Similar Part No. - SI2325DS-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2325DS-HF KEXIN-SI2325DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI2325DS-HF-3 KEXIN-SI2325DS-HF-3 Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
Vishay Siliconix
SI2325DS-T1-E3 VISHAY-SI2325DS-T1-E3 Datasheet
89Kb / 6P
   P-Channel 150-V (D-S) MOSFET
S-42449-Rev. A, 10-Jan-05
SI2325DS-T1-GE3 VISHAY-SI2325DS-T1-GE3 Datasheet
197Kb / 9P
   P-Channel 150-V (D-S) MOSFET
Rev. B, 02-Feb-09
More results

Similar Description - SI2325DS-3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
   P-Channel Enhancement MOSFET
SMS2305R SECOS-SMS2305R Datasheet
846Kb / 4P
   P-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
   P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
   P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com