Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL37300P-CD Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL37300P-CD
Description  PRISM 2.5 11Mbps Wireless Local Area Network PC Card
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL37300P-CD Datasheet(HTML) 4 Page - Intersil Corporation

  ISL37300P-CD Datasheet HTML 1Page - Intersil Corporation ISL37300P-CD Datasheet HTML 2Page - Intersil Corporation ISL37300P-CD Datasheet HTML 3Page - Intersil Corporation ISL37300P-CD Datasheet HTML 4Page - Intersil Corporation ISL37300P-CD Datasheet HTML 5Page - Intersil Corporation ISL37300P-CD Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
FCC Information to User
This product does not contain any user serviceable
components and is to be used with approved antennas only.
Any product changes or modifications will invalidate all
applicable regulatory certifications and approvals.
FCC Electronic Emission Notices
This device complies with Part 15 of the FCC Rules.
Operation is subject to the following two conditions:
1. This device may not cause harmful interference.
2. This device must accept any interference received,
including interference that may cause undesired
operation.
FCC Radio Frequency Interference statement
This equipment has been tested and found to comply with
the limits for a Class B digital device, pursuant to Part 15 of
the FCC Rules. These limits are designed to provide
reasonable protection against harmful interference when the
equipment is operated in a commercial environment. This
equipment generates, uses and can radiate radio frequency
energy and, if not installed and used in accordance with the
instructions, may cause harmful interference to radio
communications.
Operation of this equipment in a residential area may cause
harmful interference in which case the user will be required
to correct the interference at his own expense.
If this equipment does cause harmful interference to radio or
television reception, which can be determined by turning the
equipment off and on, the user is encouraged to try to
correct the interference by one or more of the following
measures:
• Reorient or relocate the receiving antenna.
• Increase the separation between the equipment and
receiver.
• Connect the equipment into an outlet on a circuit different
from that to which the receiver is connected.
• Consult the dealer or an experienced radio/TV technician
for help.
3.3V PC-card Interface Standard
CAUTION: This assembly is designed to operate with a
supply voltage of 3.3V in laptop computers supporting the
PC card standard.
CAUTION: Do not force engagement of the card in the PC
card slot. It is mechanically designed to prevent improper
insertion. This card is equipped with a hardware key to
prevent insertion into a 5V only slot.
Permanent damage may occur if operated outside of the
specified operating limits listed in this document.
References
For Intersil documents available on the internet, see web site
http://www.intersil.com
[1] TB337 Tech Brief, Intersil Corporation, A Brief Tutorial on
Spread Spectrum and Packet Radio.
[2] TB382 Tech Brief, Intersil Corporation, Measurement of
WLAN Receiver Sensitivity
[3] AN9850 Application Note, Intersil Corporation,
Complementary Code Keying Made Simple
[4] TB395 Tech Brief, Intersil Corporation, RF Probing of the
ISL37300P and the ISL37300XU
[5] AN9829 Application Note, Intersil Corporation, Brief
Tutorial on IEEE802.11 Wireless LANs
[6] AN9820 Application Note, Intersil Corporation, A
Condensed Review of Spread Spectrum Techniques for
ISM Band Systems
[7] AN9895 Application Note, Intersil Corporation, Multipath
Measurement in wireless LANs
Further information can be found in the following:
• Intersil PRISM 2.5 data sheets, web home page,
http://www.intersil.com\
• IEEE802.11 Standards Project (available from the IEEE,
New York, USA).
PIN 1
PIN 35
PIN 34
PIN 68
TOP (LED, THIS SIDE)
BOTTOM
VIEW, LOOKING INTO 68 PIN FEMALE CONNECTOR
3V KEY
FIGURE 1. EDGE VIEW, PCMCIA CARD
ISL37300P-EVAL


Similar Part No. - ISL37300P-CD

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-220 ICE-ISL37-220 Datasheet
317Kb / 2P
   SMT Power Inductor
ISL37-220 ICE-ISL37-220 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
ISL37-291 ICE-ISL37-291 Datasheet
317Kb / 2P
   SMT Power Inductor
ISL37-291 ICE-ISL37-291 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
ISL37-3R8 ICE-ISL37-3R8 Datasheet
317Kb / 2P
   SMT Power Inductor
More results

Similar Description - ISL37300P-CD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL37400M-EVAL INTERSIL-ISL37400M-EVAL Datasheet
563Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network miniPCI
HWB3163-EVAL INTERSIL-HWB3163-EVAL Datasheet
127Kb / 6P
   PRISM II??11Mbps Wireless Local Area Network PC Card
ISL37106P-EVAL INTERSIL-ISL37106P-EVAL Datasheet
50Kb / 1P
   PRISM 3 11Mbps Wireless Local Area Network PCMCIA
ISL36356A-APDK INTERSIL-ISL36356A-APDK Datasheet
150Kb / 7P
   PRISM 11Mbps Wireless Local Area Network Access Point
WLANKITPR1-EVAL INTERSIL-WLANKITPR1-EVAL Datasheet
66Kb / 6P
   Wireless Local Area Network PC Card
ISL39300A-DAPDK INTERSIL-ISL39300A-DAPDK Datasheet
56Kb / 1P
   PRISM 54Mbps Wireless Local Area Network Access Point
ISL37704M-EVAL INTERSIL-ISL37704M-EVAL Datasheet
65Kb / 1P
   PRISM Indigo??54Mbps Wireless Local Area Network miniPCI
ISL37105P-EVAL INTERSIL-ISL37105P-EVAL Datasheet
108Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network PCMCIA
PRISM1BRDA INTERSIL-PRISM1BRDA Datasheet
75Kb / 7P
   OEM Wireless Local Area Network PC Card
ISL37200M-EVAL INTERSIL-ISL37200M-EVAL Datasheet
479Kb / 1P
   PRISM 3 11 Mbps Wireless Local Area Network miniPCI
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com