Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2337DS-3 Datasheet(PDF) 6 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2337DS-3
Description  P-Channel Enhancement MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2337DS-3 Datasheet(HTML) 6 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2337DS-3 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2337DS-3 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2337DS-3 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2337DS-3 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2337DS-3 Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd SI2337DS-3 Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SMD Type
www.kexin.com.cn
6
MOSFET
P-Channel Enhancement MOSFET
SI2337DS (KI2337DS)
Typical Characterisitics
Normalized Thermal Transient Impedance, Junction-to-Ambient
2
1
0.1
0.01
Square Wave Pulse Duration (sec)
10 -4
10 -3
10 -2
10 -1
0
0
6
0
1
1
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 166 °C/W
3. TJM - T A = PDMZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface Mounted
P DM
100
Normalized Thermal Transient Impedance, Junction-to-Case
10 -3
10 -2
1
10 -1
10 -4
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single Pulse
Duty Cycle = 0.5
Square Wave Pulse Duration (sec)


Similar Part No. - SI2337DS-3

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2337DS-HF KEXIN-SI2337DS-HF Datasheet
2Mb / 6P
   P-Channel MOSFET
SI2337DS-HF-3 KEXIN-SI2337DS-HF-3 Datasheet
2Mb / 6P
   P-Channel MOSFET
logo
Vishay Siliconix
SI2337DS-T1-E3 VISHAY-SI2337DS-T1-E3 Datasheet
110Kb / 7P
   P-Channel 80-V (D-S) MOSFET
Rev. C, 30-Jul-07
SI2337DS-T1-E3 VISHAY-SI2337DS-T1-E3 Datasheet
226Kb / 10P
   P-Channel 80 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
SI2337DS-T1-E3 VBSEMI-SI2337DS-T1-E3 Datasheet
1Mb / 10P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - SI2337DS-3

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
logo
SeCoS Halbleitertechnol...
SSP7431P SECOS-SSP7431P_15 Datasheet
564Kb / 4P
   P-Channel Enhancement MOSFET
SMS2305R SECOS-SMS2305R Datasheet
846Kb / 4P
   P-Channel Enhancement MOSFET
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
   P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
   P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
   P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
   P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com