Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI2337DS-HF Datasheet(PDF) 5 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI2337DS-HF
Description  P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI2337DS-HF Datasheet(HTML) 5 Page - Guangdong Kexin Industrial Co.,Ltd

  SI2337DS-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI2337DS-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI2337DS-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI2337DS-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI2337DS-HF Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd SI2337DS-HF Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMD Type
www.kexin.com.cn
5
MOSFET
Typical Characterisitics
Current Derating*
Single Pulse Avalanche Capability
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
0
25
50
75
100
125
150
TC - Case Temperature (°C)
1
10
TA - Time In Avalanche (sec)
T
A
L
I
A
BV
V
DD
1.0E-6
10.0E-6
100.0E-6
1.0E-3
10.0E-3
-
Power Derating
0.0
0.5
1.0
1.5
2.0
2.5
25
50
75
100
125
150
TC - Case Temperature (°C)
P-Channel MOSFET
SI2337DS-HF (KI2337DS-HF)


Similar Part No. - SI2337DS-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI2337DS-HF-3 KEXIN-SI2337DS-HF-3 Datasheet
2Mb / 6P
   P-Channel MOSFET
More results

Similar Description - SI2337DS-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com