Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3437DV Datasheet(PDF) 5 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI3437DV
Description  P-Channel MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI3437DV Datasheet(HTML) 5 Page - Guangdong Kexin Industrial Co.,Ltd

  SI3437DV Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI3437DV Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI3437DV Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI3437DV Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI3437DV Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD Type
www.kexin.com.cn
5
MOSFET
P-Channel MOSFET
SI3437DV (KI3437DV)
Typical Characterisitics
Power, Junction-to-Foot
0.0
0.8
1.6
2.4
3.2
4.0
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Power Derating, Junction-to-Ambient
0.0
0.3
0.6
0.9
1.2
1.5
0
25
50
75
100
125
150
TA - Ambient Temperature (°C)
Normalized Thermal Transient Impedance, Junction-to-Ambient
10-3
10-2
10-1
100
Square Wave Pulse Duration (s)
10
1000
1
0.1
0.01
1
10-4
1. Duty Cycle, D =
2. Per Unit Base = RthJA = 75 °C
3. TJM – T = PDMZthJA(t)
t1
t2
4. Surface Mounted
N otes:
t1
PDM
t2
0.2
0.1
0.05
0.02
Single Pulse
D uty Cycle = 0.5
Normalized Thermal Transient Impedance, Junction-to-Foot
10-3
10-2
0
1
1
10-1
10
1
0.1
0.01
Square Wave Pulse Duration (s)
-4
0.2
0.1
0.05
0.02
Single Pulse
D uty Cycle = 0.5


Similar Part No. - SI3437DV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3437DV VISHAY-SI3437DV Datasheet
121Kb / 7P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 06-Nov-06
logo
Skyworks Solutions Inc.
SI3437DV SKYWORKS-SI3437DV Datasheet
616Kb / 46P
   PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
Rev. 1.0 August 31, 2021
logo
Guangdong Kexin Industr...
SI3437DV-HF KEXIN-SI3437DV-HF Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
Vishay Siliconix
SI3437DV-T1-E3 VISHAY-SI3437DV-T1-E3 Datasheet
121Kb / 7P
   P-Channel 150-V (D-S) MOSFET
Rev. A, 06-Nov-06
logo
VBsemi Electronics Co.,...
SI3437DV-T1-GE3 VBSEMI-SI3437DV-T1-GE3 Datasheet
452Kb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - SI3437DV

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com