Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL38601M-CD Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL38601M-CD
Description  ISL38601M PRISM GT??miniPCI IEEE 802.11g, 802.11b WLAN NIC
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL38601M-CD Datasheet(HTML) 1 Page - Intersil Corporation

  ISL38601M-CD Datasheet HTML 1Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
®
FN8081
ISL38601M-EVAL
ISL38601M PRISM GT™ miniPCI
IEEE 802.11g, 802.11b WLAN NIC
The Intersil ISL38601M WLAN NIC
(Note 1) is a complete wireless high
speed Network Interface Card (NIC).
utilizing the Intersil PRISM GT chip
set. The ISL38601M is a lower cost alternative to the
ISL38000M radio and the ISL38001M radio. It offers
improved range compared to the ISL38000M while providing
equivalent performance in other categories. It conforms to
the IEEE 802.11b and 802.11g protocols and therefore
operates in the 2.45GHz ISM frequency band. It provides a
complete reference design evaluation platform of hardware
and software to system providers or integrators requiring
wireless data communications capability and is ideal for
integration into computer platforms.
Evaluation kits include a pair of WLAN miniPCI cards
designed to Intersil’s PRISM reference design, Microsoft®
Windows® Driver, Local Area Network evaluation software,
Test Utilities (Note 3), and documentation to get your
evaluation started quickly. It provides OFDM data rates of
54, 48, 36, 24, 18, 12, 9, and 6Mbps as well as CCK data
rates of 11 and 5.5Mbps and legacy data rates of 2 and
1Mbps. Access Points are available from a number of
suppliers, enabling a total wireless network solution. Typical
operating ranges are shown in Table 1 (Note 2).
A complete PRISM chipset WLAN reference design package
(ISL38601M-CD) is also available. The reference design
package contains all the documentation needed for
manufacturing of the PRISM GT miniPC wireless network card
including: Cadence/Allegro Layout, Gerber files, Concept
schematic, Bill of Materials, assembly and mechanical
drawings, manufacturing test software, and even a copy of the
application for FCC equipment authorization. Customers who
license the reference design also receive password access to
Intersil’s Premier Web site for up to the minute updates on
hardware and software.
Features
• Low cost Zero IF (ZIF) architecture
• Fully compliant with the IEEE 802.11b and 802.11g WLAN
standards
• FCC Certified Under Part 15
• Support for 54, 48, 36, 24, 18, 12, 9, and 6Mbps OFDM,
11 and 5.5Mbps CCK and legacy 2 and 1Mbps data rates
• Driver Supports Microsoft Windows 98/SE, ME, XP and
2000 (SR1)
• Supports Dual Diversity Antennas
• Provides Wireless Data Communications to support live
video applications
• Designed to Fully Support PC Card Specification Revision
8 Defined Mechanical and Environmental Stress
Conditions
• Intelligent Power Control, Including 802.11 Power Save
Mode
• Complete Reference Design, the ISL38601M-CD is
available to ensure minimum time-to-market
NOTES:
1. Throughout this document, all references to ‘miniPCI’, ‘WLAN
adapter’, refer to a card assembly conforming to the mechanical
size specifications of the miniPCI Type3A card.
2. The range will vary in different operating environments due to
effects such as building construction. The indoor range data
have been taken in a very tough office environment with a lot of
walls between transmitter and receiver.
3. At present, Test utilities supports Windows 2000.
Ordering Information
PART NUMBER
DESCRIPTION
CARDS/SET
ISL38601M-EVAL
WLAN Evaluation Kit
2
ISL38601M-CD
Reference Design
NA
Data Sheet
August 2003
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved. All other trademarks mentioned are the property of their respective owners.
PRISM® is a registered trademark of Intersil Americas Inc. PRISM GT and PRISM and design are a trademarks of Intersil Americas Inc.


Similar Part No. - ISL38601M-CD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL38601C-CD INTERSIL-ISL38601C-CD Datasheet
55Kb / 1P
   ISL38601C PRISM GT??Cardbus32 IEEE 802.11g, 802.11b WLAN NIC
ISL38601C-EVAL INTERSIL-ISL38601C-EVAL Datasheet
55Kb / 1P
   ISL38601C PRISM GT??Cardbus32 IEEE 802.11g, 802.11b WLAN NIC
More results

Similar Description - ISL38601M-CD

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL38001M-EVAL INTERSIL-ISL38001M-EVAL Datasheet
24Kb / 1P
   ISL38001M PRISM GT??miniPCI IEEE 802.11g, 802.11b WLAN NIC
ISL38601C-EVAL INTERSIL-ISL38601C-EVAL Datasheet
55Kb / 1P
   ISL38601C PRISM GT??Cardbus32 IEEE 802.11g, 802.11b WLAN NIC
ISL38001C-EVAL INTERSIL-ISL38001C-EVAL Datasheet
48Kb / 1P
   ISL38001C PRISM GT??Cardbus32 IEEE 802.11g, 802.11b WLAN NIC
logo
Realtek Semiconductor C...
RTL8225 REALTEK-RTL8225 Datasheet
828Kb / 18P
   IEEE 802.11g WLAN RF TRANSCEIVER
08 May 2005 Rev. 0.9
RTL8188ETV REALTEK-RTL8188ETV Datasheet
393Kb / 20P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
RTL8188ER-CG REALTEK-RTL8188ER-CG Datasheet
569Kb / 20P
   SINGLE-CHIP IEEE 802.11b/g/n 1T1R WLAN
logo
ATMEL Corporation
AT76C511 ATMEL-AT76C511 Datasheet
58Kb / 3P
   Dual Ethernet to IEEE 802.11b WLAN Bridge on-A Chip
logo
Intersil Corporation
ISL37704M-EVAL INTERSIL-ISL37704M-EVAL Datasheet
65Kb / 1P
   PRISM Indigo??54Mbps Wireless Local Area Network miniPCI
logo
List of Unclassifed Man...
ADM8211 ETC-ADM8211 Datasheet
124Kb / 17P
   IEEE802.11b WLAN NIC Solution
logo
Intersil Corporation
ISL37400M-EVAL INTERSIL-ISL37400M-EVAL Datasheet
563Kb / 6P
   PRISM 2.5 11Mbps Wireless Local Area Network miniPCI
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com