Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43121 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL43121
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43121 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL43121 Datasheet HTML 1Page - Intersil Corporation ISL43121 Datasheet HTML 2Page - Intersil Corporation ISL43121 Datasheet HTML 3Page - Intersil Corporation ISL43121 Datasheet HTML 4Page - Intersil Corporation ISL43121 Datasheet HTML 5Page - Intersil Corporation ISL43121 Datasheet HTML 6Page - Intersil Corporation ISL43121 Datasheet HTML 7Page - Intersil Corporation ISL43121 Datasheet HTML 8Page - Intersil Corporation ISL43121 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN6033.1
ISL43120, ISL43121, ISL43122, ISL43210
Low-Voltage, Single Supply, Dual SPST,
SPDT Analog Switches
The Intersil ISL43120, ISL43121, ISL43122 and ISL43210
devices are precision, bidirectional, dual analog switches
designed to operate from a single +2.7V to +12V supply.
Targeted applications include battery powered equipment that
benefit from the devices’ low power consumption (5
µW), low
leakage currents (100pA max), and fast switching speeds
(tON = 28ns, tOFF = 20ns). Cell phones, for example, often
face ASIC functionality limitations. The number of analog
input or GPIO pins may be limited and digital geometries are
not well suited to analog switch performance. This family of
parts may be used to “mux-in” additional functionality while
reducing ASIC design risk. Some of the smallest packages
are available, alleviating board space limitations, and making
Intersil’s newest line of low-voltage switches an ideal solution.
The ISL43120, ISL43121, ISL43122 are dual single-
pole/single-throw (SPST) devices. The ISL43120 has two
normally open (NO) switches; the ISL43121 has two normally
closed (NC) switches; the ISL43122 has one NO and one NC
switch and can be used as an SPDT. The ISL43210 is a
committed SPDT, which is perfect for use in 2-to-1 multiplexer
applications.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
Features
• Fully specified at 12V, 5V, and 3.3V supplies for 10%
tolerances
• ON resistance (RON) . . . . . . . . . . . . . . . . . . . . . . . . . 19Ω
•RON matching between channels . . . . . . . . . . . . . . . . . .<1Ω
• Low charge injection . . . . . . . . . . . . . . . . . . . . . . . 5pC (Max)
• Single supply operation . . . . . . . . . . . . . . . . . +2.7V to +12V
• Low power consumption (PD) . . . . . . . . . . . . . . . . . . . .<5µW
• Low leakage current . . . . . . . . . . . . . . . . . . . . . . . . . 10nA
• Fast switching action
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20ns
• Guaranteed break-before-make (ISL43122/ISL43210
only)
• Minimum 2000V ESD protection per method 3015.7
• TTL, CMOS compatible
• Available in SOT-23 packaging
Applications
• Battery powered, handheld, and portable equipment
- Cellular/mobile phones
- Pagers
- Laptops, notebooks, palmtops
• Communications systems
- Radios, ADSL Modems
- PBX, PABX
• Test & measurement equipment
- Ultrasound
- Computerized Tomography (CT) Scanner
- Magnetic Resonance Image (MRI)
- Position Emission Tomography (PET) Scanner
- Electrocardiograph
• Heads-up displays
• Audio and video switching
• Various circuits
- +3V/+5V DACs and ADCs
- Sample and hold circuits
- Digital filters
- Operational amplifier gain switching networks
- High frequency analog switching
- High speed multiplexing
- Integrator reset circuits
TABLE 1. FEATURES AT A GLANCE
ISL43120 ISL43121 ISL43122
ISL43210
Number of
Switches
22
2
1
SW 1 / SW 2
NO/NO
NC/NC
NO/NC
SPDT or
2 x 1 MUX
3.3V RON
32
32
32
32
3.3V tON/tOFF 40ns/20ns 40ns/20ns 40ns/20ns 40ns /20ns
5V RON
19
19
19
19
5V tON/tOFF
28ns/20ns 28ns/20ns 28ns/20ns
28ns/20ns
12V RON
11
11
11
11
12V tON/tOFF
25ns/17ns 25ns/17ns 25ns/17ns
25ns/17ns
Packages
8 Ld SOT-23
6 Ld SOT-23
Data Sheet
June 2003
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL43121

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43121 INTERSIL-ISL43121 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43121 INTERSIL-ISL43121 Datasheet
319Kb / 12P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43121 INTERSIL-ISL43121 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL43121 RENESAS-ISL43121 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
logo
Intersil Corporation
ISL43121 INTERSIL-ISL43121 Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
More results

Similar Description - ISL43121

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL5120 INTERSIL-ISL5120 Datasheet
573Kb / 15P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL84541_0309 INTERSIL-ISL84541_0309 Datasheet
361Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com