Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43111IB Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL43111IB
Description  Low-Voltage, Single Supply, SPST, High Performance Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43111IB Datasheet(HTML) 4 Page - Intersil Corporation

  ISL43111IB Datasheet HTML 1Page - Intersil Corporation ISL43111IB Datasheet HTML 2Page - Intersil Corporation ISL43111IB Datasheet HTML 3Page - Intersil Corporation ISL43111IB Datasheet HTML 4Page - Intersil Corporation ISL43111IB Datasheet HTML 5Page - Intersil Corporation ISL43111IB Datasheet HTML 6Page - Intersil Corporation ISL43111IB Datasheet HTML 7Page - Intersil Corporation ISL43111IB Datasheet HTML 8Page - Intersil Corporation ISL43111IB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Power Supply Rejection Ratio
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
60
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 5
25
-
15
-
pF
COM OFF Capacitance,
CCOM(OFF)
f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 5
25
-
15
-
pF
COM ON Capacitance, CCOM(ON) f = 1MHz, VNO or VNC = VCOM = 0V, See Figure 5
25
-
40
-
pF
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 5.5V, VIN = 0V or V+, Switch On or Off
Full
-1
-
1
µA
NOTES:
4. VIN = input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Leakage parameter is 100% tested at high temp, and guaranteed by correlation at 25oC.
Electrical Specifications: 12V Supply
Test Conditions: V+ = +10.8V to +13V, GND = 0V, VINH = 5V, VINL = 0.8V (Note 4),
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 5)
MIN
TYP
(NOTE5)
MAX
UNITS
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
0
-
V+
V
ON Resistance, RON
V+ = 10.8V, ICOM = 1.0mA, VCOM = 10V
25
-
7
10
Full
-
8
15
RON Flatness, RFLAT(ON)
ICOM = 1.0mA, VCOM = 3V, 6V, 9V
25
-
1
3
Full
-
1.5
5
NO or NC OFF Leakage Current,
INO(OFF) or INC(OFF)
V+ = 13V, VCOM = 1V, 10V, VNO or VNC = 10V, 1V,
Note 6
25
-1
-
1
nA
Full
-10
-
10
nA
COM OFF Leakage Current,
ICOM(OFF)
V+ = 13V, VCOM = 10V, 1V, VNO or VNC = 1V, 10V,
Note 6
25
-1
-
1
nA
Full
-10
-
10
nA
COM ON Leakage Current,
ICOM(ON)
V
+ = 13V, VCOM = 1V, 10V, or VNO or VNC = 1V, 10V,
Note 6
25
-1
-
1
nA
Full
-20
-
20
nA
DIGITAL INPUT CHARACTERISTICS
Input Voltage High, VINH
Full
4
3
-
V
Input Voltage Low, VINL
Full
-
-
0.8
V
Input Current, IINH, IINL
V+ = 13V, VIN = 0V or V+
Full
-1
-
1
µA
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
VNO or VNC = 10V, RL = 300Ω, CL = 35pF
25
-
37
80
ns
Full
-
42
120
ns
Turn-OFF Time, tOFF
VNO or VNC = 10V, RL = 300Ω, CL = 35pF
25
-
21
50
ns
Full
-
26
75
ns
Charge Injection, Q
CL = 1.0nF, VG = 0V, RG = 0Ω
25
-
8
20
pC
OFF Isolation
RL = 50Ω, CL = 15pF, f = 100kHz
25
-
>90
-
dB
Power Supply Rejection Ratio
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
67
-
dB
NO or NC OFF Capacitance, COFF f = 1MHz, VNO or VNC = VCOM = 0V
25
-
15
-
pF
Electrical Specifications: 5V Supply
Test Conditions: V+ = +4.5V to +5.5V, GND = 0V, VINH = 2.4V, VINL = 0.8V (Note 4),
Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
(NOTE 5)
MIN
TYP
(NOTE 5)
MAX
UNITS
ISL43110, ISL43111


Similar Part No. - ISL43111IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43111IB INTERSIL-ISL43111IB Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
ISL43111IB-T INTERSIL-ISL43111IB-T Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
ISL43111IBZ INTERSIL-ISL43111IBZ Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43111IBZ RENESAS-ISL43111IBZ Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43111IBZ-T INTERSIL-ISL43111IBZ-T Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
More results

Similar Description - ISL43111IB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43110 INTERSIL-ISL43110_05 Datasheet
366Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43110 RENESAS-ISL43110 Datasheet
757Kb / 12P
   Low-Voltage, Single Supply, SPST, High Performance Analog Switches
logo
Intersil Corporation
ISL43112IB INTERSIL-ISL43112IB Datasheet
274Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
July 2004
ISL43112 INTERSIL-ISL43112_04 Datasheet
271Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL43112 INTERSIL-ISL43112 Datasheet
222Kb / 11P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
logo
Renesas Technology Corp
ISL43112 RENESAS-ISL43112 Datasheet
752Kb / 13P
   Low-Voltage, Dual Supply, SPST, High Performance Analog Switches
ISL84514 RENESAS-ISL84514 Datasheet
615Kb / 12P
   Low-Voltage, Single Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84514 INTERSIL-ISL84514 Datasheet
266Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL84514 INTERSIL-ISL84514_04 Datasheet
276Kb / 11P
   Low-Voltage, Single Supply, SPST, Analog Switches
ISL43140 INTERSIL-ISL43140_04 Datasheet
505Kb / 16P
   Low-Voltage, Single and Dual Supply, High Performance, Quad SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com