Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43640IU Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL43640IU
Description  Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43640IU Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL43640IU Datasheet HTML 3Page - Intersil Corporation ISL43640IU Datasheet HTML 4Page - Intersil Corporation ISL43640IU Datasheet HTML 5Page - Intersil Corporation ISL43640IU Datasheet HTML 6Page - Intersil Corporation ISL43640IU Datasheet HTML 7Page - Intersil Corporation ISL43640IU Datasheet HTML 8Page - Intersil Corporation ISL43640IU Datasheet HTML 9Page - Intersil Corporation ISL43640IU Datasheet HTML 10Page - Intersil Corporation ISL43640IU Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FIGURE 3A. MEASUREMENT POINTS
Repeat test for other switches. CL includes fixture and stray
capacitance.
FIGURE 3B. TEST CIRCUIT
FIGURE 3. BREAK-BEFORE-MAKE TIME
FIGURE 4. OFF ISOLATION TEST CIRCUIT
FIGURE 5. RON TEST CIRCUIT
FIGURE 6. CAPACITANCE TEST CIRCUIT
Test Circuits and Waveforms (Continued)
80%
3V
0V
tD
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
tr < 20ns
tf < 20ns
LOGIC
INPUT
ADD1
COM
RL
CL
VOUT
35pF
300
NO0-NO3
GND
ADD2
V+
V+
C
C
INH
ANALYZER
RL
SIGNAL
GENERATOR
V+
C
0V or V+
NO or NC
COM
ADDX
GND
INH
0V or V+
V+
C
0V or V+
NO or NC
COM
ADDX
GND
VNX
V1
RON = V1/1mA
1mA
INH
V+
C
GND
NO or NC
COM
ADDX
IMPEDANCE
ANALYZER
0V or V+
INH
ISL43640


Similar Part No. - ISL43640IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43640IU INTERSIL-ISL43640IU Datasheet
412Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
ISL43640IU INTERSIL-ISL43640IU Datasheet
415Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
January 23, 2006
logo
Renesas Technology Corp
ISL43640IU RENESAS-ISL43640IU Datasheet
714Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
logo
Intersil Corporation
ISL43640IU-T INTERSIL-ISL43640IU-T Datasheet
412Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
ISL43640IU-T INTERSIL-ISL43640IU-T Datasheet
415Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
January 23, 2006
More results

Similar Description - ISL43640IU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43640IU INTERSIL-ISL43640IU Datasheet
415Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
January 23, 2006
ISL43640 INTERSIL-ISL43640_06 Datasheet
412Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
logo
Renesas Technology Corp
ISL43640 RENESAS-ISL43640 Datasheet
714Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer, High Performance Analog Switch
logo
Intersil Corporation
ISL84524 INTERSIL-ISL84524_04 Datasheet
354Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
ISL84524IUZ INTERSIL-ISL84524IUZ Datasheet
450Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
February 24, 2012
ISL84524 INTERSIL-ISL84524 Datasheet
346Kb / 12P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
logo
Renesas Technology Corp
ISL84524 RENESAS-ISL84524 Datasheet
648Kb / 13P
   Low-Voltage, Single Supply, 4 to 1 Multiplexer and DPDT Analog Switches
ISL43841 RENESAS-ISL43841 Datasheet
892Kb / 15P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
logo
Intersil Corporation
ISL43841 INTERSIL-ISL43841 Datasheet
492Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Latch
ISL43840 INTERSIL-ISL43840_06 Datasheet
471Kb / 14P
   Low-Voltage, Single and Dual Supply, Dual 4 to 1 Multiplexer Analog Switch with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com