Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL43681IR Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL43681IR
Description  Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL43681IR Datasheet(HTML) 2 Page - Intersil Corporation

  ISL43681IR Datasheet HTML 1Page - Intersil Corporation ISL43681IR Datasheet HTML 2Page - Intersil Corporation ISL43681IR Datasheet HTML 3Page - Intersil Corporation ISL43681IR Datasheet HTML 4Page - Intersil Corporation ISL43681IR Datasheet HTML 5Page - Intersil Corporation ISL43681IR Datasheet HTML 6Page - Intersil Corporation ISL43681IR Datasheet HTML 7Page - Intersil Corporation ISL43681IR Datasheet HTML 8Page - Intersil Corporation ISL43681IR Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
Pinouts
ISL43681 (QFN)
TOP VIEW
ISL43741 (QFN)
TOP VIEW
COM
NO7
NO5
EN
EN
NO4
NO0
NO6
ADDC
ADDB
1
2
3
4
5
78
9
10
6
20
19
18
17
16
13
14
15
12
11
LOGIC
COMB
NO3B
NO2B
EN
EN
NO2A
COMA
NO0A
NO3A
ADDB
1
2
3
4
5
78
9
10
6
20
19
18
17
16
13
14
15
12
11
LOGIC
Truth Tables
ISL43681
LE
EN
EN
ADDC ADDB ADDA
SWITCH ON
010
X
X
X
Last Switch
Selected
X
0
XXXX
NONE
XX
1
XXX
NONE
110000
NO0
110001
NO1
110010
NO2
110011
NO3
110100
NO4
110101
NO5
110110
NO6
110111
NO7
NOTE:
Logic “0”
≤0.8V. Logic “1” ≥2.4V, with V+ between 2.7V and
10V. X = Don’t Care.
ISL43741
LE
EN
EN
ADDB ADDA
SWITCH ON
0
1
0
X
X
Last Switch Selected
X
0
X
X
X
NONE
XX
1
X
X
NONE
11000
NO0A, NO0B
11001
NO1A, NO1B
11010
NO2A, NO2B
11011
NO3A, NO3B
NOTE:
Logic “0”
≤0.8V. Logic “1” ≥2.4V, with V+ between 2.7V and
10V. X = Don’t Care.
Ordering Information
PART NO.
(BRAND)
TEMP.
RANGE (oC)
PACKAGE
PKG.
DWG. #
ISL43681IR (43681IR)
-40 to 85
20 Ld QFN
L20.4x4
ISL43741IR (43741IR)
-40 to 85
20 Ld QFN
L20.4x4
Pin Descriptions
PIN
FUNCTION
V+
Positive Power Supply Input
V-
Negative Power Supply Input. Connect to GND for
Single Supply Configurations.
GND
Ground Connection
EN
Digital Control Input. Connect to GND for Normal
Operation. Connect to V+ to turn all switches off.
EN
Digital Control Input. Connect to V+ for Normal
Operation. Connect to GND to turn all switches off.
LE
Digital Control Input. Connect to +V for Normal
Operation. Connect to GND to latch the last switch state.
COM
Analog Switch Common Pin
NO
Analog Switch Normally Open Pin
ADD
Address Input Pin
N.C.
No Internal Connection
ISL43681, ISL43741


Similar Part No. - ISL43681IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43681IR INTERSIL-ISL43681IR Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681IR RENESAS-ISL43681IR Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL43681IRZ INTERSIL-ISL43681IRZ Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681IRZ RENESAS-ISL43681IRZ Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
More results

Similar Description - ISL43681IR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL43681 INTERSIL-ISL43681_06 Datasheet
539Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Renesas Technology Corp
ISL43681 RENESAS-ISL43681 Datasheet
1Mb / 18P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer and Differential 4 to 1 Multiplexer
logo
Intersil Corporation
ISL84582IVZ INTERSIL-ISL84582IVZ Datasheet
402Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
May 6, 2009
ISL84582 INTERSIL-ISL84582 Datasheet
405Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84582 RENESAS-ISL84582 Datasheet
726Kb / 14P
   Low-Voltage, Single and Dual Supply, Differential 4-to-1 Multiplexer
logo
Intersil Corporation
ISL84581 INTERSIL-ISL84581 Datasheet
422Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Renesas Technology Corp
ISL84581 RENESAS-ISL84581 Datasheet
765Kb / 15P
   Low-Voltage, Single and Dual Supply, 8-to-1 Multiplexer
logo
Intersil Corporation
ISL84581IVZ INTERSIL-ISL84581IVZ Datasheet
419Kb / 15P
   Low-Voltage, Single and Dual Supply,8-to-1 Multiplexer
April 13, 2009
ISL84051 INTERSIL-ISL84051 Datasheet
560Kb / 17P
   Low-Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switches
ISL84051_0710 INTERSIL-ISL84051_0710 Datasheet
443Kb / 18P
   Low Voltage, Single and Dual Supply, 8 to 1 Multiplexer, Dual 4 to 1 Multiplexer and a Triple SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com