Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASF140 Datasheet(PDF) 6 Page - Advanced Semiconductor Business Inc.

Part # ASF140
Description  3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASF140 Datasheet(HTML) 6 Page - Advanced Semiconductor Business Inc.

  ASF140 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASF140 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASF140 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASF140 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASF140 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASF140 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASF140 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASF140 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASF140 Datasheet HTML 9Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6/9
ASB Inc.
 sales@asb.co.kr
July 2014
ASF140
0
200
400
600
800
1000
Frequency (MHz)
0
1
2
3
4
5
NF
0
2
4
6
8
10
12
Output Power (dBm)
-70
-65
-60
-55
-50
-45
-40
20 MHz BW
10 MHz BW
0
200
400
600
800
1000
Frequency (MHz)
0
5
10
15
20
-40 °C
+25 °C
+85 °C
0
200
400
600
800
1000
Frequency (MHz)
-30
-20
-10
0
-40 °C
+25 °C
+85 °C
3.4
Plots of Noise Figure, ACLR (for LTE) and Performances
with Temperature
Note that ACLR test conditions are as follows;
1) Test Source: LTE_FDD_test model 3.1, BW: 10 MHz & 20 MHz, Test Frequency: 140 MHz
2) Test Source: LTE_FDD_test model 3.1, BW: 20 MHz, Test Frequency: 140 MHz


Similar Part No. - ASF140

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASF140 ASB-ASF140 Datasheet
459Kb / 9P
   Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
logo
List of Unclassifed Man...
ASF1400 ETC2-ASF1400 Datasheet
272Kb / 9P
   Bidirectional Mass Flow Meter
logo
Advanced Semiconductor ...
ASF140 ASB-ASF140_17 Datasheet
459Kb / 9P
   Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
More results

Similar Description - ASF140

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASF130 ASB-ASF130 Datasheet
466Kb / 9P
   3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
ASF153 ASB-ASF153 Datasheet
587Kb / 11P
   3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
August 2014
ASF133 ASB-ASF133 Datasheet
455Kb / 9P
   3 V IF Gain Block Amplifier MMIC over DC~1000 MHz
July 2014
logo
Analog Devices
ADL5530 AD-ADL5530_17 Datasheet
399Kb / 16P
   DC to 1000 MHz IF Gain Block
ADL5530 AD-ADL5530 Datasheet
305Kb / 12P
   DC to 1000 MHz IF Gain Block
REV. 0
ADL5530 AD-ADL5530_15 Datasheet
438Kb / 16P
   DC to 1000 MHz IF Gain Block
REV. A
logo
Advanced Semiconductor ...
ASF130 ASB-ASF130_17 Datasheet
536Kb / 11P
   Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF133 ASB-ASF133_17 Datasheet
456Kb / 9P
   Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF140 ASB-ASF140_17 Datasheet
459Kb / 9P
   Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
ASF143 ASB-ASF143 Datasheet
464Kb / 9P
   Gain Block Amplifier MMIC over DC ~1000MHz
February 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com