Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3404 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP3404
Description  GSM Power Management System
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3404 Datasheet(HTML) 2 Page - Analog Devices

  ADP3404_15 Datasheet HTML 1Page - Analog Devices ADP3404_15 Datasheet HTML 2Page - Analog Devices ADP3404_15 Datasheet HTML 3Page - Analog Devices ADP3404_15 Datasheet HTML 4Page - Analog Devices ADP3404_15 Datasheet HTML 5Page - Analog Devices ADP3404_15 Datasheet HTML 6Page - Analog Devices ADP3404_15 Datasheet HTML 7Page - Analog Devices ADP3404_15 Datasheet HTML 8Page - Analog Devices ADP3404_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. 0
ADP3404–SPECIFICATIONS
ELECTRICAL CHARACTERISTICS
1
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
SHUTDOWN SUPPLY CURRENT
IBAT
VBAT = Low (UVLO Low)
VBAT = 2.7 V
3
20
µA
VBAT = High (UVLO High)
VBAT = 3.6 V, VRTC On
12
30
µA
OPERATING GROUND CURRENT
IGND
VCC, VRTC, VCCA, REFOUT On
Minimum Loads, VBAT = 3.6 V
175
240
µA
VCC, VRTC, VCCA, REFOUT
and VSIM On
Minimum Loads, VBAT = 3.6 V
230
340
µA
All LDOs and VSIM On
Minimum Loads, VBAT = 3.6 V
260
400
µA
All LDOs and VSIM On
Maximum Loads, VBAT = 3.6 V
15
mA
UVLO CHARACTERISTICS
UVLO On Threshold
VBATUVLO
3.2
3.3
V
UVLO Hysteresis
200
mV
INPUT CHARACTERISTICS
Input High Voltage
VIH
PWRONIN and ANALOGON
2
V
PWRONKEY
0.7
VBAT
V
Input Low Voltage
VIL
PWRONIN and ANALOGON
0.4
V
PWRONKEY
0.3
VBAT
V
PWRONKEY INPUT PULLUP
RESISTANCE TO VBAT
15
20
25
k
CHRON CHARACTERISTICS
CHRON Threshold
VT
2.38
2.48
2.58
V
CHRON Hysteresis Resistance
RIN
2.38 < CHRON < VT
108
125
138
k
CHRON Input Bias Current
IB
CHRON > VT
0.5
µA
ROWX CHARACTERISTICS
ROWX Output Low Voltage
VOL
PWRONKEY = Low
0.4
V
IOL = 200
µA
ROWX Output High Leakage
IIH
PWRONKEY = High
1
µA
Current
V(ROWX) = 5 V
SHUTDOWN
Thermal Shutdown Threshold
2
Junction Temperature
160
ºC
Thermal Shutdown Hysteresis
Junction Temperature
35
ºC
DIGITAL LDO (VCC)
Output Voltage
VCC
Line, Load, Temp
2.400
2.450 2.500
V
Line Regulation
∆VCC
3 V < VBAT < 7 V, Min Load
2
mV
Load Regulation
∆VCC
50
µA < I
LOAD < 100 mA,
15
mV
VBAT = 3.6 V
Output Capacitor
3
CO
2.2
µF
ANALOG LDO (VCCA)
Output Voltage
VCCA
Line, Load, Temp
2.710
2.765 2.820
V
Line Regulation
∆VCCA
3 V < VBAT < 7 V, Min Load
2
mV
Load Regulation
∆VCCA
200
µA < ILOAD < 130 mA,
15
mV
VBAT = 3.6 V
Output Capacitor
3
CO
2.2
µF
Dropout Voltage
VDO
VO = VINITIAL – 100 mV
215
mV
ILOAD = 130 mA
Ripple Rejection
∆VBAT/
f = 217 Hz (t = 4.6 ms)
65
70
dB
∆VCCA
VBAT = 3.6 V
Output Noise Voltage
VNOISE
f = 10 Hz to 100 kHz
75
µV rms
ILOAD = 130 mA, VBAT = 3.6 V
(–20 C
T
A
+85 C, VBAT = 3 V to 7 V, C
VBAT = CSIMBAT = CVSIM = 10
F, CVCC = CVCCA = 2.2 F,
CVRTC = 0.1 F, CVTCXO = 0.22 F, CVCAP = 0.1 F, minimum loads applied on all outputs,
unless otherwise noted.)


Similar Part No. - ADP3404_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3404ARU AD-ADP3404ARU Datasheet
149Kb / 12P
   GSM Power Management System
REV. 0
More results

Similar Description - ADP3404_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3401 AD-ADP3401 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3522 AD-ADP3522 Datasheet
467Kb / 20P
   GSM Power Management System
REV. 0
ADP3405 AD-ADP3405_15 Datasheet
148Kb / 12P
   GSM Power Management System
REV. 0
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
logo
Analog Devices
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408 Datasheet
206Kb / 16P
   GSM Power Management System
REV. 0
ADP3401 AD-ADP3401_15 Datasheet
285Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408_15 Datasheet
1,019Kb / 20P
   GSM Power Management System
REV. A
ADP3405 AD-ADP3405 Datasheet
152Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com