Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3408 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP3408
Description  GSM Power Management System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3408 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP3408_15 Datasheet HTML 4Page - Analog Devices ADP3408_15 Datasheet HTML 5Page - Analog Devices ADP3408_15 Datasheet HTML 6Page - Analog Devices ADP3408_15 Datasheet HTML 7Page - Analog Devices ADP3408_15 Datasheet HTML 8Page - Analog Devices ADP3408_15 Datasheet HTML 9Page - Analog Devices ADP3408_15 Datasheet HTML 10Page - Analog Devices ADP3408_15 Datasheet HTML 11Page - Analog Devices ADP3408_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. A
ADP3408
–8–
ALL LDO, MVBAT, REFOUT,
ON_MIN_LOAD (SIMEN = H,
TCXOEN = H)
VCORE, VMEM, VRTC,
ON_MIN_LOAD (SIMEN = L,
TCXOEN = L)
VSIM, VCORE, VMEM, VRTC,
ON_MIN_LOAD (SIMEN = H,
TCXOEN = L)
VBAT – V
450
400
350
300
250
200
150
100
3.0
3.5
4.0
4.5
5.0
5.5
TPC 1. Ground Current vs. Battery
Voltage
LOAD CURRENT – mA
180
160
140
120
100
80
60
40
20
0
020
40
6080
VTCXO
VSIM
VMEM
TPC 4. Dropout Voltage vs. Load
Current
VBAT
VAN
VCORE
10mV/DIV
10mV/DIV
3.2
3.0
TIME – 100 s/DIV
VSIM
10mV/DIV
TPC 7. Line Transient Response,
Minimum Loads
VRTC – V
10000
1000
100
10
0
0.5
1.0
1.5
2.0
2.5
–20 C
+85 C
+25 C
TPC 2. RTC I/V Characteristic
VBAT
VTCXO
VMEM
10mV/DIV
10mV/DIV
3.2
3.0
TIME – 100 s/DIV
TPC 5. Line Transient Response,
Minimum Loads
VBAT
VCORE
VSIM
10mV/DIV
10mV/DIV
3.2
3.0
TIME – 100 s/DIV
VAN
10mV/DIV
TPC 8. Line Transient Response,
Maximum Loads
RTC REVERSE LEAKAGE
(VBAT = 2.3V)
RTC REVERSE LEAKAGE
(VBAT = FLOAT)
TEMPERATURE – C
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
25 30 35 40 45 50 55 60 65 70 75 80 85
TPC 3. VRTC Reverse Leakage
Current vs. Temperature
VBAT
VTCXO
VMEM
10mV/DIV
10mV/DIV
3.2
3.0
TIME – 100 s/DIV
TPC 6. Line Transient Response,
Maximum Loads
TIME – 200 s/DIV
LOAD
20mA
VTCXO
10mV/DIV
3mA
TPC 9. VTCXO Load Step
–Typical Performance Characteristics


Similar Part No. - ADP3408_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3408ARU-18 AD-ADP3408ARU-18 Datasheet
206Kb / 16P
   GSM Power Management System
REV. 0
ADP3408ARU-25 AD-ADP3408ARU-25 Datasheet
206Kb / 16P
   GSM Power Management System
REV. 0
More results

Similar Description - ADP3408_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3401 AD-ADP3401 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3522 AD-ADP3522 Datasheet
467Kb / 20P
   GSM Power Management System
REV. 0
ADP3404 AD-ADP3404_15 Datasheet
145Kb / 12P
   GSM Power Management System
REV. 0
ADP3405 AD-ADP3405_15 Datasheet
148Kb / 12P
   GSM Power Management System
REV. 0
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
logo
Analog Devices
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408 Datasheet
206Kb / 16P
   GSM Power Management System
REV. 0
ADP3401 AD-ADP3401_15 Datasheet
285Kb / 12P
   GSM Power Management System
REV. 0
ADP3405 AD-ADP3405 Datasheet
152Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com