Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3408 Datasheet(PDF) 11 Page - Analog Devices

Part # ADP3408
Description  GSM Power Management System
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3408 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADP3408_15 Datasheet HTML 7Page - Analog Devices ADP3408_15 Datasheet HTML 8Page - Analog Devices ADP3408_15 Datasheet HTML 9Page - Analog Devices ADP3408_15 Datasheet HTML 10Page - Analog Devices ADP3408_15 Datasheet HTML 11Page - Analog Devices ADP3408_15 Datasheet HTML 12Page - Analog Devices ADP3408_15 Datasheet HTML 13Page - Analog Devices ADP3408_15 Datasheet HTML 14Page - Analog Devices ADP3408_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
REV. A
ADP3408
–11–
Q
S
R
DEEP
DISCHARGED
UVLO
OVER TEMP
SHUTDOWN
CHARGER
DETECT
UVLO
VBAT
VREF
EN
OUT
DGND
SIM LDO
VBAT
VREF
EN
OUT
DGND
DIGITAL CORE LDO
VBAT
VREF
EN
OUT
AGND
ANALOG LDO
PG
RESET
GENERATOR
VBAT
VREF
EN
OUT
AGND
TCXO LDO
VBAT
VREF
EN
OUT
DGND
MEMORY LDO
VBAT
VREF
EN
OUT
DGND
RTC LDO
EN REF
BUFFER
1.21V
AGND
Li-ION
BATTERY
CHARGE
CONTROLLER
AND
PROCESSOR
CHARGE
INTERFACE
ADP3408
PWRONKEY
ROWX
PWRONIN
SIMEN
TCXOEN
RESCAP
CHRDET
EOC
CHGEN
GATEIN
BATSNS
ISENSE
GATEDR
CHRIN
MVBAT
DGND
AGND
REFOUT
VRTC
VMEM
VTCXO
RESET
VAN
VCORE
VSIM
VBAT2
VRTCIN
VBAT
+
100k
Figure 1. Functional Block Diagram (TSSOP Option Pin Number)
ADP3408
BATTERY
CHARGE
CONTROLLER
EOC
CHGEN
GATEIN
BATSNS
GATEDR
ISENSE
CHRIN (10V MAX)
CHRDET
R1
0.2
C1
1nF
Q1
SI3441DY
D1
10BQ015
Figure 2. Battery Charger Typical Application (TSSOP Option Pin Number)


Similar Part No. - ADP3408_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3408ARU-18 AD-ADP3408ARU-18 Datasheet
206Kb / 16P
   GSM Power Management System
REV. 0
ADP3408ARU-25 AD-ADP3408ARU-25 Datasheet
206Kb / 16P
   GSM Power Management System
REV. 0
More results

Similar Description - ADP3408_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3401 AD-ADP3401 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3522 AD-ADP3522 Datasheet
467Kb / 20P
   GSM Power Management System
REV. 0
ADP3404 AD-ADP3404_15 Datasheet
145Kb / 12P
   GSM Power Management System
REV. 0
ADP3405 AD-ADP3405_15 Datasheet
148Kb / 12P
   GSM Power Management System
REV. 0
ADP3402 AD-ADP3402 Datasheet
277Kb / 12P
   GSM Power Management System
REV. 0
logo
Silicon Standard Corp.
SS8000G SSC-SS8000G Datasheet
797Kb / 14P
   GSM Power-Management System
logo
Analog Devices
ADP3402 AD-ADP3402_15 Datasheet
281Kb / 12P
   GSM Power Management System
REV. 0
ADP3408 AD-ADP3408 Datasheet
206Kb / 16P
   GSM Power Management System
REV. 0
ADP3401 AD-ADP3401_15 Datasheet
285Kb / 12P
   GSM Power Management System
REV. 0
ADP3405 AD-ADP3405 Datasheet
152Kb / 12P
   GSM Power Management System
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com