Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL4486IUZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL4486IUZ
Description  5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL4486IUZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL4486IUZ Datasheet HTML 1Page - Intersil Corporation ISL4486IUZ Datasheet HTML 2Page - Intersil Corporation ISL4486IUZ Datasheet HTML 3Page - Intersil Corporation ISL4486IUZ Datasheet HTML 4Page - Intersil Corporation ISL4486IUZ Datasheet HTML 5Page - Intersil Corporation ISL4486IUZ Datasheet HTML 6Page - Intersil Corporation ISL4486IUZ Datasheet HTML 7Page - Intersil Corporation ISL4486IUZ Datasheet HTML 8Page - Intersil Corporation ISL4486IUZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
®
FN6060.2
ISL4486, ISL81486
5V, Ultra High Speed, PROFIBUS®,
RS-485/RS-422 Transceivers
The Intersil ISL4486 and ISL81486 are BiCMOS, 5V
powered, single transceivers that meet both the RS-485 and
RS-422 standards for balanced communication, and feature
the larger output voltage and higher data rate - up to
40Mbps - required by high speed PROFIBUS applications.
Unlike
competitive products, these Intersil devices are
specified for 10% tolerance supplies (4.5V to 5.5V) and
deliver at least a 2.3V differential output voltage over this
supply range. At the 5% tolerance specified by many
competitors, the ISL4486 delivers an unsurpassed 2.5V
differential signal into a 54
Ω total load. This translates into
longer reach, or better data integrity, at the exceptional
40Mbps data rate.
SCSI applications benefit from the ISL4486’s low receiver
and transmitter part-to-part skews, which make it perfect for
high speed parallel applications where large numbers of bits
must be simultaneously captured. The low bit-to-bit skew
eases the timing constraints on the data latching signal.
These devices present a “0.6 unit load” to the RS-485 bus,
which allows up to 50 transceivers on the network.
Receiver (Rx) inputs feature a “fail-safe if open” design,
which ensures a logic high Rx output if Rx inputs are floating.
Driver (Tx) outputs are short circuit protected, even for
voltages exceeding the power supply voltage. Additionally,
on-chip thermal shutdown circuitry disables the Tx outputs to
prevent damage if power dissipation becomes excessive.
Features
• Specified for 10% Tolerance Supplies
• High Data Rates
ISL4486 . . . . . . . . . . . . . . . . . . . . . . . . . . up to 40Mbps
ISL81486 . . . . . . . . . . . . . . . . . . . . . . . . . up to 30Mbps
• Large Differential Output Voltage . . . . . . . . . . 3V into 54
• Low Bit-to-Bit (Part-to-Part) Skew for Parallel Applications
• 0.6 Unit Load Allows up to 50 Devices on the Bus
• ISL81486 is a Drop-In Replacement for the ADM1486
• Low Quiescent Current . . . . . . . . . . . . . . . . . . . . . 800µA
• -7V to +12V Common Mode Input Voltage Range
• Three-State Rx and Tx Outputs
• 14ns (Max) Propagation Delays, 2ns (Max) Skew
• Operates from a Single +5V Supply (10% Tolerance)
• Current Limiting and Thermal Shutdown for driver
Overload Protection
• Pb-free available
Applications
• SCSI “Fast 40” Drivers and Receivers
• PROFIBUS DP and FMS Networks
• Factory Automation
• Field Bus Networks
• Security Networks
• Building Environmental Control Systems
• Industrial/Process Control Networks
Ordering Information
PART NO. (BRAND)
TEMP.
RANGE (°C)
PACKAGE
PKG.
DWG. #
ISL4486IB (4486IB)
-40 to 85
8 Ld SOIC
M8.15
ISL4486IBZ (4486IB)
(See Note)
-40 to 85
8 Ld SOIC
(Pb-free)
M8.15
ISL4486IU (4486)
-40 to 85
8 Ld MSOP
M8.118
ISL4486IUZ (4486)
(See Note)
-40 to 85
8 Ld MSOP
(Pb-free)
M8.118
ISL81486IB (81486IB)
-40 to 85
8 Ld SOIC
M8.15
ISL81486IBZ
(81486IB) (See Note)
-40 to 85
8 Ld SOIC
(Pb-free)
M8.15
ISL81486IU (1486)
-40 to 85
8 Ld MSOP
M8.118
ISL81486IUZ (1486)
(See Note)
-40 to 85
8 Ld MSOP
(Pb-free)
M8.118
*Add “-T” suffix to part number for tape and reel packaging.
NOTE: Intersil Pb-free products employ special Pb-free material sets; molding
compounds/die attach materials and 100% matte tin plate termination finish, which
is compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that meet or
exceed the Pb-free requirements of IPC/JEDEC J Std-020B.
Pinout
ISL4486, ISL81486 (SOIC, MSOP)
TOP VIEW
RO
RE
DE
DI
1
2
3
4
8
7
6
5
VCC
B/Z
A/Y
GND
D
R
Data Sheet
August 2004
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2004. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL4486IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL4486IUZ RENESAS-ISL4486IUZ Datasheet
764Kb / 11P
   5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
More results

Similar Description - ISL4486IUZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL4486 RENESAS-ISL4486 Datasheet
764Kb / 11P
   5V, Ultra High Speed, PROFIBUS®, RS-485/RS-422 Transceivers
August 1, 2004
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3465_V3 MAXIM-MAX3465_V3 Datasheet
223Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 3; 5/12
logo
Holt Integrated Circuit...
HI-4853H HOLTIC-HI-4853H Datasheet
1Mb / 14P
   3.3/5V, High-Speed RS-485/422 Transceivers with
logo
Shenzhen Huazhimei Semi...
MAX485 HMSEMI-MAX485 Datasheet
592Kb / 10P
   RS-485/RS-422 Transceivers
HM485 HMSEMI-HM485 Datasheet
530Kb / 10P
   RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3170E INTERSIL-ISL3170E_08 Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
logo
Texas Instruments
SN65HVD1176 TI-SN65HVD1176 Datasheet
248Kb / 17P
[Old version datasheet]   PROFIBUS RS-485 TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com