Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL56404IN Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL56404IN
Description  3V Dual 8-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL56404IN Datasheet(HTML) 3 Page - Intersil Corporation

  ISL56404IN Datasheet HTML 1Page - Intersil Corporation ISL56404IN Datasheet HTML 2Page - Intersil Corporation ISL56404IN Datasheet HTML 3Page - Intersil Corporation ISL56404IN Datasheet HTML 4Page - Intersil Corporation ISL56404IN Datasheet HTML 5Page - Intersil Corporation ISL56404IN Datasheet HTML 6Page - Intersil Corporation ISL56404IN Datasheet HTML 7Page - Intersil Corporation ISL56404IN Datasheet HTML 8Page - Intersil Corporation ISL56404IN Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3-3
Typical Application Schematic
ISL5640
ARE PLACED AS CLOSE
10
µF AND 0.1µF CAPS
QD7
QD6
QD5
QD4
QD3
QD2
QD1
QD0
BNC
CLOCK
10
µF
0.1
µF10µF
+
+
DGND
AGND
(7) VROUT
(6) QVRIN
ICLK (47)
DGND (16, 27, 34, 45)
(12,29,32) AGND
(LSB) QD0 (24)
QD1 (23)
QD2 (22)
QD3 (21)
QD4 (20)
QD5 (19)
QD6 (18)
(MSB) QD7 (17)
(13,30,31,48) AVCC DVCC (15, 28, 33, 46)
TO PART AS POSSIBLE
0.1
µF
3V
+3V
0.1
µF
ID7
ID6
ID5
ID4
ID3
ID2
ID1
ID0
(LSB) ID0 (37)
ID1 (38)
ID2 (39)
ID3 (40)
ID4 (31)
ID5 (42)
ID6 (43)
(MSB) ID7 (44)
IIN+
IIN-
(3) IIN-
(2) IIN+
QIN+
QIN-
(10) QIN-
(11) QIN+
QCLK (14)
S1 (8)
S2 (9)
S1
S2
DFS (4)
DFS
(5) IVRIN
ISL5640


Similar Part No. - ISL56404IN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5627 INTERSIL-ISL5627 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627 INTERSIL-ISL5627 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL5627EVAL1 INTERSIL-ISL5627EVAL1 Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5627IN INTERSIL-ISL5627IN Datasheet
468Kb / 12P
   Dual 8-bit, 3.3V, 260MSPS, High Speed D/A Converter
ISL5629 INTERSIL-ISL5629 Datasheet
644Kb / 12P
   Dual 8-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
More results

Similar Description - ISL56404IN

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5740 INTERSIL-ISL5740 Datasheet
97Kb / 12P
   3V Dual 10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
HI5662 INTERSIL-HI5662 Datasheet
130Kb / 14P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
February 1999
HI5767 INTERSIL-HI5767_05 Datasheet
841Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
logo
Renesas Technology Corp
HI5662 RENESAS-HI5662 Datasheet
693Kb / 15P
   Dual 8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5767 RENESAS-HI5767 Datasheet
719Kb / 15P
   10-Bit, 20/40/60MSPS A/D Converter with Internal Voltage Reference
HI5667 RENESAS-HI5667 Datasheet
612Kb / 11P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
March 2003
logo
Intersil Corporation
HI5667 INTERSIL-HI5667 Datasheet
262Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5667 INTERSIL-HI5667 Datasheet
252Kb / 10P
   8-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762 INTERSIL-HI5762 Datasheet
133Kb / 14P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
HI5762 INTERSIL-HI5762_10 Datasheet
291Kb / 16P
   Dual 10-Bit, 60MSPS A/D Converter with Internal Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com