Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5761 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL5761
Description  10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5761 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL5761 Datasheet HTML 1Page - Intersil Corporation ISL5761 Datasheet HTML 2Page - Intersil Corporation ISL5761 Datasheet HTML 3Page - Intersil Corporation ISL5761 Datasheet HTML 4Page - Intersil Corporation ISL5761 Datasheet HTML 5Page - Intersil Corporation ISL5761 Datasheet HTML 6Page - Intersil Corporation ISL5761 Datasheet HTML 7Page - Intersil Corporation ISL5761 Datasheet HTML 8Page - Intersil Corporation ISL5761 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Spurious Free Dynamic Range,
SFDR to Nyquist (fCLK/2)
fCLK = 210MSPS, fOUT = 80.8MHz (Notes 4, 7)
-
50
-
dBc
fCLK = 210MSPS, fOUT = 40.4MHz (Notes 4, 7, 9)
-
58
-
dBc
fCLK = 200MSPS, fOUT = 20.2MHz, T = 25
oC (Notes 4, 7)
58
60
-
dBc
fCLK = 200MSPS, fOUT = 20.2MHz, T = -40
oC to 85oC (Notes 4, 7)
56
-
-
dBc
fCLK = 130MSPS, fOUT = 50.5MHz (Notes 4, 7)
-
55
-
dBc
fCLK = 130MSPS, fOUT = 40.4MHz (Notes 4, 7)
-
60
-
dBc
fCLK = 130MSPS, fOUT = 20.2MHz (Notes 4, 7)
-
68
-
dBc
fCLK = 130MSPS, fOUT = 10.1MHz (Notes 4, 7)
-
70
-
dBc
fCLK = 130MSPS, fOUT = 5.05MHz, T = 25
oC (Notes 4, 7)
68
75
-
dBc
fCLK = 130MSPS, fOUT = 5.05MHz, T = -40
oC to 85oC (Notes 4, 7)
66
-
-
dBc
fCLK = 100MSPS, fOUT = 40.4MHz (Notes 4, 7)
-
58
-
dBc
fCLK = 80MSPS, fOUT = 30.3MHz (Notes 4, 7)
-
61
-
dBc
fCLK = 80MSPS, fOUT = 20.2MHz (Notes 4, 7)
-
67
-
dBc
fCLK = 80MSPS, fOUT = 10.1MHz (Notes 4, 7, 9)
-
69
-
dBc
fCLK = 80MSPS, fOUT = 5.05MHz (Notes 4, 7)
-
74
-
dBc
fCLK = 50MSPS, fOUT = 20.2MHz (Notes 4, 7)
-
66
-
dBc
fCLK = 50MSPS, fOUT = 10.1MHz (Notes 4, 7)
-
72
-
dBc
fCLK = 50MSPS, fOUT = 5.05MHz (Notes 4, 7)
-
75
-
dBc
Spurious Free Dynamic Range,
SFDR in a Window with Eight Tones
fCLK = 210MSPS, fOUT = 28.3MHz to 45.2MHz, 2.1MHz Spacing,
50MHz Span (Notes 4, 7, 9)
-63
-
dBc
fCLK = 130MSPS, fOUT =17.5MHz to 27.9MHz, 1.3MHz Spacing,
35MHz Span (Notes 4, 7)
-66
-
dBc
fCLK = 80MSPS, fOUT = 10.8MHz to 17.2MHz, 811kHz Spacing,
15MHz Span (Notes 4, 7)
-73
-
dBc
fCLK = 50MSPS, fOUT = 6.7MHz to 10.8MHz, 490kHz Spacing,
10MHz Span (Notes 4, 7)
-75
-
dBc
Spurious Free Dynamic Range,
SFDR in a Window with EDGE or GSM
fCLK = 78MSPS, fOUT = 11MHz, in a 20MHz Window, RBW=30kHz
(Notes 4, 7, 9)
-83
-
dBc
Adjacent Channel Power Ratio,
ACPR with UMTS
fCLK = 76.8MSPS, fOUT = 19.2MHz, RBW=30kHz (Notes 4, 7, 9)
-
65
-
dB
VOLTAGE REFERENCE
Internal Reference Voltage, VFSADJ
Pin 18 Voltage with Internal Reference
1.2
1.23
1.3
V
Internal Reference Voltage Drift
-
±40
-
ppm/oC
Internal Reference Output Current
Sink/Source Capability
Reference is not intended to be externally loaded (REFIO pin)
-
0
-
µA
Reference Input Impedance
-1
-
MΩ
Reference Input Multiplying Bandwidth (Note 7)
-
1.0
-
MHz
DIGITAL INPUTS
D9-D0, CLK
Input Logic High Voltage with
3.3V Supply, VIH
(Note 3)
2.3
3.3
-
V
Input Logic Low Voltage with
3.3V Supply, VIL
(Note 3)
-
0
1.0
V
Sleep Input Current, IIH
-25
-
+25
µA
Electrical Specifications
AVDD = DVDD = +3.3V, VREF = Internal 1.2V, IOUTFS = 20mA, TA = 25
oC for All Typical Values (Continued)
PARAMETER
TEST CONDITIONS
TA = -40
oC TO 85oC
UNITS
MIN
TYP
MAX
ISL5761


Similar Part No. - ISL5761

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5761 INTERSIL-ISL5761 Datasheet
641Kb / 13P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5761 INTERSIL-ISL5761 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL5761 RENESAS-ISL5761 Datasheet
945Kb / 14P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
logo
Intersil Corporation
ISL5761 INTERSIL-ISL5761 Datasheet
636Kb / 14P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
September 15, 2015
ISL5761/2IA INTERSIL-ISL5761/2IA Datasheet
641Kb / 13P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results

Similar Description - ISL5761

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5729 INTERSIL-ISL5729 Datasheet
766Kb / 13P
   Dual 10-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5629 INTERSIL-ISL5629 Datasheet
644Kb / 12P
   Dual 8-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5829 INTERSIL-ISL5829 Datasheet
761Kb / 13P
   Dual 12-bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5929 INTERSIL-ISL5929 Datasheet
844Kb / 13P
   Dual 14-Bit, 3.3V, 130/210MSPS, CommLink TM High Speed D/A Converter
ISL5961 INTERSIL-ISL5961 Datasheet
899Kb / 13P
   14-Bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
ISL5861 INTERSIL-ISL5861 Datasheet
906Kb / 13P
   12-bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter
ISL5761 INTERSIL-ISL5761_04 Datasheet
641Kb / 13P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5761IBZ INTERSIL-ISL5761IBZ Datasheet
636Kb / 14P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
September 15, 2015
logo
Renesas Technology Corp
ISL5761 RENESAS-ISL5761 Datasheet
945Kb / 14P
   10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
ISL5729 RENESAS-ISL5729 Datasheet
932Kb / 13P
   Dual 10-bit, 3.3V, 130/210MSPS, High Speed D/A Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com