Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR423 Datasheet(PDF) 9 Page - Analog Devices

Part # ADR423
Description  Ultraprecision, Low Noise Voltage References
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR423 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADR423_15 Datasheet HTML 5Page - Analog Devices ADR423_15 Datasheet HTML 6Page - Analog Devices ADR423_15 Datasheet HTML 7Page - Analog Devices ADR423_15 Datasheet HTML 8Page - Analog Devices ADR423_15 Datasheet HTML 9Page - Analog Devices ADR423_15 Datasheet HTML 10Page - Analog Devices ADR423_15 Datasheet HTML 11Page - Analog Devices ADR423_15 Datasheet HTML 12Page - Analog Devices ADR423_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
ADR420/ADR421/ADR423/ADR425
Rev. J | Page 9 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
NIC = NO INTERNAL CONNECTION
TP = TEST PIN (DO NOT CONNECT)
ADR420/
ADR421/
ADR423/
ADR425
TOP VIEW
(Not to Scale)
TP
1
VIN 2
NIC
3
GND
4
TP
8
NIC
7
VOUT
6
TRIM
5
Figure 2. 8-Lead SOIC, 8-Lead MSOP Pin Configuration
Table 8. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 8
TP
Test Pin. There are actual connections in TP pins, but they are reserved for factory testing purposes. Users should not
connect anything to TP pins; otherwise, the device may not function properly.
2
VIN
Input Voltage.
3, 7
NIC
No Internal Connect. NICs have no internal connections.
4
GND
Ground Pin = 0 V.
5
TRIM
Trim Terminal. It can be used to adjust the output voltage over a ±0.5% range without affecting the temperature
coefficient.
6
VOUT
Output Voltage.


Similar Part No. - ADR423_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR423AR AD-ADR423AR Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR423AR-REEL7 AD-ADR423AR-REEL7 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR423ARM-REEL7 AD-ADR423ARM-REEL7 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
ADR423ARMZ AD-ADR423ARMZ Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR423ARMZ-REEL7 AD-ADR423ARMZ-REEL7 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
More results

Similar Description - ADR423_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR421 AD-ADR421_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR420 AD-ADR420_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR425 AD-ADR425_15 Datasheet
459Kb / 24P
   Ultraprecision, Low Noise Voltage References
Rev. J
ADR420 AD-ADR420_11 Datasheet
392Kb / 24P
   Ultraprecision, Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET짰 Voltage References
Rev. I
ADR420 AD-ADR420 Datasheet
223Kb / 16P
   Ultraprecision Low Noise, 2.048 V/2.500 V/ 3.00 V/5.00 V XFET Voltage References
REV. B
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
logo
Intersil Corporation
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com