Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR443 Datasheet(PDF) 8 Page - Analog Devices

Part # ADR443
Description  Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR443 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR443_15 Datasheet HTML 4Page - Analog Devices ADR443_15 Datasheet HTML 5Page - Analog Devices ADR443_15 Datasheet HTML 6Page - Analog Devices ADR443_15 Datasheet HTML 7Page - Analog Devices ADR443_15 Datasheet HTML 8Page - Analog Devices ADR443_15 Datasheet HTML 9Page - Analog Devices ADR443_15 Datasheet HTML 10Page - Analog Devices ADR443_15 Datasheet HTML 11Page - Analog Devices ADR443_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADR440/ADR441/ADR443/ADR444/ADR445
Rev. E | Page 8 of 20
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 7.
Parameter
Rating
Supply Voltage
20 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Lead Temperature, Soldering (60 sec)
300°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 8. Thermal Resistance
Package Type
θJA
θJC
Unit
8-Lead SOIC (R-Suffix)
130
43
°C/W
8-Lead MSOP (RM-Suffix)
132.5
43.9
°C/W
ESD CAUTION


Similar Part No. - ADR443_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR443A AD-ADR443A Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR443A AD-ADR443A Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR443ARMZ AD-ADR443ARMZ Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR443ARMZ-REEL7 AD-ADR443ARMZ-REEL7 Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR443ARZ AD-ADR443ARZ Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
More results

Similar Description - ADR443_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR441 AD-ADR441_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_10 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR445 AD-ADR445_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR440 AD-ADR440 Datasheet
568Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
REV. A
ADR444 AD-ADR444_15 Datasheet
403Kb / 20P
   Ultralow Noise, LDO XFET Voltage References with Current Sink and Source
Rev. E
ADR430 AD-ADR430 Datasheet
868Kb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. B
ADR430 AD-ADR430_11 Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR435BRMZ AD-ADR435BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
ADR431BRMZ AD-ADR431BRMZ Datasheet
1Mb / 24P
   Ultralow Noise XFET Voltage References with Current Sink and Source Capability
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com