Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR512 Datasheet(PDF) 8 Page - Analog Devices

Part # ADR512
Description  1.2 V Precision Low Noise Shunt Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR512 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADR512_15 Datasheet HTML 4Page - Analog Devices ADR512_15 Datasheet HTML 5Page - Analog Devices ADR512_15 Datasheet HTML 6Page - Analog Devices ADR512_15 Datasheet HTML 7Page - Analog Devices ADR512_15 Datasheet HTML 8Page - Analog Devices ADR512_15 Datasheet HTML 9Page - Analog Devices ADR512_15 Datasheet HTML 10Page - Analog Devices ADR512_15 Datasheet HTML 11Page - Analog Devices ADR512_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADR512
Data Sheet
Rev. A | Page 8 of 12
APPLICATIONS SECTION
The ADR512 is a 1.2 V precision shunt voltage reference. It is
designed to operate without an external output capacitor
between the positive and negative terminals for stability. An
external capacitor can be used for additional filtering of the
supply.
As with all shunt voltage references, an external bias resistor
(RBIAS) is required between the supply voltage and the ADR512
(see Figure 2). RBIAS sets the current that is required to pass
through the load (IL) and the ADR512 (IQ). The load and the
supply voltage can vary, thus RBIAS is chosen based on
RBIAS must be small enough to supply the minimum IQ
current to the ADR512 even when the supply voltage is at
its minimum and the load current is at its maximum value.
RBIAS also needs to be large enough so that IQ does not
exceed 10 mA when the supply voltage is at its maximum
and the load current is at its minimum.
Given these conditions, RBIAS is determined by the supply
voltage (VS), the load and operating current (IL and IQ) of the
ADR512, and the ADR512’s output voltage.
RBIAS = (VS − VOUT)/(IL + IQ)
(3)
ADJUSTABLE PRECISION VOLTAGE SOURCE
The ADR512, combined with a precision low input bias op amp
such as the AD8610, can be used to output a precise adjustable
voltage. Figure 11 illustrates the implementation of this application
using the ADR512.
The output of the op amp, VOUT, is determined by the gain of the
circuit, which is completely dependent on resistors R2 and R1.
1
2
1
R
R
V
OUT
+
=
(4)
An additional capacitor in parallel with R2 can be added to
filter out high frequency noise. The value of C2 is dependent on
the value of R2.
ADR512
AD8610
R1
R2
C2 (OPTIONAL)
VCC
RBIAS
1.2V
VOUT = 1.2V
(1 + R2/R1)
Figure 11. Adjustable Precision Voltage Source
OUTPUT VOLTAGE TRIM
Using a mechanical or digital potentiometer, the output voltage
of the ADR512 can be trimmed ±0.5%. The circuit in Figure 12
illustrates how the output voltage can be trimmed, using a 10 kΩ
potentiometer.
ADR512
R1
100kΩ
VCC
RBIAS
VOUT
POT
50k
Figure 12. Output Voltage Trim
USING THE ADR512 WITH PRECISION DATA
CONVERTERS
The compact ADR512 package and the device’s low minimum
operating current requirement make it ideal for use in battery
powered portable instruments, such as the AD7533 CMOS
multiplying DAC, that use precision data converters.
Figure 13 shows the ADR512 serving as an external reference to
the AD7533, a CMOS multiplying DAC. Such a DAC requires a
negative voltage input in order to provide a positive output
range. In this application, the ADR512 is supplying a −1.2 V
reference to the REF input of the AD7533.
ADR512
AD7533
VOUT = 0V TO 1.2V
VDD
–VDD
R2
GN
9
LSB
0
MSB
+
+
1
1
3
2
1
15
Figure 13. ADR512 as a Reference for a 10-Bit CMOS DAC (AD7533)


Similar Part No. - ADR512_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR512ART-R2 AD-ADR512ART-R2 Datasheet
208Kb / 8P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR512ART-REEL7 AD-ADR512ART-REEL7 Datasheet
208Kb / 8P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
More results

Similar Description - ADR512_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR512ARTZ-REEL7 AD-ADR512ARTZ-REEL7 Datasheet
282Kb / 12P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. A
ADR512 AD-ADR512 Datasheet
208Kb / 8P
   1.2 V Precision Low Noise Shunt Voltage Reference
REV. 0
AD1580ART-REEL7 AD-AD1580ART-REEL7 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT AD-AD1580BRT Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
AD1580BRT-R2 AD-AD1580BRT-R2 Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
REV. F
AD1580ART AD-AD1580ART Datasheet
368Kb / 12P
   1.2 V Micropower, Precision Shunt Voltage Reference
Rev. F
ADR510 AD-ADR510 Datasheet
181Kb / 8P
   1.0 V Precision Low Noise Shunt Voltage Reference
REV. 0
ADR510 AD-ADR510_15 Datasheet
391Kb / 12P
   1.0 V Precision Low Noise Shunt Voltage Reference
Rev. B
ADR510ARTZ-REEL7 AD-ADR510ARTZ-REEL7 Datasheet
391Kb / 12P
   1.0 V Precision Low Noise Shunt Voltage Reference
REV. B
logo
Semtech Corporation
SC4041 SEMTECH-SC4041 Datasheet
139Kb / 6P
   PRECISION SHUNT VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com