Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5121IHZ-T Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL5121IHZ-T
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5121IHZ-T Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL5121IHZ-T Datasheet HTML 7Page - Intersil Corporation ISL5121IHZ-T Datasheet HTML 8Page - Intersil Corporation ISL5121IHZ-T Datasheet HTML 9Page - Intersil Corporation ISL5121IHZ-T Datasheet HTML 10Page - Intersil Corporation ISL5121IHZ-T Datasheet HTML 11Page - Intersil Corporation ISL5121IHZ-T Datasheet HTML 12Page - Intersil Corporation ISL5121IHZ-T Datasheet HTML 13Page - Intersil Corporation ISL5121IHZ-T Datasheet HTML 14Page - Intersil Corporation ISL5121IHZ-T Datasheet HTML 15Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
FN6022.6
November 17, 2004
Typical Performance Curves TA = 25°C, Unless Otherwise Specified
FIGURE 9. ON RESISTANCE vs SUPPLY VOLTAGE
FIGURE 10. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 11. RON MATCH vs SWITCH VOLTAGE
FIGURE 12. CHARGE INJECTION vs SWITCH VOLTAGE
FIGURE 13. TURN-ON TIME vs SUPPLY VOLTAGE
FIGURE 14. TURN-OFF TIME vs SUPPLY VOLTAGE
V+ (V)
35
25
15
5
3
4
5
6
7
8
9
10
11
12
13
25
°C
-40
°C
85
°C
10
20
30
40
VCOM (V)
15
5
0
4
6
8
10
12
10
20
2
20
15
25
10
25
20
30
15
40
45
V+ = 3.3V
V+ = 5V
V+ = 12V
25
°C
-40
°C
85
°C
25
°C
-40
°C
85
°C
25
°C
-40
°C
85
°C
30
35
-40
°C
VCOM (V)
0.1
0
0
4
6
8
10
12
0.05
0.15
2
V+ = 3.3V
V+ = 5V
V+ = 12V
25
°C
-40
°C
85
°C
0.1
0.05
0.15
0
0.2
0.25
25
°C
-40
°C
85
°C
0.2
0.1
0.3
0
0.4
0.5
25
°C
-40
°C
85
°C
85
°C
25
°C
VCOM (V)
60
40
20
0
-20
0
4
6
8
10
12
-10
10
30
50
V+ = 3.3V
2
V+ = 5V
V+ = 12V
V+ (V)
100
80
60
40
20
23456789
10
11
12
30
50
70
90
-40
°C
25
°C
85
°C
V+ (V)
35
30
25
20
15
23456789
10
11
12
25
°C
-40
°C
85
°C
-40
°C
ISL5120, ISL5121, ISL5122, ISL5123


Similar Part No. - ISL5121IHZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL5121IHZ-T RENESAS-ISL5121IHZ-T Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results

Similar Description - ISL5121IHZ-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL84541_0309 INTERSIL-ISL84541_0309 Datasheet
361Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com