Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL5123IBZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL5123IBZ
Description  Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL5123IBZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL5123IBZ Datasheet HTML 4Page - Intersil Corporation ISL5123IBZ Datasheet HTML 5Page - Intersil Corporation ISL5123IBZ Datasheet HTML 6Page - Intersil Corporation ISL5123IBZ Datasheet HTML 7Page - Intersil Corporation ISL5123IBZ Datasheet HTML 8Page - Intersil Corporation ISL5123IBZ Datasheet HTML 9Page - Intersil Corporation ISL5123IBZ Datasheet HTML 10Page - Intersil Corporation ISL5123IBZ Datasheet HTML 11Page - Intersil Corporation ISL5123IBZ Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
FN6022.6
November 17, 2004
FIGURE 2A. MEASUREMENT POINTS
FIGURE 2B. TEST CIRCUIT
FIGURE 2. CHARGE INJECTION
FIGURE 3A. MEASUREMENT POINTS (ISL5122 ONLY)
CL includes fixture and stray capacitance.
FIGURE 3B. TEST CIRCUIT (ISL5122 ONLY)
FIGURE 3C. MEASUREMENT POINTS (ISL5123 ONLY)
CL includes fixture and stray capacitance.
FIGURE 3D. TEST CIRCUIT (ISL5123 ONLY)
FIGURE 3. BREAK-BEFORE-MAKE TIME
Test Circuits and Waveforms (Continued)
VOUT
∆V
OUT
ON
OFF
ON
Q =
∆V
OUT x CL
SWITCH
OUTPUT
LOGIC
INPUT
V+
0V
CL
VOUT
RG
VG
GND
COM
NO or NC
V+
C
LOGIC
INPUT
IN
90%
3V OR 4V
0V
tD
0V
LOGIC
INPUT
SWITCH
OUTPUT
SWITCH
OUTPUT
90%
tD
0V
VOUT1
VOUT2
LOGIC
INPUT
IN1
COM1
RL1
CL1
VOUT1
300
35pF
COM2
RL2
CL2
VOUT2
300
35pF
NO1
NC2
GND
IN2
VNX
V+
C
90%
3V OR 4V
0V
tD
LOGIC
INPUT
SWITCH
OUTPUT
0V
VOUT
LOGIC
INPUT
IN
COM
RL
CL
VOUT
35pF
300
NO
NC
V+
GND
VNX
C
ISL5120, ISL5121, ISL5122, ISL5123


Similar Part No. - ISL5123IBZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL5123IBZ RENESAS-ISL5123IBZ Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL5123IBZ-T RENESAS-ISL5123IBZ-T Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
More results

Similar Description - ISL5123IBZ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541_07 Datasheet
246Kb / 16P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 4; 6/07
logo
Intersil Corporation
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL84541 RENESAS-ISL84541 Datasheet
860Kb / 18P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120 Datasheet
394Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Renesas Technology Corp
ISL5120 RENESAS-ISL5120 Datasheet
964Kb / 16P
   Low Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Intersil Corporation
ISL84541_0309 INTERSIL-ISL84541_0309 Datasheet
361Kb / 16P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
logo
Maxim Integrated Produc...
MAX4541 MAXIM-MAX4541 Datasheet
282Kb / 13P
   Low-Voltage, Single-Supply Dual SPST/SPDT Analog Switches
Rev 3; 8/02
logo
Intersil Corporation
ISL43120 INTERSIL-ISL43120_05 Datasheet
463Kb / 13P
   Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
   Low-Voltage, Single Supply, Dual SPST Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com