Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6119LIBZA Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL6119LIBZA
Description  USB Dual Port Power Supply Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6119LIBZA Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL6119LIBZA Datasheet HTML 3Page - Intersil Corporation ISL6119LIBZA Datasheet HTML 4Page - Intersil Corporation ISL6119LIBZA Datasheet HTML 5Page - Intersil Corporation ISL6119LIBZA Datasheet HTML 6Page - Intersil Corporation ISL6119LIBZA Datasheet HTML 7Page - Intersil Corporation ISL6119LIBZA Datasheet HTML 8Page - Intersil Corporation ISL6119LIBZA Datasheet HTML 9Page - Intersil Corporation ISL6119LIBZA Datasheet HTML 10Page - Intersil Corporation ISL6119LIBZA Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
FIGURE 8. SLOW TURN -OFF vs CLOAD, Rl = 10Ω
FIGURE 9. FAST TURN-OFF vs CLOAD
FIGURE 10. ISL6119L TURN-ON INTO 1.5A OCS
FIGURE 11. ISL6119L TURN-ON INTO 1.5A MOMENTARY OC
FIGURE 12. VENDOR IC TURN-ON INTO MOMENTARY OC
FIGURE 13. ISL6119 vs PPTC INTO 500mA LOAD
Typical Performance Curves (Continued)
VOUT VOLTAGE (1V/DIV)
TIME (400µs /DIV)
VOUT
ENABLE
CL = 10µF
CL = 100µF
VOUT
CL = 0.1µF
VOUT VOLTAGE (1V/DIV)
TIME (400µs /DIV)
VOUT
CL = 100µF
CL = 0.1µF
CL = 10µF
VOUT (1V/DIV)
TIME (2ms /DIV)
FAULT
ENABLE
VOUT
VOLTAGE (2V/DIV)
TIME (2ms /DIV)
VOUT
ENABLE
FAULT
VOUT
FAULT
ENABLE
TIME (2ms /DIV)
VOUT (100mV/DIV)
VDD = 5.08V
ISL6119 = 5.04 VOUT
PPTC = 4.98 VOUT
ISL6119


Similar Part No. - ISL6119LIBZA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6119LIBZA INTERSIL-ISL6119LIBZA Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
logo
Renesas Technology Corp
ISL6119LIBZA RENESAS-ISL6119LIBZA Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
More results

Similar Description - ISL6119LIBZA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6185 RENESAS-ISL6185 Datasheet
945Kb / 20P
   Dual USB Port Power Supply Controller
ISL6436 RENESAS-ISL6436 Datasheet
796Kb / 13P
   USB Dual Port Power Supply Controller
Aug 10, 2001
logo
Intersil Corporation
ISL6119LIB INTERSIL-ISL6119LIB Datasheet
494Kb / 13P
   USB Dual Port Power Supply Controller
March 2004
ISL6185 INTERSIL-ISL6185 Datasheet
400Kb / 20P
   Dual USB Port Power Supply Controller
logo
Renesas Technology Corp
ISL6119 RENESAS-ISL6119 Datasheet
771Kb / 13P
   USB Dual Port Power Supply Controller
logo
Intersil Corporation
ISL6436 INTERSIL-ISL6436 Datasheet
902Kb / 12P
   USB Dual Port Power Supply Controller
ISL61851ACBZ INTERSIL-ISL61851ACBZ Datasheet
780Kb / 20P
   Dual USB Port Power Supply Controller
March 8, 2012
logo
Renesas Technology Corp
ISL6186 RENESAS-ISL6186 Datasheet
873Kb / 18P
   USB Port Power Supply Controller
logo
Intersil Corporation
ISL6186 INTERSIL-ISL6186 Datasheet
722Kb / 18P
   USB Port Power Supply Controller
ISL6185 INTERSIL-ISL6185_11 Datasheet
745Kb / 20P
   Dual USB Port Power Supply Controller 2.5V to 5V Operating Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com