Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RMLV0414E Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # RMLV0414E
Description  4Mb Advanced LPSRAM (256-kword16-bit)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RMLV0414E Datasheet(HTML) 4 Page - Renesas Technology Corp

  RMLV0414E_15 Datasheet HTML 1Page - Renesas Technology Corp RMLV0414E_15 Datasheet HTML 2Page - Renesas Technology Corp RMLV0414E_15 Datasheet HTML 3Page - Renesas Technology Corp RMLV0414E_15 Datasheet HTML 4Page - Renesas Technology Corp RMLV0414E_15 Datasheet HTML 5Page - Renesas Technology Corp RMLV0414E_15 Datasheet HTML 6Page - Renesas Technology Corp RMLV0414E_15 Datasheet HTML 7Page - Renesas Technology Corp RMLV0414E_15 Datasheet HTML 8Page - Renesas Technology Corp RMLV0414E_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
RMLV0414E Series
R10DS0216EJ0100 Rev.1.00
Page 4 of 12
2014.2.27
Absolute Maximum Ratings
Parameter
Symbol
Value
unit
Power supply voltage relative to VSS
VCC
-0.5 to +4.6
V
Terminal voltage on any pin relative to VSS
VT
-0.5
*2 to VCC+0.3*3
V
Power dissipation
PT
0.7
W
Operation temperature
Topr
-40 to +85
°C
Storage temperature range
Tstg
-65 to +150
°C
Storage temperature range under bias
Tbias
-40 to +85
°C
Note
2. -3.0V for pulse ≤ 30ns (full width at half maximum)
3. Maximum voltage is +4.6V.
DC Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Note
Supply voltage
VCC
2.7
3.0
3.6
V
VSS
0
0
0
V
Input high voltage
VIH
2.2
VCC+0.3
V
Input low voltage
VIL
-0.3
0.6
V
4
Ambient temperature range
Ta
-40
+85
°C
Note
4. -3.0V for pulse ≤ 30ns (full width at half maximum)
DC Characteristics
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Input leakage current
| ILI |
1
A
Vin = VSS to VCC
Output leakage current
| ILO |
1
A
CS# = VIH or OE# = VIH or WE# = VIL
or LB# = UB# = VIH, VI/O = VSS to VCC
Operating current
ICC
10
mA
CS# = VIL, Others = VIH/VIL, II/O = 0mA
Average operating current
ICC1
20
mA
Cycle = 55ns, duty =100%, II/O = 0mA,
CS# = VIL, Others = VIH/VIL
25
mA
Cycle = 45ns, duty =100%, II/O = 0mA,
CS# = VIL, Others = VIH/VIL
ICC2
2.5
mA
Cycle =1
s, duty =100%, II/O = 0mA
CS# ≤ 0.2V, VIH ≥ VCC-0.2V, VIL ≤ 0.2V
Standby current
ISB
0.1
*5
0.3
mA
CS# = VIH, Others = VSS to VCC
Standby current
ISB1
0.4
*5
2
A
~+25°C
Vin = VSS to VCC,
(1) CS# ≥ VCC-0.2V or
(2) LB# = UB# ≥ VCC-0.2V,
CS# ≤ 0.2V
3
A
~+40°C
5
A
~+70°C
7
A
~+85°C
Output high voltage
VOH
2.4
V
IOH = -1mA
VOH2
VCC-0.2
V
IOH = -0.1mA
Output low voltage
VOL
0.4
V
IOL = 2mA
VOL2
0.2
V
IOL = 0.1mA
Note
5. Typical parameter indicates the value for the center of distribution at 3.0V (Ta=25ºC), and not 100% tested.
Capacitance
(Vcc = 2.7V ~ 3.6V, f = 1MHz, Ta = -40 ~ +85°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test conditions
Note
Input capacitance
C in
8
pF
Vin =0V
6
Input / output capacitance
C I/O
10
pF
VI/O =0V
6
Note
6. This parameter is sampled and not 100% tested.


Similar Part No. - RMLV0414E_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV0414E RENESAS-RMLV0414E_16 Datasheet
468Kb / 14P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
More results

Similar Description - RMLV0414E_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RMLV0416E RENESAS-RMLV0416E_15 Datasheet
368Kb / 15P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
RMLV0414E RENESAS-RMLV0414E_16 Datasheet
468Kb / 14P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
RMLV0416E RENESAS-RMLV0416E_16 Datasheet
475Kb / 15P
   4Mb Advanced LPSRAM (256-kword 횞 16-bit)
RMLV0408E RENESAS-RMLV0408E_16 Datasheet
464Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
R1LP0408D RENESAS-R1LP0408D_15 Datasheet
293Kb / 13P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
RMLV0408E RENESAS-RMLV0408E_15 Datasheet
350Kb / 12P
   4Mb Advanced LPSRAM (512-kword 횞 8-bit)
R1LP0408D RENESAS-R1LP0408D Datasheet
292Kb / 13P
   4Mb Advanced LPSRAM (512-kword × 8-bit)
2012.5.30
RMLV0414E RENESAS-RMLV0414E Datasheet
294Kb / 12P
   4Mb Advanced LPSRAM
RMLV0416E RENESAS-RMLV0416E Datasheet
312Kb / 15P
   4Mb Advanced LPSRAM
R10DS0216EJ0100 RENESAS-R10DS0216EJ0100 Datasheet
360Kb / 14P
   4Mb Advanced LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com