Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6223CA-T Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6223CA-T
Description  Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6223CA-T Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6223CA-T Datasheet HTML 1Page - Intersil Corporation ISL6223CA-T Datasheet HTML 2Page - Intersil Corporation ISL6223CA-T Datasheet HTML 3Page - Intersil Corporation ISL6223CA-T Datasheet HTML 4Page - Intersil Corporation ISL6223CA-T Datasheet HTML 5Page - Intersil Corporation ISL6223CA-T Datasheet HTML 6Page - Intersil Corporation ISL6223CA-T Datasheet HTML 7Page - Intersil Corporation ISL6223CA-T Datasheet HTML 8Page - Intersil Corporation ISL6223CA-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1
®
FN9013
ISL6223
Mobile Microprocessor CORE Voltage
Regulator Multi-Phase Buck PWM
Controller
The ISL6223 multi-phase PWM control IC together with its
companion gate drivers, the HIP6601, HIP6602 or HIP6603
and Intersil MOSFETs provides a precision voltage
regulation system for advanced mobile microprocessors. A
single-stage regulator that directly converts a battery voltage
to a microprocessor core voltage can be designed when high
voltage drivers are employed. Multiphase power conversion
is a marked departure from earlier single phase converter
configurations previously employed to satisfy the ever
increasing current demands of modern microprocessors.
Multi-phase converters, by distributing the power and load
current, result in smaller and lower cost transistors with
fewer input and output capacitors. These reductions accrue
from the higher effective conversion frequency with higher
frequency ripple current due to the phase interleaving
process of this topology. For example, a two phase converter
operating at 350kHz will have a ripple frequency of 700kHz.
Moreover, greater converter bandwidth of this design results
in faster response to load transients.
Outstanding features of this controller IC include
programmable VID codes from the microprocessor that
range from 0.925V to 2.00V with a system accuracy of
±1%.
Pull up currents on these VID pins eliminates the need for
external pull up resistors. In addition “droop” compensation,
used to reduce the overshoot or undershoot of the CORE
voltage, is easily programmed with a single resistor.
Another feature of this controller IC is the PGOOD monitor
circuit which is held low until the CORE voltage increases,
during its Soft-Start sequence, to 0.9V. Overvoltage, the
CORE voltage going above 2.35V, results in the converter
shutting down and turning the lower MOSFETs ON to clamp
and protect the microprocessor. Under voltage is also
detected and results in PGOOD low if the CORE voltage falls
below 0.9V. Overcurrent protection reduces the regulator
current to less than 25% of the programmed trip value. An
external capacitor connected to the DACOUT pin and
ground slows down the transition of the DAC output to avoid
triggering the overcurrent protection when the VID code
changes. These features provide monitoring and protection
for the microprocessor and power system.
Features
• Mobile VID Compatible Multi-Phase Power Conversion
• Precision Channel Current Sharing
- Loss Less Current Sampling - Uses rDS(ON)
• Precision CORE Voltage Regulation
-
±1% System Accuracy Over Temperature
• Microprocessor Voltage Identification Input
- 5-Bit VID Input
- 1.30V to 2.00V in 50mV Steps
- 0.925V to 1.275V in 25mV Steps
- Programmable “Droop” Voltage
• Fast Transient Recovery Time
• Over Current Protection
• High Ripple Frequency (Channel Frequency Times
Number of Channels, Two). . . . . . . . . . . .100kHz to 3MHz
Pinout
ISL6223 (SSOP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. (oC)
PACKAGE
PKG. NO.
ISL6223CA
0 to 70
20 Ld SSOP
M20.15
ISL6223CA-T
20 Ld SSOP Tape and Reel
ISL6223EVAL1
Evaluation Platform
ISL6223EVAL2
Evaluation Platform
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
VID4
VID3
VID2
VID1
VID0
FS/DIS
PWM2
PGOOD
DACOUT
NC
ISEN1
VCC
GND
NC
FB
NC
VSEN
COMP
PWM1
ISEN2
Data Sheet
February 2003
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6223CA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6223CA RENESAS-ISL6223CA Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6223CAZA RENESAS-ISL6223CAZA Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - ISL6223CA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6553 INTERSIL-ISL6553_04 Datasheet
672Kb / 15P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311A RENESAS-HIP6311A Datasheet
778Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
ISL6552 RENESAS-ISL6552 Datasheet
863Kb / 18P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6304 RENESAS-HIP6304 Datasheet
756Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
March 2000
logo
Intersil Corporation
HIP6304 INTERSIL-HIP6304 Datasheet
176Kb / 14P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302 INTERSIL-HIP6302_04 Datasheet
441Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6302CBZA-T INTERSIL-HIP6302CBZA-T Datasheet
459Kb / 16P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
HIP6311 INTERSIL-HIP6311_04 Datasheet
442Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
HIP6311 RENESAS-HIP6311 Datasheet
802Kb / 17P
   Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com