Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6224CA-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6224CA-T
Description  Single Output Mobile-Friendly PWM Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6224CA-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6224CA-T Datasheet HTML 2Page - Intersil Corporation ISL6224CA-T Datasheet HTML 3Page - Intersil Corporation ISL6224CA-T Datasheet HTML 4Page - Intersil Corporation ISL6224CA-T Datasheet HTML 5Page - Intersil Corporation ISL6224CA-T Datasheet HTML 6Page - Intersil Corporation ISL6224CA-T Datasheet HTML 7Page - Intersil Corporation ISL6224CA-T Datasheet HTML 8Page - Intersil Corporation ISL6224CA-T Datasheet HTML 9Page - Intersil Corporation ISL6224CA-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
FN9042.7
December 28, 2004
grounded. Table 1. shows the configuration for different
modes of operation. Figure 1 below shows plots of the ramp
speed compensation.
The synchronous converter light-load efficiency is enhanced
by a hysteretic mode of operation which is automatically
engaged at light loads when the inductor current becomes
discontinuous. As the filter inductor resumes continuous
current, the PWM mode of operation is automatically
restored.
The ISL6224 control IC employs an average current mode
control scheme with input voltage feedforward ramp
programming for better rejection of input voltage variations.
Current Sensing and Current Limit Protection
The PWM converter uses the lower MOSFET on-state
resistance, rDS(ON), as the current-sensing element. This
technique eliminates the need for a current sense resistor
and the associated power losses. If more accurate current
protection is desired, current sense resistors may be used in
series with the lower MOSFET’s source.
A current proportional signal is used to provide average
current mode control and overcurrent protection. The gain in
the current sense circuit is set by the resistor connected from
ISEN (pin 12) to the PHASE node of the buck converter. The
value of this resistor can be estimated by the following
expression:
where Iomax is the maximum inductor current. The value of
RISEN should be specified for the expected maximum
operating temperature.
An overcurrent protection threshold is set by an external
resistor connected from OCSET (pin 4) to ground. The value
of this resistor can be obtained from the following
expression:
where Ioc is the value of overcurrent. The resulting current
out of the ISEN pin through RISEN, is used for current
feedback and current limit protection. This is compared with
an internal current limit threshold. When a sampled value of
the output current is determined to be above the current limit
threshold, the PWM drive is terminated and a counter is
initiated. This limits the inductor current build-up and
essentially switches the converter into current-limit mode. If
an overcurrent is detected between 26ms to 53ms later, an
overcurrent shutdown is initiated. If during the 26ms to 53ms
period, an overcurrent is not detected, the counter is reset
and sampling continues as normal.
This current limit scheme has proven to be very robust in
applications like portable computers where fast inductor
current build-up is common due to a large difference
between input and output voltages and a low value of the
inductor.
Light-Load (Hysteretic) Operation
In the light-load (hysteretic) mode the output voltage is
regulated by the hysteretic comparator which regulates the
output voltage by maintaining the output voltage ripple as
shown in Figure 2. In hysteretic mode, the inductor current
flows only when the output voltage reaches the lower limit of
the hysteretic comparator and turns off at the upper limit.
Hysteretic mode saves converter energy at light loads by
supplying energy only at the time when the output voltage
requires it. This mode conserves energy by reducing the
power dissipation associated with continuous switching.
During the time between inductor current pulses, both the
upper and lower MOSFETs are turned off. This is referred to
as ‘diode emulation mode’ because the lower MOSFET
performs the function of a diode. This diode emulation mode
prevents the output capacitor from discharging through the
lower MOSFET when the upper MOSFET is not conducting.
NOTE: the PWM only operation can intentionally be forced by tying
pin 16, FCCM, to VCC.
TABLE 1. CONFIGURATION FOR MODES OF OPERATION
OPERATION
PIN 1 CONNECTION
PIN 1 POTENTIAL
One-stage 300kHz
Vin
V1 > 4V
Two-stage 300kHz
150K-GND
1V < V1 < 2V
Two-stage 600kHz
GND
V1 < 0.5V
FIGURE 1. RAMP SPEED COMPENSATION Vo = 2.5V
300kHz CLOCK
600kHz CLOCK
Vo/8
Vo/4
Vin
8
---------- t
T
---
Vin
4
---------- t
T
---
Vin
2
---------- t
T
---
Risen
Iomax Rdson
75
µA
------------------------------------------- 100
=
Rocset
11 Risen
Ioc Rdson
---------------------------------
=
ISL6224


Similar Part No. - ISL6224CA-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6224CA INTERSIL-ISL6224CA Datasheet
248Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Renesas Technology Corp
ISL6224CA RENESAS-ISL6224CA Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6224CAZ INTERSIL-ISL6224CAZ Datasheet
248Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Renesas Technology Corp
ISL6224CAZ RENESAS-ISL6224CAZ Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
More results

Similar Description - ISL6224CA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6224 RENESAS-ISL6224 Datasheet
619Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6224 INTERSIL-ISL6224_06 Datasheet
248Kb / 13P
   Single Output Mobile-Friendly PWM Controller
logo
Fairchild Semiconductor
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5234 FAIRCHILD-FAN5234_10 Datasheet
392Kb / 15P
   Dual Mobile-Friendly PWM / PFM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com