Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6226EVAL1 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6226EVAL1
Description  Advanced PWM and Linear Power Controller for Portable Applications
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6226EVAL1 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6226EVAL1 Datasheet HTML 1Page - Intersil Corporation ISL6226EVAL1 Datasheet HTML 2Page - Intersil Corporation ISL6226EVAL1 Datasheet HTML 3Page - Intersil Corporation ISL6226EVAL1 Datasheet HTML 4Page - Intersil Corporation ISL6226EVAL1 Datasheet HTML 5Page - Intersil Corporation ISL6226EVAL1 Datasheet HTML 6Page - Intersil Corporation ISL6226EVAL1 Datasheet HTML 7Page - Intersil Corporation ISL6226EVAL1 Datasheet HTML 8Page - Intersil Corporation ISL6226EVAL1 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
3
Soft-Start Current During Start-up
ISOFT
-5
-
µA
PWM CONVERTER
Load Regulation
0.0mA < IVOUT1 < 5.0A; 5.0V < VIN < 24.0V
-2.0
-
+2.0
%
VSEN pin bias current
IVSEN
-80
-
nA
VOUT pin input impedance
IVOUT
135
150
198
kOhm
Under-Voltage Shut-Down Level
VUV1
Fraction of the set point; ~3
µs noise filter
70
-
76
%
Under Voltage Delay
UV_DLY
3
-
5.5
uS
Over-Voltage Protection
VOVP1
Fraction of the set point; ~1
µs noise filter
113.5
-
118
%
Over Voltage Delay
OVP_DLY
0.5
-
2.7
uS
PWM CONTROLLER GATE DRIVER
Upper Drive Pull-Up Resistance
R2UGPUP
6.2
8.5
13.5
Upper Drive Pull-Down Resistance
R2UGPDN
2.5
3.0
4.7
Lower Drive Pull-Up Resistance
R2LGPUP
6.2
8.5
13.4
Lower Drive Pull-Down Resistance
R2LGPDN
1.3
1.6
2.7
POWER GOOD AND CONTROL FUNCTIONS
Power Good Lower Threshold
VPG-
Fraction of the set point; ~3
µs noise filter
-13.5
-
-7.5
%
Power Good Higher Threshold
VPG+
Fraction of the set point; ~3
µs noise filter
7.4
-
13.5
%
PGOOD Leakage Current
IPGLKG
VPULLUP = 5.5V
-
-
1
µA
PGOOD Voltage Low
IPGOOD = -4mA
-
-
0.5
V
EN- Low (Off)
--
0.8
V
EN - High (On)
2.0
-
-
V
FCCM -Hysteretic Operation Enabled
-Vcc/2
-
V
LOW DROP OUT CONTROLLER FUNTIONS
Linear Input Voltage
Vin
No External Passive Device
-
Vcc
-
V
Linear Input Voltage
Vin
With External Passive Device
Device Rating
Linear Output Voltage
LDOout
No External Passive Device
0.8
-
4.5
V
Output Drive Current for NPN
I(DRV) out
50
-
-
mA
OverCurrent Feedback Voltage
V(CS)
100
mV
Under-Voltage Shut-Down Level
VUV
Fraction of the set point; ~3
µs noise filter
71
74
77
%
Under-Voltage Delay
UVDLY
5.5
-
8
uS
REFERENCE AND SOFT START
LDO Internal Reference Voltage
VREF
-0.8
-
V
LDO Soft-Start Threshold
VSOFT
1.5
V
Reference Voltage Accuracy
-2.0
-
+2.0
%
Soft-Start Current During Start-up
ISOFT
-5
-
µA
POWER GOOD AND CONTROL FUNTIONS
Power Good Lower Threshold
VPG-
Vo<VREF
-15.5
-12
-9
%
Power Good Higher Threshold
VPG+
Vo>VREF
10.5
13.5
16.5
%
PGOOD Leakage Current
IPGLKG
VPULLUP = 5.5V
-
-
1.0
uA
PGOOD Voltage Low
VPGOOD
IPGOOD = -4mA, VCC = 4.75V
-
-
0.5
V
LINEN-Low (OFF)
--
0.8
V
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ISL6226


Similar Part No. - ISL6226EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6223 INTERSIL-ISL6223 Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6223CA INTERSIL-ISL6223CA Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223CA RENESAS-ISL6223CA Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Intersil Corporation
ISL6223CA-T INTERSIL-ISL6223CA-T Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
More results

Similar Description - ISL6226EVAL1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IPM6220A INTERSIL-IPM6220A Datasheet
527Kb / 15P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
logo
Renesas Technology Corp
IPM6220A RENESAS-IPM6220A Datasheet
749Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
IPM6220 RENESAS-IPM6220 Datasheet
819Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable Applications
Dec 2000
logo
Intersil Corporation
IPM6220 INTERSIL-IPM6220 Datasheet
358Kb / 14P
   Advanced Triple PWM and Dual Linear Power Controller for Portable
ISL6235 INTERSIL-ISL6235 Datasheet
441Kb / 14P
   Advanced Triple PWM Only Mode and Dual Linear Power Controller for Portable Applications
June 2001
ISL6440A INTERSIL-ISL6440A Datasheet
749Kb / 16P
   Advanced PWM and Triple Linear Power Controller for Gateway Applications
logo
Anpec Electronics Corop...
APW7045 ANPEC-APW7045 Datasheet
121Kb / 12P
   Advanced PWM and Linear Power Controller
APW7055 ANPEC-APW7055 Datasheet
128Kb / 11P
   Advanced PWM and Linear Power Controller
logo
Intersil Corporation
HIP6021 INTERSIL-HIP6021_05 Datasheet
398Kb / 15P
   Advanced PWM and Triple Linear Power Controller
HIP6021A INTERSIL-HIP6021A_01 Datasheet
389Kb / 16P
   Advanced PWM and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com