Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI4558DY Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # SI4558DY
Description  Complementary Power Trench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

SI4558DY Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  SI4558DY Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd SI4558DY Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd SI4558DY Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd SI4558DY Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd SI4558DY Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd SI4558DY Datasheet HTML 6Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
Complementary Power Trench MOSFET
SI4558DY (KI4558DY)
0
6
12
18
24
30
0
1
2
3
4
5
s
c
it
s
ir
e
t
c
a
r
a
h
C
r
e
f
s
n
a
r
T
s
c
it
s
ir
e
t
c
a
r
a
h
C
t
u
p
t
u
O
Gate Charge
On-Resistance vs. Drain Current
VDS – Drain-to-Source Voltage (V)
VGS – Gate-to-Source Voltage (V)
Qg – Total Gate Charge (nC)
VDS – Drain-to-Source Voltage (V)
ID – Drain Current (A)
Capacitance
On-Resistance vs. Junction Temperature
TJ – Junction Temperature (。C)
0
2
4
6
8
10
0
4
8
12
16
0
0.4
0.8
1.2
1.6
2.0
–50
0
50
100
150
0
0.025
0.050
0.075
0.100
0.125
0.150
0
6
12
18
24
30
0
300
600
900
1200
1500
0
6
12
18
24
30
0
6
12
18
24
30
0
1
2
3
4
5
6
–55 C
VGS = 10 V
Crss
Coss
Ciss
VGS = 4.5 V
TC = 125。C
VDS = 15 V
ID = 6 A
VGS = 10 V
ID = 6 A
25 C
4 V
3 V
VGS = 10, 9, 8, 7, 6, 5 V
N-MOSFET Typical Characterisitics


Similar Part No. - SI4558DY

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4558DY VISHAY-SI4558DY Datasheet
67Kb / 6P
   N- and P-Channel 30-V (D-S) MOSFET
Rev. E, 23-Nov-98
logo
Guangdong Kexin Industr...
SI4558DY-HF KEXIN-SI4558DY-HF Datasheet
2Mb / 6P
   Complementary Trench MOSFET
logo
VBsemi Electronics Co.,...
SI4558DY-T1-E3 VBSEMI-SI4558DY-T1-E3 Datasheet
1Mb / 14P
   N- and P-Channel 30 V (D-S) MOSFET
More results

Similar Description - SI4558DY

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
SI5504DC KEXIN-SI5504DC Datasheet
2Mb / 7P
   Complementary power Trench MOSFET
AO4606 KEXIN-AO4606 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
SIA517DJ KEXIN-SIA517DJ Datasheet
3Mb / 10P
   Complementary Trench MOSFET
AO4613 KEXIN-AO4613 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO4618 KEXIN-AO4618 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO6601 KEXIN-AO6601 Datasheet
2Mb / 7P
   Complementary Trench MOSFET
AO6602 KEXIN-AO6602 Datasheet
1Mb / 7P
   Complementary Trench MOSFET
AO4611 KEXIN-AO4611 Datasheet
1Mb / 7P
   Complementary Trench MOSFET
AO4613-HF KEXIN-AO4613-HF Datasheet
3Mb / 7P
   Complementary Trench MOSFET
AO4614A KEXIN-AO4614A Datasheet
2Mb / 7P
   Complementary Trench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com