Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6225CAZA-T Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL6225CAZA-T
Description  Dual Mobile-Friendly PWM Controller with DDR Memory Option
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6225CAZA-T Datasheet(HTML) 3 Page - Intersil Corporation

  ISL6225CAZA-T Datasheet HTML 1Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 2Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 3Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 4Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 5Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 6Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 7Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 8Page - Intersil Corporation ISL6225CAZA-T Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
FN9049.7
December 28, 2004
Absolute Maximum Ratings
Thermal Information
Bias Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .+ 6.5V
Input Voltage, VIN. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +27.0V
PHASE, UGATE Voltage . . . . . . . . . . . . . . GND-5V (Note 3) to 33V
BOOT, ISEN Voltage . . . . . . . . . . . . . . . . . . . . GND-0.3V to +33.0V
BOOT with respect to PHASE . . . . . . . . . . . . . . . . . . . . . . . . .+ 6.5V
All Other Pins . . . . . . . . . . . . . . . . . . . . . . GND -0.3V to VCC + 0.3V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 2
Recommended Operating Conditions
Bias Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +5.0V ±5%
Input Voltage, VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . +5.0V to +24.0V
Ambient Temperature Range . . . . . . . . . . . . . . . . . . . .-10°C to 85°C
Junction Temperature Range. . . . . . . . . . . . . . . . . . .-10°C to 125°C
Thermal Resistance (Typical, Note 4)
θJA (°C/W)
SSOP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
78
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SSOP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
3. 200ns transient.
4.
θJA is measured with the component mounted on a high effective thermal conductivity test board in free air. See Tech Brief TB379 for details.
Electrical Specifications
Recommended Operating Conditions, Unless Otherwise Noted.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC SUPPLY
Bias Current
ICC
LGATEx, UGATEx Open, VSENx forced above
regulation point, DDR = 0, VIN > 5V
-2.2
3.2
mA
Shut-down Current
ICCSN
--
30
µA
VCC UVLO
Rising VCC Threshold
VCCU
4.3
4.65
4.75
V
Falling VCC Threshold
VCCD
4.1
4.35
4.45
V
VIN
Input Voltage Pin Current (Sink)
IVIN
10
-
30
µA
Input Voltage Pin Current (Source)
IVINO
--15
-30
µA
Shut-down Current
IVINS
--
1
µA
OSCILLATOR
PWM1 Oscillator Frequency
FC
255
300
345
kHz
Ramp Amplitude, pk-pk
VR1
VIN = 16V, by design
-
2
-
V
Ramp Amplitude, pk-pk
VR2
VIN = 5V, by design
-
1.25
-
V
Ramp Offset
VROFF
By design
-
0.5
-
V
Ramp/VIN Gain
GRB1
VIN ≥ 3V, by design
-
125
-
mV/V
Ramp/VIN Gain
GRB2
1
≤ VIN ≤ 3V, by design
-
250
-
mV/V
REFERENCE AND SOFT-START
Internal Reference Voltage
VREF
-0.9
-
V
Reference Voltage Accuracy
-1.0
-
+1.0
%
Soft-Start Current During Start-up
ISOFT
--5
-
µA
Soft-Start Complete Threshold
VST
By design
-
1.5
-
V
ISL6225


Similar Part No. - ISL6225CAZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6225CAZA RENESAS-ISL6225CAZA Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
More results

Similar Description - ISL6225CAZA-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com