Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6291-2CRZ-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6291-2CRZ-T
Description  Li-ion/Li Polymer Linear Battery Charger
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6291-2CRZ-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6291-2CRZ-T Datasheet HTML 2Page - Intersil Corporation ISL6291-2CRZ-T Datasheet HTML 3Page - Intersil Corporation ISL6291-2CRZ-T Datasheet HTML 4Page - Intersil Corporation ISL6291-2CRZ-T Datasheet HTML 5Page - Intersil Corporation ISL6291-2CRZ-T Datasheet HTML 6Page - Intersil Corporation ISL6291-2CRZ-T Datasheet HTML 7Page - Intersil Corporation ISL6291-2CRZ-T Datasheet HTML 8Page - Intersil Corporation ISL6291-2CRZ-T Datasheet HTML 9Page - Intersil Corporation ISL6291-2CRZ-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN9102.2
May 2, 2005
Functional Pin Description
VIN (Pin 1, 15, 16)
VIN is the input power source pin that is connected to a wall
adapter.
FAULT (Pin 2)
FAULT is an open-drain output indicating fault status. When
a fault condition occurs, this pin is pulled to LOW.
STATUS (Pin 3)
STATUS is an open-drain output indicating charging and
inhibit states. During any charge mode, this pin is pulled to
LOW.
TIME (Pin 4)
Connect a timing capacitor CTIME between this pin and
GND. The internal oscillator, as shown in the Block Diagram,
charges and discharges the timing capacitor between 0.5V
and 1.5V with 10µA current. The oscillation period can be
found as:
A 22-stage binary counter increments each oscillation period
to set up the TIMEOUT interval. The TIMEOUT interval can
be calculated as:
When the fast charge takes longer than the TIMEOUT
interval, or the Trickle charge time exceeds 1/8 of the
TIMEOUT interval, the charger issues a TIMEOUT fault
status and stops charging.
The oscillator also provides a time reference for the charger.
GND (Pin 5)
GND is the connection to system ground.
TOEN (Pin 6)
TOEN is the TIMEOUT enable input pin. Pulling this pin to
LOW disables the TIMEOUT charge-time limit for the fast
charge modes. Leave this pin floating to enable the
TIMEOUT limit. An internal 10
µA pull-up circuit pulls this pin
up to a 2.8V internal reference. The trickle mode always has
the 1/8 TIMEOUT limited charge time regardless of this
input. When a TIMEOUT fault is issued, the charger is
latched. The only way to enable the charger again is to cycle
the input power, or to toggle the EN pin.
EN (Pin 7)
EN is the CMOS logic input. Leave this pin floating to enable
the charger. This pin is pulled up to the internal 2.8V
reference via a 10
µA current source.
V2P8 (Pin 8)
V2P8 is a 2.8V reference voltage output. V2P8 pin outputs a
2.8V voltage when the input voltage rises above the POR
threshold and outputs zero voltage otherwise. This pin can
be used as an adapter presence signal. A 0.1
µF Ceramic
capacitor is recommended for decoupling purposes. This pin
can be used to bias other circuits with a maximum current of
2mA.
IREF (Pin 9)
IREF is the programming input for the constant charge
current. Connect a resistor RIREF (see the Typical
Application) to this pin. The voltage of this pin is regulated to
a 0.8V reference voltage. The charging current during the
constant current mode charge is 100,000 times of the
current in the RIREF resistor. The charging current in the
constant current mode can be found as:
where VREF is the 0.8V reference voltage.
IMIN (Pin 10)
IMIN is a programmable input for the end-of-charge current.
The pin voltage is also regulated at 0.8V. The end-of-charge
current can be found as:
TEMP (Pin 11)
TEMP is an Input for an external NTC thermistor. As shown
in the Block Diagram, two comparators forms a window
comparator with its low and high thresholds set by VTMIN
and VTMAX respectively. When the voltage on the TEMP pin
is outside the window, the charger stops. When the TEMP
pin voltage falls back into the window, the charger starts a
new charge cycle. The VTMIN and VTMAX voltage is
determined by the internal resistor divider, as shown in the
block diagram. See “Battery Pack Temperature Monitoring”
for more information.
The TEMP pin is also used for battery removal detection. It
is assumed that the thermistor is co-packed with the battery.
When the charger sees a TEMP pin voltage that is 2.1V or
higher, it assumes that the battery is removed. When a
battery is removed, a FAULT signal is indicated and charging
is halted. When a battery is inserted again, a new charge
cycle starts.
VBAT (Pin 12, 13, 14)
VBAT is the connection to a battery. Typically a 10
µF
Tantalum capacitor is needed for stability when no battery is
attached to this pin. When a battery is connected, however,
no capacitor is required for stability. A 0.1
µF ceramic
capacitor is recommended for decoupling.
TOSC
0.2 10
6 C
TIME
=
onds
sec
()
TIMEOUT
2
22 T
OSC
14
CTIME
1nF
------------------
=
=
minutes
()
IREF
100000
VREF
RIREF
-----------------
0.8V
RIREF
-----------------
5
×10 A
()
=
=
IMIN
10000
VREF
RIMIN
----------------
0.8V
RIMIN
----------------
4
×10 A
()
=
=


Similar Part No. - ISL6291-2CRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6291-2CRZ RENESAS-ISL6291-2CRZ Datasheet
548Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
ISL6291-2CRZTR5155 RENESAS-ISL6291-2CRZTR5155 Datasheet
548Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
More results

Similar Description - ISL6291-2CRZ-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6291 RENESAS-ISL6291 Datasheet
548Kb / 11P
   Li-ion/Li Polymer Linear Battery Charger
logo
Diodes Incorporated
AUR9811D DIODES-AUR9811D Datasheet
551Kb / 14P
   1A LI-ION/LI POLYMER BATTERY LINEAR CHARGER
August 2019
logo
Skyworks Solutions Inc.
AAT3682 SKYWORKS-AAT3682_12 Datasheet
1Mb / 18P
   Li-Ion/Polymer Linear Battery Charger
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com