Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6292EVAL2 Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL6292EVAL2
Description  Li-ion/Li Polymer Battery Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6292EVAL2 Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL6292EVAL2 Datasheet HTML 7Page - Intersil Corporation ISL6292EVAL2 Datasheet HTML 8Page - Intersil Corporation ISL6292EVAL2 Datasheet HTML 9Page - Intersil Corporation ISL6292EVAL2 Datasheet HTML 10Page - Intersil Corporation ISL6292EVAL2 Datasheet HTML 11Page - Intersil Corporation ISL6292EVAL2 Datasheet HTML 12Page - Intersil Corporation ISL6292EVAL2 Datasheet HTML 13Page - Intersil Corporation ISL6292EVAL2 Datasheet HTML 14Page - Intersil Corporation ISL6292EVAL2 Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
11
FN9105.6
July 25, 2005
The following events initiate a new charge cycle:
•POR,
• a new battery being inserted (detected by TEMP pin),
• the battery voltage drops below a recharge threshold after
completing a charge cycle,
• recovery from an battery over-temperature fault,
• or, the EN pin is toggled from GND to floating.
Further description of these events are given later in this
data sheet.
Recharge
After a charge cycle completes, charging is prohibited until
the battery voltage drops to a recharge threshold, VRECHRG
(see Electrical Specifications). Then a new charge cycle
starts at point t6 and ends at point t8, as shown in Figure 19.
The safety timer is reset at t6.
Internal Oscillator
The internal oscillator establishes a timing reference. The
oscillation period is programmable with an external timing
capacitor, CTIME, as shown in Typical Applications. The
oscillator charges the timing capacitor to 1.5V and then
discharges it to 0.5V in one period, both with 10
µA current.
The period TOSC is:
(EQ. 3)
A 1nF capacitor results in a 0.2ms oscillation period. The
accuracy of the period is mainly dependent on the accuracy
of the capacitance and the internal current source.
Total Charge Time
The total charge time for the CC mode and CV mode is
limited to a length of TIMEOUT. A 22-stage binary counter
increments each oscillation period of the internal oscillator to
set the TIMEOUT. The TIMEOUT can be calculated as:
(EQ. 4)
A 1nF capacitor leads to 14 minutes of TIMEOUT. For
example, a 15nF capacitor sets the TIMEOUT to be 3.5
hours. The charger has to reach the end-of-charge condition
before the TIMEOUT, otherwise, a TIMEOUT fault is issued.
The TIMEOUT fault latches up the charger. There are two
ways to release such a latch-up: either to recycle the input
power, or toggle the EN pin to disable the charger and then
enable it again.
The trickle mode charge has a time limit of 1/8 TIMEOUT. If
the battery voltage does not reach VMIN within this limit, a
TIMEOUT fault is issued and the charger latches up. The
charger stays in trickle mode for at least 15 cycles of the
internal oscillator and, at most, 1/8 of TIMEOUT, as shown in
Figure 19.
Disabling TIMEOUT Limit
The TIMEOUT limit for the fast charge modes can be
disabled by pulling the TOEN pin to LOW or shorting it to
GND. When this happens, the charger becomes a current-
limited LDO (low-dropout) supply with its voltage regulated at
the final charge voltage VCH and the current limit determined
by the IREF pin. If the LDO load current drops below the
end-of-charge current (refer to End-of-Charge section), the
STATUS pin will indicate.
The trickle charge time limit, however, is not disabled even
when the TOEN pin is pulled to LOW. The charger operates
in the trickle mode at the beginning of a charge cycle even if
the TIMEOUT is disabled. Leaving the TOEN pin floating is
recommended to enable the TIMEOUT. Driving the TOEN
pin above 3.0V is not recommended.
Charge Current Programming
The charge current is programmed by the IREF pin. There
are three ways to program the charge current:
1. driving the IREF pin above 1.3V
2. driving the IREF pin below 0.4V,
3. or using the RIREF as shown in the Typical Applications.
The voltage of IREF is regulated to a 0.8V reference voltage
when not driven by any external source. The charging
current during the constant current mode is 100,000 times
that of the current in the RIREF resistor. Hence, depending
on how IREF pin is used, the charge current is,
(EQ. 5)
The 500mA current is a guaranteed maximum value for
high-power USB port, with the typical value of 450mA. The
100mA current is also a guaranteed maximum value for the
low-power USB port. This design accommodates the USB
power specification.
The internal reference voltage at the IREF pin is capable of
sourcing less than 100
µA current. When pulling down the
IREF pin with a logic circuit, the logic circuit needs to be able
to sink at least 100
µA current.
When the adapter is current limited, it is recommended that
the reference current be programmed to at least 30% higher
than the adapter current limit (which equals the charge
current). In addition, the charge current should be at least
350mA so that the voltage difference between the VIN and
the VBAT pins is higher than 100mV. The 100mV is the
offset voltage of the input-output voltage comparator shown
in the block diagram.
TOSC
0.2 10
6
CTIME
=
onds
sec
()
TIMEOUT
2
22
TOSC 14
CTIME
1nF
------------------
=
=
minutes
()
IREF
500mA
0.8V
RIREF
----------------- 10
5
×
A
()
100mA
=
VIREF 1.3V
>
RIREF
VIREF 0.4V
<
ISL6292


Similar Part No. - ISL6292EVAL2

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6292EVAL2 INTERSIL-ISL6292EVAL2 Datasheet
553Kb / 20P
   Li-ion/Li Polymer Battery Charger
ISL6292EVAL2 INTERSIL-ISL6292EVAL2 Datasheet
551Kb / 20P
   Li-ion/Li Polymer Battery Charger
ISL6292EVAL2 INTERSIL-ISL6292EVAL2 Datasheet
553Kb / 20P
   Li-ion/Li Polymer Battery Charger
December 17, 2007
logo
Renesas Technology Corp
ISL6292EVAL2 RENESAS-ISL6292EVAL2 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
logo
Intersil Corporation
ISL6292EVAL2 INTERSIL-ISL6292EVAL2 Datasheet
302Kb / 6P
   ISL6292EVAL2 Evaluation Board
More results

Similar Description - ISL6292EVAL2

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
logo
Intersil Corporation
ISL6292C INTERSIL-ISL6292C Datasheet
436Kb / 11P
   Li-ion/Li Polymer Battery Charger
logo
uPI Group Inc.
UP8001A UPI-UP8001A Datasheet
443Kb / 16P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL78692 RENESAS-ISL78692 Datasheet
990Kb / 18P
   Li-ion/Li-Polymer Battery Charger
logo
Intersil Corporation
ISL6298CR4Z INTERSIL-ISL6298CR4Z Datasheet
445Kb / 17P
   Li-ion/Li-Polymer Battery Charger
March 9, 2006
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B Datasheet
571Kb / 12P
   Li-ion/Li Polymer Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com