Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-1981BL Datasheet(PDF) 5 Page - Analog Devices

Part # ADSP-1981BL
Description  AC 97 SoundMAX Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-1981BL Datasheet(HTML) 5 Page - Analog Devices

  ADSP-1981BL_15 Datasheet HTML 1Page - Analog Devices ADSP-1981BL_15 Datasheet HTML 2Page - Analog Devices ADSP-1981BL_15 Datasheet HTML 3Page - Analog Devices ADSP-1981BL_15 Datasheet HTML 4Page - Analog Devices ADSP-1981BL_15 Datasheet HTML 5Page - Analog Devices ADSP-1981BL_15 Datasheet HTML 6Page - Analog Devices ADSP-1981BL_15 Datasheet HTML 7Page - Analog Devices ADSP-1981BL_15 Datasheet HTML 8Page - Analog Devices ADSP-1981BL_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
AD1981BL
Rev. A | Page 5 of 32
Parameter
Min
Typ
Max
Unit
Low Level Output Voltage (VOL), IOL = 2 mA
0.1 × DVDD
V
Input Leakage Current
−10
+10
µA
Output Leakage Current
−10
+10
µA
POWER SUPPLY
Power Supply Range (AVDD and DVDD)
3.0
3.47
V
Power Dissipation
2.87
mW
Analog Supply Current—3.3 V (AVDD)
39
mA
Digital Supply Current—3.3 V (DVDD)
48
mA
Power Supply Rejection (100 mV p-p Signal at 1 kHz)1
(At Both Analog and Digital Supply Pins, Both ADCs and DACs)
40
dB
CLOCK SPECIFICATIONS1
Input Clock Frequency
24.576
MHz
Recommended Clock Duty Cycle
40
50
60
%
1 Guaranteed but not tested.
2 Measurements reflect main ADC.
POWER-DOWN STATES
Values presented with VREFOUT not loaded.
Table 3.
Parameter
Set Bits
DVDD Typ
AVDD Typ
Unit
Fully Active
No Bits Value
47.76
38.9
mA
ADC
PR0
40.1
34.39
mA
DAC
PR1
32.8
26.3
mA
ADC + DAC
PR1, PR0
13.2
20.55
mA
Mixer
PR2
47.7
19.39
mA
ADC + Mixer
PR2, PR0
40
14.86
mA
DAC + Mixer
PR2, PR1
32.77
6.39
mA
ADC + DAC + Mixer
PR2, PR1, PR0
13.9
1.15
mA
Standby
PR5, PR4, PR3, PR2, PR1, PR0
0
0
mA
Headphone Standby
PR6
47.7
32
mA
TIMING PARAMETERS
Guaranteed over operating temperature range.
Table 4.
Parameter
Symbol
Min
Typ
Max
Unit
RESET Active Low Pulse Width
tRST_LOW
1.0
ms
RESET Inactive to BIT_CLK Start-Up Delay
tRST2CLK
162.8
ns
SYNC Active High Pulse Width
tSYNC_HIGH
1.3
µs
SYNC Low Pulse Width
tSYNC_LOW
19.5
µs
SYNC Inactive to BIT_CLK Start-Up Delay
tSYNC2CLK
162.8
ns
BIT_CLK Frequency
12.288
MHz
BIT_CLK Frequency Accuracy
±1
ppm
BIT_CLK Period
tCLK_PERIOD
81.4
ns
BIT_CLK Output Jitter1, ,2 3
750
2000
ps
BIT_CLK High Pulse Width
tCLK_HIGH
32.56
42
48.84
ns
BIT_CLK Low Pulse Width
tCLK_LOW
32.56
38
ns
SYNC Frequency
48.0
kHz


Similar Part No. - ADSP-1981BL_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
More results

Similar Description - ADSP-1981BL_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1888 AD-AD1888_05 Datasheet
662Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1885 AD-AD1885_15 Datasheet
292Kb / 27P
   AC 97 SoundMAX Codec
REV. 0
AD1887 AD-AD1887_15 Datasheet
160Kb / 16P
   AC 97 SoundMAX Codec
REV. 0
AD1981A AD-AD1981A_15 Datasheet
188Kb / 24P
   AC 97 SoundMAX Codec
REV. 0
AD1881JST AD-AD1881JST Datasheet
5Mb / 22P
   AC 97 SoundMAX Codec
REV. 0
ADSP-1981BL AD-ADSP-1981BL Datasheet
969Kb / 32P
   AC 97 SoundMAX Codec
REV. A
AD1980JST-REEL AD-AD1980JST-REEL Datasheet
524Kb / 32P
   AC 97 SoundMAX Codec
REV. 0
AD1886A AD-AD1886A_15 Datasheet
261Kb / 28P
   AC 97 SoundMAX Codec
REV. 0
AD1881A AD-AD1881A_15 Datasheet
261Kb / 26P
   AC 97 SoundMAX Codec
REV. 0
AD1981BBSTZ AD-AD1981BBSTZ Datasheet
979Kb / 32P
   AC 97 SoundMAX Codec
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com