Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2141L Datasheet(PDF) 2 Page - Analog Devices

Part # ADSP-2141L
Description  highly integrated embedded security processor that incorporates a sophisticated
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2141L Datasheet(HTML) 2 Page - Analog Devices

  ADSP-2141L_15 Datasheet HTML 1Page - Analog Devices ADSP-2141L_15 Datasheet HTML 2Page - Analog Devices ADSP-2141L_15 Datasheet HTML 3Page - Analog Devices ADSP-2141L_15 Datasheet HTML 4Page - Analog Devices ADSP-2141L_15 Datasheet HTML 5Page - Analog Devices ADSP-2141L_15 Datasheet HTML 6Page - Analog Devices ADSP-2141L_15 Datasheet HTML 7Page - Analog Devices ADSP-2141L_15 Datasheet HTML 8Page - Analog Devices ADSP-2141L_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
REV. 0
ADSP-2141L
–2–
PUBLIC KEY ACCELERATOR
Accelerator for Math-Intensive Public Key Operations
Diffie-Hellman Negotiate: <29 ms (1024-Bit Modulus,
180-Bit Exponent)
RSA 1024-Bit Sign: <29 ms; RSA 1024-Bit Verify: 6 ms
DSA Sign: <39 ms; DSA Verify: <66 ms
KEY MANAGEMENT BLOCK
Laser-Programmed Unique Triple-DES Cryptovariable
Protects Off-Chip Storage
Support for Secure Storage of Both Secret Keys and
Public/Private Key Pairs
Trust-Model Rules Enforcement
Only Encrypted Keys May Be Exported Off the Chip
Internal Key Cache for 15 Keys—Can Be Expanded to
700 Keys On-Chip
Keys May Also Be Securely Stored Off-Chip, Allowing
Unlimited Storage
DSP CORE
40 MIPS Sustained Performance
Single-Cycle Instruction Execution
Single-Cycle Context Switch
Zero-Overhead Looping
Low Power Dissipation
16K Words (16K
24) On-Chip Program RAM
16K Words (16K
16) On-Chip Data RAM
64M Words Off-Chip Program and Data Memory
Programmable 16-Bit Interval Timer with Prescale
PCI BUS/CARDBUS INTERFACE
32-Bit 3.3 V Bus Interface
33 MHz or 40 MHz* Bus Speed
Bus Master and Target Modes
Can Directly DMA Between Crypto Functions and Other
PCI Bus Agents
*66 MHz speed pending chip characterization.
GENERAL DESCRIPTION
The ADSP-2141L SafeNet DSP is a highly integrated embedded
security processor that incorporates a sophisticated, general
purpose DSP, along with a number of high performance Cryp-
tographic function blocks, as well as PCI, DMA and Serial
EEPROM interfaces. It is fabricated in 0.35
µ CMOS triple-
layer metal technology and uses a 3.3 V power supply. It is
available in a 208-lead MQFP package with a commercial (0
°C
to 70
°C) temperature range.
DSP Core
The DSP is a standard Analog Devices ADSP-218x core with
full ADSP-2100 family compatibility. The ADSP-218x Core
combines the base DSP components from the ADSP-2100
family with the addition of two serial ports, a 16-bit internal
DMA port, a byte DMA port, a programmable timer, Flag I/O,
extensive interrupt capabilities, and on-chip program and data
memory. The external memory interface of the 218x core has
been extended to support up to 64M-words addressing for both
program and data memory. Some core enhancements have been
added in the ADSP-2141L, including on-chip security ROM
and interrupt functions. Refer to the Analog Devices ADSP-2183
data sheet for further information.
SafeNet CGX Library–Secure Kernel
The SafeNet CGX Library is a crypto library embodied as firm-
ware (a secure kernel) that is mask-programmed into ROM within
the DSP. This solution protects the library from tampering. The
CGX Library provides the Application Programming Interface
(API) to applications that require security services from the
ADSP-2141L. Those applications may be software executing in
user mode on the DSP, or they may be external host software
accessing the ADSP-2141L via a PCI bus. Approximately 40
Crypto commands—called CGX (CryptoGraphic eXtensions)—
are provided at the API and a simple control block structure is
used to pass arguments into the secure kernel and return status.
The CGX library includes integrated drivers for the various
hardware crypto blocks on the chip. This allows the program-
mer to ignore those details and concentrate on other product
design issues.
The CGX library firmware runs under a protected mode state
of the DSP as described in the Kernel Mode Control section
following. This guarantees the security integrity of the system
during the execution of CGX processes and, for example, prevents
disclosure of cryptographic key data or tampering with a
security operation.
Kernel Mode Control
The Kernel Mode Control subsystem is responsible for enforcing
the security perimeter around the cryptographic functions of
the ADSP-2141L. The device may operate in either user mode
(kernel space is not accessible) or kernel mode (kernel space is
accessible) at a given time. When in kernel mode, the kernel RAM
and certain protected crypto registers and functions (kernel
space) are accessible only to the CGX library firmware. The
CGX Library executes host-requested macro-level functions
and then returns control to the calling application. The kernel
mode control subsystem resets the DSP should any security
violation occur, such as attempting to access a protected
memory location while in user mode.


Similar Part No. - ADSP-2141L_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2141LKS-E1 AD-ADSP-2141LKS-E1 Datasheet
257Kb / 39P
   DSP
REV. 0
ADSP-2141LKS-N1 AD-ADSP-2141LKS-N1 Datasheet
257Kb / 39P
   DSP
REV. 0
More results

Similar Description - ADSP-2141L_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PR31100 PHILIPS-PR31100 Datasheet
282Kb / 26P
   Highly integrated embedded processor
1996 Aug 07
logo
Renesas Technology Corp
M66223FP RENESAS-M66223FP Datasheet
552Kb / 2P
   Mail Box That Incorporates a Complete CMOS Shared Memory Cell
logo
Microchip Technology
HCS361 MICROCHIP-HCS361_11 Datasheet
814Kb / 42P
   KEELOQ짰 Code Hopping Encoder incorporates high security,
2011
logo
Advantech Co., Ltd.
EVA-X4300 ADVANTECH-EVA-X4300 Datasheet
287Kb / 2P
   Highly Integrated x86 SoC for Industrial Embedded Platforms
logo
Broadcom Corporation.
BCM5823 BOARDCOM-BCM5823 Datasheet
121Kb / 1P
   SECURITY PROCESSOR
BCM5812 BOARDCOM-BCM5812 Datasheet
943Kb / 84P
   Security Processor
logo
Motorola, Inc
MPC185 MOTOROLA-MPC185 Datasheet
227Kb / 12P
   Security Processor
logo
ATMEL Corporation
AT91SAM7XC512 ATMEL-AT91SAM7XC512_08 Datasheet
765Kb / 47P
   Incorporates the ARM7TDMI ARM Thumb짰 Processor
AT91SAM7A3 ATMEL-AT91SAM7A3_06 Datasheet
463Kb / 39P
   Incorporates the ARM7TDMI ARM Thumb Processor
logo
List of Unclassifed Man...
MT7697 ETC2-MT7697 Datasheet
1Mb / 81P
   MT7697 is a highly integrated single chip which features an application processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com