Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-2163 Datasheet(PDF) 7 Page - Analog Devices

Part # ADSP-2163
Description  DSP Microcomputers with ROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-2163 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-2163_15 Datasheet HTML 3Page - Analog Devices ADSP-2163_15 Datasheet HTML 4Page - Analog Devices ADSP-2163_15 Datasheet HTML 5Page - Analog Devices ADSP-2163_15 Datasheet HTML 6Page - Analog Devices ADSP-2163_15 Datasheet HTML 7Page - Analog Devices ADSP-2163_15 Datasheet HTML 8Page - Analog Devices ADSP-2163_15 Datasheet HTML 9Page - Analog Devices ADSP-2163_15 Datasheet HTML 10Page - Analog Devices ADSP-2163_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
REV. 0
ADSP-216x
–7–
Program Memory Interface
The on-chip program memory address bus (PMA) and on-chip
program memory data bus (PMD) are multiplexed with the on-
chip data memory buses (DMA, DMD), creating a single exter-
nal data bus and a single external address bus. The external
data bus is bidirectional and is 24 bits wide to allow instruction
fetches from external program memory. Program memory may
contain code and data.
The external address bus is 14 bits wide. For the ADSP-216x,
these lines can directly address up to 16K words, of which 2K
are on-chip.
The data lines are bidirectional. The program memory select
(
PMS) signal indicates accesses to program memory and can be
used as a chip select signal. The write (
WR) signal indicates a
write operation and is used as a write strobe. The read (
RD)
signal indicates a read operation and is used as a read strobe or
output enable signal.
The ADSP-216x processors write data from their 16-bit regis-
ters to 24-bit program memory using the PX register to provide
the lower eight bits. When the processor reads 16-bit data from
24-bit program memory to a 16-bit data register, the lower eight
bits are placed in the PX register.
The program memory interface can generate 0 to 7 wait states for
external memory devices; default is to 7 wait states after
RESET.
Program Memory Maps
Program memory can be mapped in two ways, depending on the
state of the MMAP pin. Figure 4 shows the program memory
map for the ADSP-2165/ADSP-2166. Figures 5 and 6 show the
program memory maps for the ADSP-2161/ADSP-2162 and
ADSP-2163/ADSP-2164, respectively.
ADSP-2165/ADSP-2166
When MMAP = 0, on-chip program memory ROM occupies
12K words beginning at address 0x0000. Internal program
memory RAM occupies 1K words beginning at address 0x3000.
Off-chip program memory uses the 2K words beginning at
address 0x3800. The ADSP-2165/ADSP-2166 does not support
boot memory.
When MMAP = 1, 2K words of off-chip program memory begin
at address 0x0000. 10K words of on-chip program memory
ROM at 0x800 to 0x2FFF, and the remainder 2K words of
program memory ROM is at 0x3800 to 0x3FFF. Internal pro-
gram memory RAM occupies 1K words at address 0x300 to
0x33FF.
0x0000
2K
EXTERNAL
MMAP = 0
12K
24
INTERNAL
ROM
10K
24
INTERNAL
ROM
1K
24 RAM
RESERVED
2K
24
EXTERNAL
2K
24
INTERNAL
ROM
1K
24 RAM
RESERVED
MMAP = 1
0x2FFF
0x3000
0x33FF
0x3400
0x37FF
0x3800
0x3FFF
0x0000
0x2FFF
0x3000
0x33FF
0x3400
0x37FF
0x3800
0x3FFF
0x07FF
0x0800
Figure 4. ADSP-2165/ADSP-2166 Program Memory Maps
ADSP-2161/ADSP-2162
When MMAP = 0, on-chip program memory ROM occupies
8K words beginning at address 0x0000. Off-chip program
memory uses the remaining 8K words beginning at address
0x2000.
When MMAP = 1, 2K words of off-chip program memory begin
at address 0x0000. 6K words of on-chip program memory ROM
are at 0x0800 to 0x1FF0, and the remainder 2K words of pro-
gram memory ROM is at 0x3800 to 0x3FFF. An additional 6K
of off-chip program memory is at 0x2000 to 0x37FF.
MMAP = 0
8K
INTERNAL
ROM
RESERVED
MMAP = 1
0x0000
0x1FF0
0x1FFF
0x2000
0x3FFF
2K
EXTERNAL
RESERVED
0x0000
0x1FF0
0x1FFF
0x2000
0x3FFF
6K
INTERNAL
ROM
6K
EXTERNAL
2K
INTERNAL
ROM
0x7FFF
0x0800
0x37FF
0x3800
8K
EXTERNAL
Figure 5. ADSP-2161/ADSP-2162 Program Memory Maps
ADSP-216x
RESET
IRQ2
BR
BG
MMAP
SERIAL
PORT 0
SERIAL
PORT 1
PMS
RD
DMS BMS
ADDRESS DATA
CLKIN
XTAL
CLKOUT
VDD
GND
CLOCK OR
CRYSTAL
34
SCLK
SCLK
RFS OR
IRQ0
TFS OR
IRQ1
DT OR FO
DR OR FI
RFS
TFS
DT
DR
SERIAL
DEVICE
(OPTIONAL)
SERIAL
DEVICE
(OPTIONAL)
PROGRAM
MEMORY
(OPTIONAL)
AD
CS
OE
WE
DATA
MEMORY
&
PERIPHERALS
AD
CS
OE
WE
14
RW
16
D23-8
24
Figure 3. Basic System Configuration


Similar Part No. - ADSP-2163_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-2163BP-100 AD-ADSP-2163BP-100 Datasheet
243Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2163BP-100 AD-ADSP-2163BP-100 Datasheet
666Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2163BP-100 AD-ADSP-2163BP-100 Datasheet
668Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2163BP-100 AD-ADSP-2163BP-100 Datasheet
461Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
ADSP-2163BP-100 AD-ADSP-2163BP-100 Datasheet
667Kb / 64P
   ADSP-2100 Family DSP Microcomputers
REV. B
More results

Similar Description - ADSP-2163_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-216X AD-ADSP-216X Datasheet
243Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2166 AD-ADSP-2166_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2164 AD-ADSP-2164_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2162 AD-ADSP-2162_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2165 AD-ADSP-2165_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-2161 AD-ADSP-2161_15 Datasheet
245Kb / 39P
   DSP Microcomputers with ROM
REV. 0
ADSP-21MSP5859 AD-ADSP-21MSP5859 Datasheet
372Kb / 40P
   DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104 AD-ADSP-2104 Datasheet
333Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
ADSP-2104L AD-ADSP-2104L_15 Datasheet
335Kb / 36P
   Low Cost DSP Microcomputers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com