Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL6550C Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL6550C
Description  SAM Supervisor And Monitor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6550C Datasheet(HTML) 4 Page - Intersil Corporation

  ISL6550C Datasheet HTML 1Page - Intersil Corporation ISL6550C Datasheet HTML 2Page - Intersil Corporation ISL6550C Datasheet HTML 3Page - Intersil Corporation ISL6550C Datasheet HTML 4Page - Intersil Corporation ISL6550C Datasheet HTML 5Page - Intersil Corporation ISL6550C Datasheet HTML 6Page - Intersil Corporation ISL6550C Datasheet HTML 7Page - Intersil Corporation ISL6550C Datasheet HTML 8Page - Intersil Corporation ISL6550C Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
FN9036.4
January 18, 2005
Pin Descriptions
NOTE: Pin numbers refer to the 20 lead SOIC package. Please
check PINOUT diagrams for QFN pin numbers.
VCC (Positive Supply Voltage) Pin 1 - This power pin
supplies power to the IC; nominally 12V. It should be
bypassed directly to the GND pin with a 0.1
µF low ESR/ESL
capacitor.
GND (Signal Ground) Pin 6 - This power pin is the
reference ground connection for the IC, and any circuitry that
provides input/output to/from it.
VID0-VID4 (DAC Digital Input Code Control) Pins 15-11 -
These are the DAC digital input control code lines. VID0
represents the least significant bit (LSB) and VID4
represents the most significant bit (MSB). Table 1 shows all
of the codes, and their results. Note that setting all input
codes low produces the maximum voltage at BDAC. The
minimum voltage results when all codes are set high. Logic
zero is considered system ground. A floated input or an input
held higher than 2.0V is considered a logic one level. An
internal 10
µA current source pulls open VID pins to a logic
high (nominal 1.6V). The pins are also TTL and LVTTL
compatible.
PEN (Power Supply Enable) Pin 18 - This digital input pin
enables the external converter through the START or
PGOOD pins. A logic high (or float) enables the output
voltage, and a logic low disables it. This pin has a 10
µA pull-
up current source, so it can interface with an open-collector
or open-drain driver. When disabled, the START output is
low and the PGOOD output is low.
OVUVTH (Overvoltage/Undervoltage THreshold) Pin 8 -
This analog input pin is used to program the window
thresholds for the OV and UV comparators. The OV-UV
window is centered around the BDAC voltage and can be
programmed from
±5% to ±40% about the BDAC voltage.
This pin’s voltage sets the undervoltage threshold. Internal
circuitry sets the overvoltage threshold such that the two
thresholds are centered about BDAC, the DAC output
voltage. For example, if BDAC is 2.5V, and OVUVTH is 2.0V
(0.5V below BDAC), then the internal OV threshold is 3.0V
(0.5V above BDAC).
OVUVSEN (Overvoltage/Undervoltage SENse) Pin 19 -
This analog input pin is the sense voltage for Undervoltage
and Overvoltage purposes. A resistor divider from the BDAC
output sets the UV level, on the OVTH/UVTH pin; the IC will
internally mirror a similar voltage for OV, and then compare
them both to the OVUVSEN input.
DACHI (HIgh Limit of BDAC Voltage Range) Pin 9 - This
analog input pin sets the high level of the BDAC, and is
programmed through the external 3-resistor divider (R1, R2,
R3) shown in the block diagram.
DACLO (LOw Limit of BDAC Voltage Range) Pin 10 -
This analog input pin sets the low level of the BDAC, and is
programmed through the external 3-resistor divider shown in
the block diagram.
NOTE: A total resistance of around 50K is optimal for R1, R2, and
R3. Adjust the ratios of these resistors to get the desired DACHI and
DACLO voltage levels.
UVDLY (Under Voltage Delay) Pin 20 - This is an analog
input/output pin. When the Undervoltage threshold is
exceeded, a potential fault is detected. A capacitor tied to
the UVDLY pin is charged by an internal 10µA source. The
ramp time of the capacitor to the threshold voltage (5V
nominal) determines the delay. (no capacitor gives
essentially no delay).
VOPP (Positive Opamp Input) Pin 2 - This analog input pin
is the positive input of the Opamp.
VOPM (Minus Opamp Input) Pin 3 - This analog input pin
is the minus input of the Opamp.
VOPOUT (Opamp Output) Pin 4 - This analog output pin is
the output of the Opamp.
BDAC (Buffered Digital-to-Analog Converter) Pin 7 - This
analog output pin is the output of the 5-bit DAC. Setting all
input codes low produces the maximum voltage at BDAC.
The minimum voltage results when all codes are set high.
See Table 1 for codes.
VREF5 (5V Reference Voltage) Pin 5 - This is an analog
output pin, which provides a precision reference voltage for
setting DACHI and DACLO voltage levels.
START Pin 17 - This is an open-drain pull-down digital
output pin; it is pulled low when one or more of the monitored
conditions is not valid; the output goes high impedance (to
be pulled high externally through a pull-up resistor or
equivalent) if all conditions are met. See Logic Options Table
for the various conditions.
PGOOD (Power Good) Pin 18 - This is an open-drain pull-
down digital output pin; it is pulled low when one or more of
the monitored conditions is not valid; the output goes high
impedance (to be pulled high externally through a pull-up
resistor or equivalent)) if all conditions are met. See Logic
Options Table for the various conditions.
ISL6550A, ISL6550C


Similar Part No. - ISL6550C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6551 INTERSIL-ISL6551 Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6551 INTERSIL-ISL6551 Datasheet
616Kb / 26P
   ZVS Full Bridge PWM Controller
logo
Renesas Technology Corp
ISL6551 RENESAS-ISL6551 Datasheet
1Mb / 27P
   ZVS Full Bridge PWM Controller
Oct 28, 2015
logo
Intersil Corporation
ISL6551AB INTERSIL-ISL6551AB Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
ISL6551AB-T INTERSIL-ISL6551AB-T Datasheet
619Kb / 26P
   ZVS Full Bridge PWM Controller
More results

Similar Description - ISL6550C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS389006 TI-TPS389006 Datasheet
3Mb / 120P
[Old version datasheet]   TPS389006 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
JUNE 2023
TPS389006-Q1 TI-TPS389006-Q1 Datasheet
2Mb / 10P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
MARCH 2022
logo
Linear Technology
LTC1726 LINER-LTC1726_15 Datasheet
227Kb / 14P
   Triple Supply Monitor and P Supervisor with Adjustable Reset and Watchdog Timer
LTC1726 LINER-LTC1726 Datasheet
172Kb / 12P
   Triple Supply Monitor and uP Supervisor with Adjustable Reset and Watchdog Timer
logo
Texas Instruments
TPS389006-Q1 TI-TPS389006-Q1_V01 Datasheet
4Mb / 120P
[Old version datasheet]   TPS389006-Q1 Multichannel Overvoltage and Undervoltage I2C Programmable Voltage Supervisor and Monitor
REVISED MAY 2023
logo
Linear Technology
LTC1726 LINER-LTC1726_1 Datasheet
178Kb / 12P
   Triple Supply Monitor and 짰 Supervisor with Adjustable Reset and Watchdog Timer
logo
Microchip Technology
TC32M MICROCHIP-TC32M_13 Datasheet
155Kb / 14P
   ECONOMONITOR????3-Pin System Supervisor with Power Supply Monitor and Watchdog
11/27/12 2001-2012
logo
Intersil Corporation
X40020 INTERSIL-X40020 Datasheet
346Kb / 24P
   Dual Voltage Monitor with Intergrated CPU Supervisor and System Battery Switch
X40430 INTERSIL-X40430_06 Datasheet
405Kb / 26P
   Triple Voltage Monitor with Integrated CPU Supervisor
logo
Renesas Technology Corp
X40010 RENESAS-X40010 Datasheet
933Kb / 24P
   Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com